전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCLVP2108RGZR 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 CDCLVP2108RGZR
상세설명  16-LVPECL Output, High-Performance Clock Buffer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP2108RGZR 데이터시트(HTML) 3 Page - Texas Instruments

  CDCLVP2108RGZR Datasheet HTML 1Page - Texas Instruments CDCLVP2108RGZR Datasheet HTML 2Page - Texas Instruments CDCLVP2108RGZR Datasheet HTML 3Page - Texas Instruments CDCLVP2108RGZR Datasheet HTML 4Page - Texas Instruments CDCLVP2108RGZR Datasheet HTML 5Page - Texas Instruments CDCLVP2108RGZR Datasheet HTML 6Page - Texas Instruments CDCLVP2108RGZR Datasheet HTML 7Page - Texas Instruments CDCLVP2108RGZR Datasheet HTML 8Page - Texas Instruments CDCLVP2108RGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
CDCLVP2108
www.ti.com
SCAS878C – MAY 2009 – REVISED JANUARY 2016
Changes from Revision A (July 2009) to Revision B
Page
Revised descriptions of pins 8 and 5...................................................................................................................................... 4
Corrected VIL parameter description in Electrical Characteristics table for LVCMOS input ................................................... 7
Added footnote (2) to Electrical Characteristics table for LVPECL Output, VCC = 2.375 V to 2.625 V .................................. 7
Changed recommended resistor values in Figure 12(a) ...................................................................................................... 15
Changed recommended resistor values in Figure 16........................................................................................................... 17
Changes from Original (May, 2009) to Revision A
Page
Changed LVPECL output condition voltage range from 3 V to 2.625 V ................................................................................ 7
Changed random additive jitter specification (at fOUT = 2 GHz, VIN,DIFF,PP = 0.2 V, VICM = 1 V, 10 kHz to 20 MHz) from
0.007 ps, RMS to 0.061 ps, RMS in Electrical Characteristics: LVPECL Output at VCC = 2.375 V to 3.6 V ......................... 8
Changed random additive jitter specification (at fOUT = 2 GHz, VIN,DIFF,PP = 0.2 V, VICM = 1 V, 10 kHz to 20 MHz) from
0.011 ps, RMS to 0.077 ps, RMS in Electrical Characteristics: LVPECL Output at VCC = 3 V to 3.6 V ............................... 9
Corrected Figure 7 ............................................................................................................................................................... 12
Corrected Figure 9 ............................................................................................................................................................... 12
Added Input Termination section.......................................................................................................................................... 16
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CDCLVP2108


유사한 부품 번호 - CDCLVP2108RGZR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCLVP2108RGZR TI1-CDCLVP2108RGZR Datasheet
778Kb / 24P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
More results

유사한 설명 - CDCLVP2108RGZR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1216 TI1-CDCLVP1216 Datasheet
773Kb / 22P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
[Old version datasheet]   Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
[Old version datasheet]   Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
[Old version datasheet]   Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com