전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si82390BD-IS 데이터시트(PDF) 8 Page - Silicon Laboratories

부품명 Si82390BD-IS
상세설명  4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si82390BD-IS 데이터시트(HTML) 8 Page - Silicon Laboratories

Back Button Si82390BD-IS Datasheet HTML 4Page - Silicon Laboratories Si82390BD-IS Datasheet HTML 5Page - Silicon Laboratories Si82390BD-IS Datasheet HTML 6Page - Silicon Laboratories Si82390BD-IS Datasheet HTML 7Page - Silicon Laboratories Si82390BD-IS Datasheet HTML 8Page - Silicon Laboratories Si82390BD-IS Datasheet HTML 9Page - Silicon Laboratories Si82390BD-IS Datasheet HTML 10Page - Silicon Laboratories Si82390BD-IS Datasheet HTML 11Page - Silicon Laboratories Si82390BD-IS Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Table 2.3. Si82397 Dual Drivers with No UVLO Status
VIA
VIB
EN1
VDDI
VDDA
VDDB
VOA
VOB
Notes
H
L
H
P
P
P
H
L
L
H
H
P
P
P
L
H
H
H
H
P
P
P
H
H
L
L
H
P
P
P
L
L
X
X
L/NC
P
P
P
L
L
Device disabled
X
X
X
UP2
P
P
L
L
Fail-safe output when
VDDI is unpowered
H
X
H
P
P
UP
H
UD3
VOA depends on VDDA
state
L
X
H
P
P
UP
L
UD
X
H
H
P
UP
P
UD
H
VOB depends on VDDB
state
X
L
H
P
UP
P
UD
L
Note:
1. The EN pin needs to be pulled down with a 100 kΩ resistor externally to GND.
2. The chip can be powered through the VIA,VIB input ESD diodes even if VDDI is unpowered. It is recommended that inputs be left
unpowered when VDDI is unpowered. The EN pin has a special ESD circuit that prevents the IC from powering up through the
EN pin.
3. UD = undetermined if same side power is UP.
Table 2.4. Si82394/8 PWM Input HS/LS Drivers with UVLO Status
PWM
EN1
VDDI
VDDA
VDDB
VOA
VOB
RDY
Notes
H
H
P
P
P
H
L
H
See Dead-time note and
Figure 2.18 Dead Time
Waveforms for High-
Side/Low-Side Drivers on
page 12 for timing
L
H
P
P
P
L
H
H
X
L/NC
P
P
P
L
L
H
Device disabled
X
X
UP2
P
P
L
L
UD3
Fail-safe output when
VDDI unpowered
H
H
P
P
UP
H
UD
L
VOA depends on VDDA
state
L
H
P
P
UP
L
UD
L
H
H
P
UP
P
UD
L
L
VOB depends on VDDB
state
L
H
P
UP
P
UD
H
L
Note:
1. The EN pin needs to be pulled down with a 100 kΩ resistor externally to GND.
2. The chip can be powered through the PWM input ESD diodes even if VDDI is unpowered. It is recommended that inputs be left
unpowered when VDDI is unpowered. The EN pin has a special ESD circuit that prevents the IC from powering up through the
EN pin.
3. UD = undetermined if same side power is UP.
Si8239x Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 0.9 | 7


유사한 부품 번호 - Si82390BD-IS

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
Si82390BD-IS SILABS-Si82390BD-IS Datasheet
1Mb / 38P
   Enhanced output UVLO safety
logo
Skyworks Solutions Inc.
SI82390BD-IS SKYWORKS-SI82390BD-IS Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
SI82390BD-IS3 SKYWORKS-SI82390BD-IS3 Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
More results

유사한 설명 - Si82390BD-IS

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI8239X SKYWORKS-SI8239X Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
logo
Silicon Laboratories
SI823X SILABS-SI823X_18 Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
SI823X SILABS-SI823X Datasheet
444Kb / 52P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
List of Unclassifed Man...
SI8234AB-C-IS1 ETC2-SI8234AB-C-IS1 Datasheet
637Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
Skyworks Solutions Inc.
SI823X SKYWORKS-SI823X Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
SI8285 SKYWORKS-SI8285 Datasheet
902Kb / 29P
   SiC FET-Ready ISODrivers with System Safety Features
Revision 2.0 April, 2021
logo
Silicon Laboratories
SI8233 SILABS-SI8233 Datasheet
907Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS
logo
Skyworks Solutions Inc.
SI8252X SKYWORKS-SI8252X Datasheet
721Kb / 28P
   4.0 A Symmetric Drive ISODrivers with 20 V VDDIH, Low Propagation Delay and High Transient Immunity.
Revision 206413A November, 2022
SI823HX SKYWORKS-SI823HX Datasheet
1Mb / 50P
   4.0 A Symmetric Drive ISODrivers with Low Propagation Delay and High Transient Immunity
Revision 0.33
logo
Silicon Laboratories
SI8220 SILABS-SI8220 Datasheet
205Kb / 28P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com