전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL23EP08SC-1 데이터시트(PDF) 5 Page - Silicon Laboratories

부품명 SL23EP08SC-1
상세설명  Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP08SC-1 데이터시트(HTML) 5 Page - Silicon Laboratories

  SL23EP08SC-1 Datasheet HTML 1Page - Silicon Laboratories SL23EP08SC-1 Datasheet HTML 2Page - Silicon Laboratories SL23EP08SC-1 Datasheet HTML 3Page - Silicon Laboratories SL23EP08SC-1 Datasheet HTML 4Page - Silicon Laboratories SL23EP08SC-1 Datasheet HTML 5Page - Silicon Laboratories SL23EP08SC-1 Datasheet HTML 6Page - Silicon Laboratories SL23EP08SC-1 Datasheet HTML 7Page - Silicon Laboratories SL23EP08SC-1 Datasheet HTML 8Page - Silicon Laboratories SL23EP08SC-1 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Rev 1.0, May 18, 2006
Page 5 of 15
SL23EP08
Absolute Maximum Ratings
Operating Conditions: Unless otherwise stated VDD=2.5V to 3.3V and for both C and I Grades
Description
Condition
Min.
Max.
Unit
Supply voltage, VDD
– 0.5
4.6
V
All Inputs and Outputs
– 0.5
VDD+0.5
V
Ambient Operating Temperature
In operation, C-Grade
0
70
°C
Ambient Operating Temperature
In operation, I-Grade
– 40
85
°C
Storage Temperature
No power is applied
– 65
150
°C
Junction Temperature
In operation, power is applied
125
°C
Soldering Temperature
260
°C
ESD Rating (Human Body Model)
MIL-STD-883, Method 3015
2000
V
Symbol Description
Condition
Min.
Max.
Unit
VDD3.3
3.3V Supply Voltage
3.3V+/-10%
3.0
3.6
V
VDD2.5
2.5V Supply Voltage
2.5V+/-10%
2.3
2.7
V
TA
Operating Temperature(Ambient)
Commercial
0
70
°C
Industrial
–40
85
°C
CLOAD
Load Capacitance
<100 MHz, 3.3V with Standard or High
drive
30
pF
<100 MHz, 2.5V with High drive
30
pF
<133.3 MHz, 3.3V with Standard or
High drive
22
pF
<133.3 MHz, 2.5V with High drive
22
pF
<133.3 MHz, 2.5V with Standard drive
15
pF
>133.3 MHz, 3.3V with Standard or
High drive
15
pF
>133.3 MHz, 2.5V with High drive
15
pF
CIN
Input Capacitance
S1, S2 and CLKIN pins
5
pF
CLBW
Closed-loop bandwidth
3.3V, (typical)
1.2
MHz
2.5V, (typical)
0.8
MHz
ZOUT
Output Impedance
3.3V, (typical), High drive
29
3.3V, (typical), Standard drive
41
2.5V, (typical), High drive
37
2.5V, (typical), Standard drive
41


유사한 부품 번호 - SL23EP08SC-1

제조업체부품명데이터시트상세설명
logo
SpectraLinear Inc
SL23EP08SC-1 SPECTRALINEAR-SL23EP08SC-1 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08SC-1H SPECTRALINEAR-SL23EP08SC-1H Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08SC-1HT SPECTRALINEAR-SL23EP08SC-1HT Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08SC-1T SPECTRALINEAR-SL23EP08SC-1T Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results

유사한 설명 - SL23EP08SC-1

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
logo
Silicon Laboratories
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com