전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL23EP09ZI-1H 데이터시트(PDF) 2 Page - Silicon Laboratories

부품명 SL23EP09ZI-1H
상세설명  Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP09ZI-1H 데이터시트(HTML) 2 Page - Silicon Laboratories

  SL23EP09ZI-1H Datasheet HTML 1Page - Silicon Laboratories SL23EP09ZI-1H Datasheet HTML 2Page - Silicon Laboratories SL23EP09ZI-1H Datasheet HTML 3Page - Silicon Laboratories SL23EP09ZI-1H Datasheet HTML 4Page - Silicon Laboratories SL23EP09ZI-1H Datasheet HTML 5Page - Silicon Laboratories SL23EP09ZI-1H Datasheet HTML 6Page - Silicon Laboratories SL23EP09ZI-1H Datasheet HTML 7Page - Silicon Laboratories SL23EP09ZI-1H Datasheet HTML 8Page - Silicon Laboratories SL23EP09ZI-1H Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Rev 2.0, May 12, 2008
Page 2 of 14
SL23EP09
Pin Configuration
CLKA1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CLKOUT
CLKA4
CLKA3
VDD
GND
CLKB4
CLKB3
S1
CLKIN
CLKA2
VDD
GND
CLKB1
CLKB2
S2
Pin Description
16-Pin SOIC and TSSOP
Pin
Number
Pin Name
Pin Type
Pin Description
1
CLKIN
Input
Reference Frequency Clock Input. Weak pull-down (250k
Ω).
2
CLKA1
Output
Buffered Clock Output, Bank A. Weak pull-
down (250kΩ).
3
CLKA2
Output
Buffered Clock Output, Bank A. Weak pull-
down (250kΩ).
4
VDD
Power
3.3V or 2.5V Power Supply.
5
GND
Power
Power Ground.
6
CLKB1
Output
Buffered Clock Output, Bank B. Weak pull-
down (250kΩ).
7
CLKB2
Output
Buffered Clock Output, Bank B. Weak pull-
down (250kΩ).
8
S2
Input
Select Input, select pin S2. Weak pull-
up (250kΩ).
9
S1
Input
Select Input, select pin S1. Weak pull-
up (250kΩ).
10
CLKB3
Output
Buffered Clock Output, Bank B. Weak pull-
down (250kΩ).
11
CLKB4
Output
Buffered Clock Output, Bank B. Weak pull-
down (250kΩ).
12
GND
Power
Power Ground.
13
VDD
Power
3.3V or 2.5V Power Supply.
14
CLKA3
Output
Buffered Clock Output, Bank A. Weak pull-
down (250kΩ).
15
CLKA4
Output
Buffered Clock Output, Bank A. Weak pull-
down (250kΩ).
16
CLKOUT
Output
Buffered Clock Output, PLL Internal Feedback Output. Weak pull-
down (250kΩ).


유사한 부품 번호 - SL23EP09ZI-1H

제조업체부품명데이터시트상세설명
logo
SpectraLinear Inc
SL23EP09ZI-1H SPECTRALINEAR-SL23EP09ZI-1H Datasheet
156Kb / 13P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP09ZI-1HT SPECTRALINEAR-SL23EP09ZI-1HT Datasheet
156Kb / 13P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results

유사한 설명 - SL23EP09ZI-1H

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
logo
Silicon Laboratories
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com