전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS1004IT14T 데이터시트(PDF) 10 Page - Silicon Laboratories

부품명 TS1004IT14T
상세설명  THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1004IT14T 데이터시트(HTML) 10 Page - Silicon Laboratories

Back Button TS1004IT14T Datasheet HTML 6Page - Silicon Laboratories TS1004IT14T Datasheet HTML 7Page - Silicon Laboratories TS1004IT14T Datasheet HTML 8Page - Silicon Laboratories TS1004IT14T Datasheet HTML 9Page - Silicon Laboratories TS1004IT14T Datasheet HTML 10Page - Silicon Laboratories TS1004IT14T Datasheet HTML 11Page - Silicon Laboratories TS1004IT14T Datasheet HTML 12Page - Silicon Laboratories TS1004IT14T Datasheet HTML 13Page - Silicon Laboratories TS1004IT14T Datasheet HTML 14Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TS1002/TS1004
Page 10
TS1002/4 Rev. 1.0
In the event that an external RLOAD in parallel with
CLOAD appears in the application, the use of an RISO
results in gain accuracy loss because the external
series RISO forms a voltage-divider with the external
load resistor RLOAD.
Configuring the TS1002 or the TS1004 into a
Nanowatt Analog Comparator
Although optimized for use as an operational
amplifier, these amplifiers can also be used as a rail-
to-rail I/O comparator as illustrated in Figure 7.
External hysteresis can be employed to minimize the
risk of output oscillation. The positive feedback
circuit causes the input threshold to change when
the output voltage changes state. The diagram in
Figure 8 illustrates the amplifiers’ analog comparator
hysteresis band and output transfer characteristic.
The design of an analog comparator using the
TS1002 or the TS1004 is straightforward. In this
application, a 1.5-V power supply (VDD) was used
and the resistor divider network formed by RD1 and
RD2 generated a convenient reference voltage
(VREF) for the circuit at ½ the supply voltage, or
0.75V, while keeping the current drawn by this
resistor divider low. Capacitor C1 is used to filter any
extraneous
noise
that
could
couple
into
the
amplifer’s inverting input.
In this application, the desired hysteresis band was
set to 100mV (VHYB) with a desired high trip-point
(VHI) set at 1V and a desired low trip-point (VLO) set
at 0.9V.
Since these amplifers draw very little supply current
(0.6µA per amplifier, typical), it is desired that the
design
of
an
analog comparator
using
these
amplfiers should also use as little current as
practical. The first step in the design, therefore, was
to set the feedback resistor R3:
R3 = 10M
Calculating a value for R1 is given by the following
expression:
R1 = R3 x (VHYB/VDD)
Substituting VHYB = 100mV, VDD = 1.5V, and R3 =
10M
Ω into the equation above yields:
R1 = 667k
The following expression was then used to calculate
a value for R2:
R2 = 1/[VHI/(VREF x R1) – (1/R1) – (1/R3)]
Substituting VHI = 1V, VREF = 0.75V, R1 = 667k
Ω,
and R3 = 10M
Ω into the above expression yields:
R2 = 2.5M
Figure 8: Analog Comparator Hysteresis Band and Output
Switching Points.
Figure 7: A NanoWatt Analog Comparator with User-
Programmable Hysteresis.
Figure 6: TS1002/TS1004 Transient Response for RISO = 50kΩ
and CLOAD = 500pF.
VIN
VOUT


유사한 부품 번호 - TS1004IT14T

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS1004IT14T TOUCHSTONE-TS1004IT14T Datasheet
830Kb / 13P
   THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
TS1004IT14TP TOUCHSTONE-TS1004IT14TP Datasheet
830Kb / 13P
   THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
More results

유사한 설명 - TS1004IT14T

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS1002 TOUCHSTONE-TS1002 Datasheet
830Kb / 13P
   THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
TS1003 SILABS-TS1003 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
logo
Touchstone Semiconducto...
TS1001 TOUCHSTONE-TS1001 Datasheet
507Kb / 11P
   THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
Touchstone Semiconducto...
TS1003 TOUCHSTONE-TS1003 Datasheet
882Kb / 11P
   THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
logo
Linear Technology
LT1679 LINER-LT1679_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1678 LINER-LT1678_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1678 LINER-LT1678 Datasheet
297Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1490A LINER-LT1490A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com