전자부품 데이터시트 검색엔진 |
|
SI4831-B30 데이터시트(PDF) 3 Page - Silicon Laboratories |
|
SI4831-B30 데이터시트(HTML) 3 Page - Silicon Laboratories |
3 / 38 page AN555 Rev. 0.2 3 Band15 FM4 76–90 MHz 75 µs Separation = 6 dB, RSSI = 20 187 Band16 FM4 76–90 MHz 75 µs Separation = 12 dB, RSSI = 28 197 Band17 FM5 64–87 MHz 50 µs Separation = 6 dB, RSSI = 20 207 Band18 FM5 64–87 MHz 50 µs Separation = 12 dB, RSSI = 28 217 Band19 FM5 64–87 MHz 75 µs Separation = 6 dB, RSSI = 20 227 Band20 FM5 64–87 MHz 75 µs Separation = 12 dB, RSSI = 28 237 Band21 AM1 520–1710 kHz 247 Band22 AM2 522–1620 kHz 257 Band23 AM3 504–1665 kHz 267 Band24 AM4 520–1730 kHz 277 Band25 AM5 510–1750 kHz 287 Band26 SW1 5.6–6.4 MHz 297 Band27 SW2 5.95–6.2 MHz 307 Band28 SW3 6.8–7.6 MHz 317 Band29 SW4 7.1–7.6 MHz 327 Band30 SW5 9.2–10 MHz 337 Band31 SW6 9.2–9.9 MHz 347 Band32 SW7 11.45–12.25 MHz 357 Band33 SW8 11.6–12.2 MHz 367 Band34 SW9 13.4–14.2 MHz 377 Band35 SW10 13.57–13.87 MHz 387 Band36 SW11 15–15.9 MHz 397 Band37 SW12 15.1–15.8 MHz 407 Band38 SW13 17.1–18 MHz 417 Band39 SW14 17.48–17.9 MHz 427 Band40 SW15 21.2–22 MHz 437 Band41 SW16 21.45–21.85 MHz 447 Table 2. Band Sequence Definition (Continued) Band Number Band Name Band Frequency Range De-emphasis Stereo LED on Threshold (Only for Si483x-B) Total R to GND (k , 1%) |
유사한 부품 번호 - SI4831-B30 |
|
유사한 설명 - SI4831-B30 |