전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4840 데이터시트(PDF) 7 Page - Silicon Laboratories

부품명 SI4840
상세설명  Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4840 데이터시트(HTML) 7 Page - Silicon Laboratories

Back Button SI4840 Datasheet HTML 3Page - Silicon Laboratories SI4840 Datasheet HTML 4Page - Silicon Laboratories SI4840 Datasheet HTML 5Page - Silicon Laboratories SI4840 Datasheet HTML 6Page - Silicon Laboratories SI4840 Datasheet HTML 7Page - Silicon Laboratories SI4840 Datasheet HTML 8Page - Silicon Laboratories SI4840 Datasheet HTML 9Page - Silicon Laboratories SI4840 Datasheet HTML 10Page - Silicon Laboratories SI4840 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
AN602
Rev. 0.3
7
Figure 2. Typical 2-Band Selection Circuit for Europe
2.2.3. Typical 2-band Application for US
Figure 3 and Table 5 show the band and resistor value details for a typical 2-band application for US.
Figure 3. Typical 2-Band Selection Circuit for US
Table 5. Typical US 2-Band Selection
Band
Number
Band
Name
Band Frequency
Range
De-emphasis (FM)
Channel space (AM)
Stereo LED On
Conditions (Only for
Si4840/44)
Total R to GND
(k
, 1%)
Band2
FM1
87–108 MHz
75 µs
Separation = 12 dB,
RSSI = 28
 57
Band21
AM1
520–1710 kHz
 10 kHz
 247
FM
AM
R4
180k 1%
R3
243k 1%
R5
77k 1%
12
3
S2
BAND
TUNE1
FM
AM
R4
190k 1%
R3
253k 1%
R5
57k 1%
12
3
S2
BAND
TUNE1


유사한 부품 번호 - SI4840

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4840 SILABS-SI4840 Datasheet
1Mb / 42P
   Si4822/26/27/40/44-DEMO BOARD TEST PROCEDURE
SI4840 SILABS-SI4840 Datasheet
1Mb / 71P
   Si48XX ATDD PROGRAMMING GUIDE
SI4840 SILABS-SI4840 Datasheet
1Mb / 3P
   Broadcast Analog Tuning Digital Display AM/FM/SW Radio Receiver
SI4840-A10 SILABS-SI4840-A10 Datasheet
1Mb / 26P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4840-A10 SKYWORKS-SI4840-A10 Datasheet
2Mb / 26P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.4 to Revision 1.0
More results

유사한 설명 - SI4840

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
AN400 SILABS-AN400 Datasheet
1Mb / 20P
   Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN383 SILABS-AN383 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN350 SILABS-AN350 Datasheet
1Mb / 8P
   Si4708/09 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN738 SILABS-AN738 Datasheet
1Mb / 37P
   Si4825/36-A ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN555 SILABS-AN555 Datasheet
1Mb / 38P
   Si483X-B/Si4820/24 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN603 SILABS-AN603 Datasheet
1Mb / 42P
   Si4822/26/27/40/44-DEMO BOARD TEST PROCEDURE
logo
Wolfson Microelectronic...
WM7210-1702-MS5-M-REV1 WOLFSON-WM7210-1702-MS5-M-REV1 Datasheet
167Kb / 8P
   Schematic and Layout
logo
Fairchild Semiconductor
AN-5061 FAIRCHILD-AN-5061 Datasheet
129Kb / 4P
   Layout Guidelines
logo
Silicon Laboratories
AN644 SILABS-AN644 Datasheet
1Mb / 15P
   Si477X LAYOUT GUIDELINES
logo
Fairchild Semiconductor
AN-1577 FAIRCHILD-AN-1577 Datasheet
622Kb / 6P
   SG1577A Layout Guidelines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com