전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4785 데이터시트(PDF) 10 Page - Silicon Laboratories

부품명 SI4785
상세설명  Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4785 데이터시트(HTML) 10 Page - Silicon Laboratories

Back Button SI4785 Datasheet HTML 6Page - Silicon Laboratories SI4785 Datasheet HTML 7Page - Silicon Laboratories SI4785 Datasheet HTML 8Page - Silicon Laboratories SI4785 Datasheet HTML 9Page - Silicon Laboratories SI4785 Datasheet HTML 10Page - Silicon Laboratories SI4785 Datasheet HTML 11Page - Silicon Laboratories SI4785 Datasheet HTML 12Page - Silicon Laboratories SI4785 Datasheet HTML 13Page - Silicon Laboratories SI4785 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
AN383
10
Rev. 0.8
2.4. Si47xx 3x3 mm Bill of Materials
The required bill of materials for Figure 1 is shown in Table 6.
The optional bill of materials for Figure 1 is shown in Table 7.
Table 6. Required Bill of Materials
Designator
Description
Note
C1
VD/VDD Supply bypass capacitor,
22 nF, 10%, Z5U/X7R
C3
VI0 Supply bypass capacitor,
100 nF, 10%, Z5U/X7R
For supply noise mitigation.
Optional for Si47xx rev C and earlier parts.
For Si47xx rev D parts, C3 is required.
R12
DOUT current limiting resistor, 604
For digital audio output
(Si4705/06/21/31/35/37/39/8x only)
R13
DCLK current limiting resistor, 25
–2 k
For digital audio
(Si4705/06/1x/2x/31/35/37/39/8x only)
R14
DFS current limiting resistor, 25
–2 k
For digital audio output
(Si4705/06/21/31/35/37/39/8x only)
R15
DFS current limiting resistor, 25
–2 k
For digital audio input (Si471x/2x only)
R16
DIN current limiting resistor, 25
–2 k
For digital audio input (Si471x/2x only)
U1
Silicon Laboratories Si47xx,
3x3 mm, 20 pin, QFN
Table 7. Optional Bill of Materials
Designator
Description
Note
C2
VA Supply bypass capacitor,
22 nF, 10%, Z5U/X7R
For supply noise mitigation (Si4702/03 only)
C6, C7
AC coupling capacitor,
0.39 µF, X7R/X5R
For analog audio input
(Si471x/2x only)
C8, C9
AC coupling capacitor,
0.39 µF, X7R/X5R
For analog audio output
C10, C11
Crystal load capacitor, 22 pF, 5%, C0G
For internal oscillator option
C12, C13
Noise mitigation capacitor
2.2 pF, C0G
For DFS noise mitigation purpose
R2–R6
Current limiting resistor, 25–2 k
For digital system noise mitigation
R7,R8
Pullup resistor, 4.7 k
For I2C bus mode communication
R1, R9, R10, R11,
R17, R18
0
 jumper
For universal layout design supporting all
Si47xx
X1
Crystal, Epson FC-135
For internal oscillator feature


유사한 부품 번호 - SI4785

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4785 SILABS-SI4785 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
Si4785 SILABS-Si4785 Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
More results

유사한 설명 - SI4785

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
AN400 SILABS-AN400 Datasheet
1Mb / 20P
   Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN350 SILABS-AN350 Datasheet
1Mb / 8P
   Si4708/09 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN738 SILABS-AN738 Datasheet
1Mb / 37P
   Si4825/36-A ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN555 SILABS-AN555 Datasheet
1Mb / 38P
   Si483X-B/Si4820/24 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN602 SILABS-AN602 Datasheet
1Mb / 38P
   Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
Wolfson Microelectronic...
WM7210-1702-MS5-M-REV1 WOLFSON-WM7210-1702-MS5-M-REV1 Datasheet
167Kb / 8P
   Schematic and Layout
logo
Fairchild Semiconductor
AN-5061 FAIRCHILD-AN-5061 Datasheet
129Kb / 4P
   Layout Guidelines
logo
Silicon Laboratories
AN644 SILABS-AN644 Datasheet
1Mb / 15P
   Si477X LAYOUT GUIDELINES
logo
Fairchild Semiconductor
AN-1577 FAIRCHILD-AN-1577 Datasheet
622Kb / 6P
   SG1577A Layout Guidelines
logo
Texas Instruments
TLV320AIC24 TI-TLV320AIC24 Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com