전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPPU100-T033EI 데이터시트(PDF) 2 Page - Total Power International

부품명 TPPU100-T033EI
상세설명  ACCOMMODATE UNIVERSAL AC SOURCES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOTAL-POWER [Total Power International]
홈페이지  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPPU100-T033EI 데이터시트(HTML) 2 Page - Total Power International

  TPPU100-T033EI Datasheet HTML 1Page - Total Power International TPPU100-T033EI Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE / CURRENT RATINGS CHART
TRIPLE OUTPUT
MAIN VO1
@◇
AUX. VO2 @▲◇
AUX. VO3 ●◇
MODEL NO.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
TPPU100-T050IE
7.0A
5.0V
5.0A
12.0V
1.0A
5.0V
TPPU100-T050KK
(
TPPU100-31)
7.0A
5.0V
4.0A
15.0V
0.4A
15.0V
TPPU100-T050II
(
TPPU100-32)
7.0A
5.0V
5.0A
12.0V
0.5A
12.0V
TPPU100-T033EI
11.0A
3.3V
9.0A
5.0V
1.0A
12.0V
TPPU100-T033KK
10.0A
3.3V
4.0A
15.0V
0.6A
15.0V
TPPU100-T033II
10.0A
3.3V
5.0A
12.0V
0.8A
12.0V
Symbol: " " OVP built-in. "@" Adjustable. "#" Remote sensing. "▲" Magnetic Amplifier.
"◇" Floating (or isolated) output. "●" Installed with Post Regulator.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 920.0g (32.5 Oz.)
SINGLE OUTPUT
MAIN VO1
@#
MODEL NO.
Typ.
Volt.
TPPU100-S033250
25.0A
3.3V
TPPU100-S050200
(
TPPU100-10)
20.0A
5.0V
TPPU100-S120080
8.0A
12.0V
TPPU100-S150075
7.5A
15.0V
TPPU100-S240042
(
TPPU100-13)
4.2A
24.0V
TPPU100-S280036
3.6A
28.0V
TPPU100-S360028
2.8A
36.0V
TPPU100-S480021
2.1A
48.0V
DUAL OUTPUT
MAIN VO1
@◇
AUX. VO2 @▲◇
MODEL NO.
Typ.
Volt.
Typ.
Volt.
TPPU100-D050I
(
TPPU100-20)
8.0A
5.0V
5.0A
12.0V
TPPU100-D120I
(
TPPU100-21)
4.2A
12.0V
4.2A
12.0V
TPPU100-D050K
8.0A
5.0V
4.0A
15.0V
TPPU100-D150K
(
TPPU100-23)
3.4A
15.0V
3.4A
15.0V
TPPU100-D033I
11.0A
3.3V
5.0A
12.0V
TPPU100-D033K
11.0A
3.3V
4.0A
15.0V
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT
SINGLE OUTPUT
DUAL OUTPUT
TRIPLE OUTPUT
Status/
Control
ASSIGNMENT
AC-
L
AC-
N
AC-
G
+VO1 +S -VO1 -S
NC
+VO1 -VO1 +VO2 -VO2
NC
+VO1 -VO1 +VO2 -VO2 +VO3 -VO3 NC
Log.
Inh.
P.Ok
CNTR & Pin#
28
30
32
4,6
8
12,14 10
16,18,
24,26
4
6
8
10
12,14,16
18,24,26
4,6
8,10
12
14
16
18
24,26 20
22
Mating connector: DIN 41612-H15 Female
Total Power International, Inc.
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com


유사한 부품 번호 - TPPU100-T033EI

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
TPPU-100 TOTAL-POWER-TPPU-100 Datasheet
393Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION
TPPU-60 TOTAL-POWER-TPPU-60 Datasheet
390Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPPU60 TOTAL-POWER-TPPU60 Datasheet
391Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC
logo
TECH PUBLIC Electronics...
TPPUSB3FR4 TECHPUBLIC-TPPUSB3FR4 Datasheet
616Kb / 4P
   Low Capactionce 4-Line Uni-directional TVS Diode
More results

유사한 설명 - TPPU100-T033EI

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
TPMI100 TOTAL-POWER-TPMI100 Datasheet
156Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
RSG Electronic Componen...
HPU100-S033250 RSG-HPU100-S033250 Datasheet
223Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
Total Power Internation...
TPMI19 TOTAL-POWER-TPMI19 Datasheet
210Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPPU-60 TOTAL-POWER-TPPU-60 Datasheet
390Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPIMP151 TOTAL-POWER-TPIMP151 Datasheet
303Kb / 3P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI63 TOTAL-POWER-TPMI63 Datasheet
169Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
RSG Electronic Componen...
HPU60-S025180 RSG-HPU60-S025180 Datasheet
210Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
Total Power Internation...
TPMI40 TOTAL-POWER-TPMI40 Datasheet
153Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI43 TOTAL-POWER-TPMI43 Datasheet
178Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPEMG75 TOTAL-POWER-TPEMG75 Datasheet
376Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com