전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4711-B30 데이터시트(PDF) 5 Page - Silicon Laboratories

부품명 SI4711-B30
상세설명  Si4710/11-B30 FM RADIO TRANSMITTER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4711-B30 데이터시트(HTML) 5 Page - Silicon Laboratories

  SI4711-B30 Datasheet HTML 1Page - Silicon Laboratories SI4711-B30 Datasheet HTML 2Page - Silicon Laboratories SI4711-B30 Datasheet HTML 3Page - Silicon Laboratories SI4711-B30 Datasheet HTML 4Page - Silicon Laboratories SI4711-B30 Datasheet HTML 5Page - Silicon Laboratories SI4711-B30 Datasheet HTML 6Page - Silicon Laboratories SI4711-B30 Datasheet HTML 7Page - Silicon Laboratories SI4711-B30 Datasheet HTML 8Page - Silicon Laboratories SI4711-B30 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Si4710/11-B30
Rev. 1.1
5
Table 3. DC Characteristics
Test conditions: VRF = 118 dBµV, stereo, f = 68.25 kHz, fpilot = 6.75 kHz, REFCLK = 32.768 kHz, unless otherwise specified.
Production test conditions: VDD = 3.3 V, VIO = 3.3 V, TA = 25 °C, FRF = 98 MHz.
Characterization test conditions: VDD = 2.7 to 5.5 V, VIO = 1.5 to 3.6 V, TA = –20 to 85 °C, FRF = 76–108 MHz.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
FM Transmitter from Line Input
TX Supply Current
ITX
18.8
22.8
mA
TX Interface Supply Current
IIO
—320
600
µA
FM Transmitter from Digital Audio Input
TX Supply Current
IDTX
DCLK = 3.072 MHz
18.3
mA
TX Interface Supply Current
IDIO
DCLK = 3.072 MHz
320
µA
Supplies and Interface
VDD Powerdown Current
IDD
Powerdown mode
10
20
µA
VIO Interface Powerdown Current
IIO
SCLK, RCLK inactive
Powerdown mode
—3
10
µA
High Level Input Voltage1
VIH
0.7 x VIO
VIO +0.3
V
Low Level Input Voltage1
VIL
–0.3
0.3 x VIO
V
High Level Input Current1
IIH
VIN = VIO =3.6 V
–10
10
µA
Low Level Input Current1
IIL
VIN =0V, VIO =3.6 V
–10
10
µA
High Level Output Voltage2
VOH
IOUT = 500 µA
0.8 x VIO
——
V
Low Level Output Voltage2
VOL
IOUT =–500µA
0.2 x VIO
V
Notes:
1. For input pins SCLK, SEN, SDIO, RST, RCLK, DCLK, DFS, DIN, GPO1, GPO2/INT, and GPO3.
2. For output pins SDIO, GPO1, GPO2/INT, and GPO3.


유사한 부품 번호 - SI4711-B30

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4711 SILABS-SI4711 Datasheet
176Kb / 2P
   FM Radio Transmitter for Portable Applications
SI4711 SILABS-SI4711 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4711 SILABS-SI4711 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4711 SILABS-SI4711 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
Si4711 SILABS-Si4711 Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
More results

유사한 설명 - SI4711-B30

제조업체부품명데이터시트상세설명
logo
rfsolutions.ltd
DS305-9 RFSOLUTIONS-DS305-9 Datasheet
122Kb / 8P
   FM Radio Transmitter & Receiver Modules
T5-434 RFSOLUTIONS-T5-434 Datasheet
116Kb / 8P
   FM Radio Transmitter & Receiver Modules
120T1-433F RFSOLUTIONS-120T1-433F_14 Datasheet
1Mb / 5P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
Texas Instruments
SN761633 TI-SN761633 Datasheet
527Kb / 27P
[Old version datasheet]   FM STEREO RADIO WITH TRANSMITTER
logo
rfsolutions.ltd
QFMT5-434 RFSOLUTIONS-QFMT5-434 Datasheet
3Mb / 6P
   FM Radio Transmitter & Receiver Modules
120T1-433F RFSOLUTIONS-120T1-433F Datasheet
81Kb / 3P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
Silicon Laboratories
SI4710 SILABS-SI4710 Datasheet
176Kb / 2P
   FM Radio Transmitter for Portable Applications
SI4712 SILABS-SI4712 Datasheet
1,004Kb / 3P
   FM Radio Transmitter with Receive Power Scan
SI4712-B30 SILABS-SI4712-B30 Datasheet
1Mb / 42P
   FM RADIO TRANSMITTER WITH RECEIVE POWER SCAN
logo
Radiometrix Ltd
TX1M-151-5 RADIOMETRIX-TX1M-151-5 Datasheet
391Kb / 11P
   VHF Narrow Band FM multi channel radio Transmitter & Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com