전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4840-A10 데이터시트(PDF) 6 Page - Silicon Laboratories

부품명 SI4840-A10
상세설명  BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4840-A10 데이터시트(HTML) 6 Page - Silicon Laboratories

Back Button SI4840-A10 Datasheet HTML 2Page - Silicon Laboratories SI4840-A10 Datasheet HTML 3Page - Silicon Laboratories SI4840-A10 Datasheet HTML 4Page - Silicon Laboratories SI4840-A10 Datasheet HTML 5Page - Silicon Laboratories SI4840-A10 Datasheet HTML 6Page - Silicon Laboratories SI4840-A10 Datasheet HTML 7Page - Silicon Laboratories SI4840-A10 Datasheet HTML 8Page - Silicon Laboratories SI4840-A10 Datasheet HTML 9Page - Silicon Laboratories SI4840-A10 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Si4840/44-A10
6
Rev.1.0
Table 4. 2-Wire Control Interface Characteristics1,2,3
(VDD = 2.7 to 3.6 V, TA = –15 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
SCLK Frequency
fSCLK
0—
400
kHz
SCLK Low Time
tLOW
1.3
µs
SCLK High Time
tHIGH
0.6
µs
SCLK Input to SDIO
Setup
(START)
tSU:STA
0.6
µs
SCLK Input to SDIO
Hold
(START)
tHD:STA
0.6
µs
SDIO Input to SCLK
Setup
tSU:DAT
100
ns
SDIO Input to SCLK
Hold4,5
tHD:DAT
0—
900
ns
SCLK input to SDIO
Setup
(STOP)
tSU:STO
0.6
µs
STOP to START Time
tBUF
1.3
µs
SDIO Output Fall Time
tf:OUT
—250
ns
SDIO Input, SCLK Rise/Fall Time
tf:IN
tr:IN
—300
ns
SCLK, SDIO Capacitive Loading
Cb
——
50
pF
Input Filter Pulse Suppression
tSP
50
ns
Notes:
1.
When VD = 0 V, SCLK and SDIO are low impedance.
2.
When selecting 2-wire mode, the user must ensure that a 2-wire start condition (falling edge of SDIO while SCLK is
high) does not occur within 300 ns before the rising edge of RST.
3.
When selecting 2-wire mode, the user must ensure that SCLK is high during the rising edge of RST, and stays high
until after the first start condition.
4.
The Si484x delays SDIO by a minimum of 300 ns from the VIH threshold of SCLK to comply with the minimum tHD:DAT
specification.
5.
The maximum tHD:DAT has only to be met when fSCLK = 400 kHz. At frequencies below 400 kHz, tHD:DAT may be
violated as long as all other timing parameters are met.
20 0.1
Cb
1pF
-----------
+
20 0.1
Cb
1pF
-----------
+


유사한 부품 번호 - SI4840-A10

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI4840-A10 SKYWORKS-SI4840-A10 Datasheet
2Mb / 26P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.4 to Revision 1.0
SI4840-A10-GU SKYWORKS-SI4840-A10-GU Datasheet
2Mb / 26P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.4 to Revision 1.0
More results

유사한 설명 - SI4840-A10

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4827-A10 SILABS-SI4827-A10 Datasheet
1Mb / 25P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
SI4840 SILABS-SI4840 Datasheet
1Mb / 3P
   Broadcast Analog Tuning Digital Display AM/FM/SW Radio Receiver
SI4844-B20 SILABS-SI4844-B20 Datasheet
1Mb / 27P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
SI4822-A10 SILABS-SI4822-A10 Datasheet
1Mb / 24P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4827-A10 SKYWORKS-SI4827-A10 Datasheet
2Mb / 25P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
SI4844-B20 SKYWORKS-SI4844-B20 Datasheet
2Mb / 27P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 1.0
SI4840-A10 SKYWORKS-SI4840-A10 Datasheet
2Mb / 26P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.4 to Revision 1.0
logo
List of Unclassifed Man...
SI4824-DEMO ETC2-SI4824-DEMO Datasheet
194Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Silicon Laboratories
SI4836-A10 SILABS-SI4836-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831-B30-GU SILABS-SI4831-B30-GU Datasheet
199Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com