전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLP2010 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 DLP2010
상세설명  WVGA DMD
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DLP2010 데이터시트(HTML) 11 Page - Texas Instruments

Back Button DLP2010 Datasheet HTML 7Page - Texas Instruments DLP2010 Datasheet HTML 8Page - Texas Instruments DLP2010 Datasheet HTML 9Page - Texas Instruments DLP2010 Datasheet HTML 10Page - Texas Instruments DLP2010 Datasheet HTML 11Page - Texas Instruments DLP2010 Datasheet HTML 12Page - Texas Instruments DLP2010 Datasheet HTML 13Page - Texas Instruments DLP2010 Datasheet HTML 14Page - Texas Instruments DLP2010 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
DLP2010
www.ti.com
DLPS046A – JULY 2014 – REVISED APRIL 2015
6.7 Timing Requirements
Device electrical characteristics are over Recommended Operating Conditions unless otherwise noted.
MIN
NOM
MAX
UNIT
LPSDR
tR
Rise slew rate(1)
(30% to 80%) × VDD, Figure 3
1
3
V/ns
tV
Fall slew rate(1)
(70% to 20%) × VDD, Figure 3
1
3
V/ns
tR
Rise slew rate(2)
(20% to 80%) × VDD, Figure 3
0.25
V/ns
tF
Fall slew rate(2)
(80% to 20%) × VDD, Figure 3
0.25
V/ns
tC
Cycle time LS_CLK,
Figure 2
7.7
8.3
ns
tW(H)
Pulse duration LS_CLK
3.1
ns
50% to 50% reference points,Figure 2
high
tW(L)
Pulse duration LS_CLK
3.1
ns
50% to 50% reference points, Figure 2
low
tSU
Setup time
LS_WDATA valid before LS_CLK
↑, Figure 2
1.5
ns
tH
Hold time
LS_WDATA valid after LS_CLK
↑, Figure 2
1.5
ns
tWINDOW
Window time(1)(3)
Setup time + Hold time, Figure 2
3
ns
tDERATING
For each 0.25 V/ns reduction in slew rate below
0.35
ns
Window time derating(1)(3)
1 V/ns, Figure 5
SubLVDS
tR
Rise slew rate
20% to 80% reference points, Figure 4
0.7
1
V/ns
tF
Fall slew rate
80% to 20% reference points, Figure 4
0.7
1
V/ns
tC
Cycle time LS_CLK,
Figure 6
1.61
1.67
ns
tW(H)
Pulse duration DCLK high
50% to 50% reference points, Figure 6
0.71
ns
tW(L)
Pulse duration DCLK low
50% to 50% reference points, Figure 6
0.71
ns
D(0:3) valid before
tSU
Setup time
DCLK
↑ or DCLK ↓, Figure 6
D(0:3) valid after
tH
Hold time
DCLK
↑ or DCLK ↓, Figure 6
tWINDOW
Window time
Setup time + Hold time, Figure 6,Figure 7
0.3
ns
tLVDS-
Power-up receiver(4)
2000
ns
ENABLE+REFGEN
(1)
Specification is for LS_CLK and LS_WDATA pins. Refer to LPSDR input rise slew rate and fall slew rate in Figure 3.
(2)
Specification is for DMD_DEN_ARSTZ pin. Refer to LPSDR input rise and fall slew rate in Figure 3.
(3)
Window time derating example: 0.5-V/ns slew rate increases the window time by 0.7 ns, from 3 to 3.7 ns.
(4)
Specification is for SubLVDS receiver time only and does not take into account commanding and latency after commanding.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DLP2010


유사한 부품 번호 - DLP2010

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DLP2010 TI1-DLP2010 Datasheet
684Kb / 41P
[Old version datasheet]   0.2 WVGA DMD
DLP2010 TI1-DLP2010 Datasheet
680Kb / 42P
[Old version datasheet]   DLP2010 .2 WVGA DMD
DLP2010AFQJ TI1-DLP2010AFQJ Datasheet
680Kb / 42P
[Old version datasheet]   DLP2010 .2 WVGA DMD
DLP2010FQJ TI1-DLP2010FQJ Datasheet
684Kb / 41P
[Old version datasheet]   0.2 WVGA DMD
DLP2010FQJ TI1-DLP2010FQJ Datasheet
680Kb / 42P
[Old version datasheet]   DLP2010 .2 WVGA DMD
More results

유사한 설명 - DLP2010

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DLP2010 TI1-DLP2010_16 Datasheet
684Kb / 41P
[Old version datasheet]   0.2 WVGA DMD
DLP2010 TI1-DLP2010_19 Datasheet
680Kb / 42P
[Old version datasheet]   DLP2010 .2 WVGA DMD
DLP3030-Q1 TI1-DLP3030-Q1 Datasheet
143Kb / 7P
[Old version datasheet]   0.3 WVGA S450 DMD
DLP3021-Q1 TI1-DLP3021-Q1 Datasheet
626Kb / 38P
[Old version datasheet]   0.3-In WVGA DMD
DLP2010LC TI1-DLP2010LC Datasheet
737Kb / 43P
[Old version datasheet]   DLP2010LC .2 WVGA DMD
DLP2010NIR TI1-DLP2010NIR_18 Datasheet
720Kb / 39P
[Old version datasheet]   2 WVGA Near-Infrared DMD
DLP2010NIR TI1-DLP2010NIR Datasheet
742Kb / 39P
[Old version datasheet]   0.2 WVGA Near-Infrared DMD
DLP3000 TI1-DLP3000 Datasheet
1Mb / 30P
[Old version datasheet]   DLP짰 0.3 WVGA Series 220 DMD
DLP3000 TI1-DLP3000_17 Datasheet
1,020Kb / 37P
[Old version datasheet]   DLP 0.3 WVGA Series 220 DMD
DLP3021-Q1 TI1-DLP3021-Q1_V01 Datasheet
593Kb / 39P
[Old version datasheet]   DLP3021-Q1 0.3-Inch WVGA DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com