전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLP6500FLQ 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 DLP6500FLQ
상세설명  MVSP Type A DMD
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DLP6500FLQ 데이터시트(HTML) 7 Page - Texas Instruments

Back Button DLP6500FLQ Datasheet HTML 3Page - Texas Instruments DLP6500FLQ Datasheet HTML 4Page - Texas Instruments DLP6500FLQ Datasheet HTML 5Page - Texas Instruments DLP6500FLQ Datasheet HTML 6Page - Texas Instruments DLP6500FLQ Datasheet HTML 7Page - Texas Instruments DLP6500FLQ Datasheet HTML 8Page - Texas Instruments DLP6500FLQ Datasheet HTML 9Page - Texas Instruments DLP6500FLQ Datasheet HTML 10Page - Texas Instruments DLP6500FLQ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
DLP6500FLQ
www.ti.com
DLPS040 – OCTOBER 2014
PIN
TYPE (I/O/P)
SIGNAL
DESCRIPTION
NAME(1)
NO.
NO.
NO.
Supply voltage for positive Bias
VBIAS
N5
P4
R3
Power
Analog
level of Micromirror reset signal.
Supply voltage for positive Bias
VBIAS
R5
Power
Analog
level of Micromirror reset signal.
Supply voltage for HVCMOS logic.
Supply voltage for stepped high
voltage at Micromirror address
VOFFSET
G1
J1
L1
Power
Analog
electrodes.
Supply voltage positive Offset level
of Micromirror reset signal.
VOFFSET
N1
R1
Power
Analog
Power supply for negative reset
VRESET
A3
A5
B4
Power
Analog
level of mirror reset signal
Power supply for negative reset
VRESET
C7
Power
Analog
level of mirror reset signal
Supply voltage for LVCMOS core
VCC
A7
A15
C1
Power
Analog
logic.
Supply voltage for normal high level
VCC
E1
U1
AB2
Power
Analog
at Micromirror address electrodes.
Supply voltage for positive Offset
VCC
AC9
AC15
Power
Analog
level of Micromirror reset signal
during Power Down sequence.
VCCI
A21
A27
D30
Power
Analog
Power supply for LVDS Interface
VCCI
M30
Y30
AC21
Power
Analog
Power supply for LVDS Interface
VCCI
AC27
Power
Analog
Power supply for LVDS Interface
Device Ground. Common return for
VSS
A1
A9
B8
Power
Analog
all power.
Device Ground. Common return for
VSS
B14
B20
B26
Power
Analog
all power.
Device Ground. Common return for
VSS
B30
C13
C19
Power
Analog
all power.
Device Ground. Common return for
VSS
C25
D6
D18
Power
Analog
all power.
Device Ground. Common return for
VSS
D24
E29
F2
Power
Analog
all power.
Device Ground. Common return for
VSS
F28
G27
H4
Power
Analog
all power.
Device Ground. Common return for
VSS
H26
J3
J25
Power
Analog
all power.
Device Ground. Common return for
VSS
K2
K30
L25
Power
Analog
all power.
Device Ground. Common return for
VSS
L27
L29
M2
Power
Analog
all power.
Device Ground. Common return for
VSS
M6
M26
M28
Power
Analog
all power.
Device Ground. Common return for
VSS
N25
N29
P30
Power
Analog
all power.
Device Ground. Common return for
VSS
R25
T2
T26
Power
Analog
all power.
Device Ground. Common return for
VSS
U27
V28
V30
Power
Analog
all power.
Device Ground. Common return for
VSS
W5
W29
Y4
Power
Analog
all power.
(1)
The following power supplies are required to operate the DMD: VCC, VCCI, VOFFSET, VBIAS, and VRESET. VSS must also be
connected.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DLP6500FLQ


유사한 부품 번호 - DLP6500FLQ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DLP6500FLQ TI1-DLP6500FLQ Datasheet
669Kb / 50P
[Old version datasheet]   0.65 1080p MVSP Type A DMD
More results

유사한 설명 - DLP6500FLQ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DLP6500 TI1-DLP6500 Datasheet
669Kb / 50P
[Old version datasheet]   0.65 1080p MVSP Type A DMD
DLP7000UV TI1-DLP7000UV Datasheet
1Mb / 51P
[Old version datasheet]   LVDS Type A DMD
DLP9500 TI1-DLP9500 Datasheet
1Mb / 54P
[Old version datasheet]   LVDS Type A DMD
DLP9500UV TI1-DLP9500UV Datasheet
1Mb / 54P
[Old version datasheet]   LVDS Type A DMD
DLP7000 TI1-DLP7000 Datasheet
1Mb / 52P
[Old version datasheet]   LVDS Type A DMD
DLP9000XUV TI1-DLP9000XUV Datasheet
2Mb / 57P
[Old version datasheet]   DLP9000XUV 0.9 UV WQXGA Type A DMD
logo
Agilent(Hewlett-Packard...
MR-0120.008 HP-MR-0120.008 Datasheet
116Kb / 2P
   DMD MASTR
logo
Texas Instruments
DLP3010 TI1-DLP3010 Datasheet
687Kb / 39P
[Old version datasheet]   DMD
DLP6500FYE TI1-DLP6500FYE Datasheet
761Kb / 51P
[Old version datasheet]   DMD
DLP4710 TI1-DLP4710 Datasheet
821Kb / 39P
[Old version datasheet]   DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com