전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLP6500FLQ 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 DLP6500FLQ
상세설명  MVSP Type A DMD
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DLP6500FLQ 데이터시트(HTML) 11 Page - Texas Instruments

Back Button DLP6500FLQ Datasheet HTML 7Page - Texas Instruments DLP6500FLQ Datasheet HTML 8Page - Texas Instruments DLP6500FLQ Datasheet HTML 9Page - Texas Instruments DLP6500FLQ Datasheet HTML 10Page - Texas Instruments DLP6500FLQ Datasheet HTML 11Page - Texas Instruments DLP6500FLQ Datasheet HTML 12Page - Texas Instruments DLP6500FLQ Datasheet HTML 13Page - Texas Instruments DLP6500FLQ Datasheet HTML 14Page - Texas Instruments DLP6500FLQ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
DLP6500FLQ
www.ti.com
DLPS040 – OCTOBER 2014
Recommended Operating Conditions (continued)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
ENVIRONMENTAL(12)
For Illumination Source between 420 and 700 nm
TDMD
DMD temperature – operational(13)(14)
10
40 to 70(14)
°C
TWINDOW
Window temperature – operational
70
°C
TGRADIENT
Device temperature gradient – operational(15)
10
°C
Thermally
ILLVIS
Illumination, wavelengths between 420 and 700 nm
mW /cm2
Limited(16)
ENVIRONMENTAL(12)
For Illumination Source between 400 and 420 nm
TDMD
DMD temperature – operational(13)(14)
20
30(14)
°C
TGRADIENT
Device temperature gradient – operational (15)
10
°C
ILLVIS
Illumination, wavelengths between 400 and 420 nm
2.5
W/cm2
ENVIRONMENTAL(12)
For Illumination Source <420 and >700 nm
TDMD
DMD temperature – operational(13)(14)
10
40 to 70(14)
°C
TWINDOW
Window temperature – operational
70
°C
TGRADIENT
Device temperature gradient – operational(15)
10
°C
ILLUV
Illumination, wavelength < 400 nm
0.68
mW /cm2
ILLIR
Illumination, wavelength > 700 nm
10
mW /cm2
(12) Optimal, long-term performance and optical effciency of the Digital Micromirror Device (DMD) can be affected by various application
parameters, including illumination spectrum, illumination power density, micromirror landed duty-cycle, ambient temperature (storage
and operating), DMD temperature, ambient humidity (storage and operating), and power on or off duty cycle. TI recommends that
application-specific effects be considered as early as possible in the design cycle.
(13) DMD Temperature is the worst-case of any thermal test point in Figure 15, or the active array as calculated by the Micromirror Array
Temperature Calculation.
(14) Per Figure 1, the maximum operational case temperature should be derated based on the micromirror landed duty cycle that the DMD
experiences in the end application. Refer to Micromirror Landed-on/Landed-Off Duty Cycle for a definition of micromirror landed duty
cycle.
(15) As measured between any two points on the exterior of the package, or as predicted between any two points inside the micromirror
array cavity. Refer to Thermal Information and Micromirror Array Temperature Calculation.
(16) Refer to Thermal Information and Micromirror Array Temperature Calculation.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DLP6500FLQ


유사한 부품 번호 - DLP6500FLQ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DLP6500FLQ TI1-DLP6500FLQ Datasheet
669Kb / 50P
[Old version datasheet]   0.65 1080p MVSP Type A DMD
More results

유사한 설명 - DLP6500FLQ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DLP6500 TI1-DLP6500 Datasheet
669Kb / 50P
[Old version datasheet]   0.65 1080p MVSP Type A DMD
DLP7000UV TI1-DLP7000UV Datasheet
1Mb / 51P
[Old version datasheet]   LVDS Type A DMD
DLP9500 TI1-DLP9500 Datasheet
1Mb / 54P
[Old version datasheet]   LVDS Type A DMD
DLP9500UV TI1-DLP9500UV Datasheet
1Mb / 54P
[Old version datasheet]   LVDS Type A DMD
DLP7000 TI1-DLP7000 Datasheet
1Mb / 52P
[Old version datasheet]   LVDS Type A DMD
DLP9000XUV TI1-DLP9000XUV Datasheet
2Mb / 57P
[Old version datasheet]   DLP9000XUV 0.9 UV WQXGA Type A DMD
logo
Agilent(Hewlett-Packard...
MR-0120.008 HP-MR-0120.008 Datasheet
116Kb / 2P
   DMD MASTR
logo
Texas Instruments
DLP3010 TI1-DLP3010 Datasheet
687Kb / 39P
[Old version datasheet]   DMD
DLP6500FYE TI1-DLP6500FYE Datasheet
761Kb / 51P
[Old version datasheet]   DMD
DLP4710 TI1-DLP4710 Datasheet
821Kb / 39P
[Old version datasheet]   DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com