전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLPA2005 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 DLPA2005
상세설명  Power Management and LED/Lamp Driver IC
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA2005 데이터시트(HTML) 1 Page - Texas Instruments

  DLPA2005 Datasheet HTML 1Page - Texas Instruments DLPA2005 Datasheet HTML 2Page - Texas Instruments DLPA2005 Datasheet HTML 3Page - Texas Instruments DLPA2005 Datasheet HTML 4Page - Texas Instruments DLPA2005 Datasheet HTML 5Page - Texas Instruments DLPA2005 Datasheet HTML 6Page - Texas Instruments DLPA2005 Datasheet HTML 7Page - Texas Instruments DLPA2005 Datasheet HTML 8Page - Texas Instruments DLPA2005 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
...
LED_SEL(2)
DC Supplies
BAT
1.1V
WVGA
DDR DMD
DLP2010
(WVGA
DMD)
RESETZ
Included in DLP® Chip Set
CMP_PWM
1.8V
PROJ_ON
PROJ_ON
2.3V-5.5V
CMP_OUT
Projector Module Electronics
INTZ
DLPA2005
PARKZ
1.1V
1.8V
VCORE
VIO
Illumination
Optics
3
BIAS, RST, OFS
Thermistor
LABB
I2C
28
Parallel I/F
HOST_IRQ
VCC_INTF
4
EEPROM
DLPC3430/
DLPC3435
VCC_FLSH
SPI_1
I2C_1
L3
SYSPWR
1.8V
1.8V
Other
Supplies
1.1V
Reg
Sub-LVDS DATA
CTRL
Cal data
(optional)
FLASH,
SDRAM
Keypad
Front-End
Chip
- OSD
- AutoLock
- Scaler
- uController
HDMI
Receiver
Triple
ADC
Charger
DC_IN
VDD
On/Off
HDMI
VGA
SD Card
Reader,
etc.
(optional)
FLASH
L1
L2
VLED
BLUE
GREEN
RED
Current
Sense
Spare R/W
GPIO
18
TVP5151
Video
Decoder
CVBS
BT.656
Keystone
Sensor
WPC
GPIO_8 (Normal Park)
1.8V
VSPI
4
SPI_0
eDRAM
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DLPA2005
DLPS047B – SEPTEMBER 2014 – REVISED OCTOBER 2015
DLPA2005 Power Management and LED/Lamp Driver IC
1
1 Features
High Efficiency RGB LED/Lamp Driver With Buck-
Light Sensor (for White Point Correction)
Boost DC-to-DC Converter, DMD Supplies, DPP
Internal Reference Voltage
Core Supply, 1.8-V Load Switch, and
External (Thermistor) Temperature Sensor
Measurement System in a Small Chip-Scale
Monitoring and Protection Circuits
Package
Hot Die Warning and Thermal
Three Low-Impedance (30 m
Ω Typical at 27°C)
Low-Battery Warning
MOSFET Switches for Channel Selection
Programmable Battery Undervoltage Lockout
Independent, 10-Bit Current Control per Channel
(UVLO)
2.4-A Max LED Current for DLPA2005 Embedded
Load Switch UVLO
Applications
Overcurrent and Undervoltage Protection
DMD Regulators
DLPA2005 QFN Package
Requires Only a Single Inductor
48-Pin 0.4-mm Pitch
VOFS: 10 V
Die Size: 6.0 mm × 6.0 mm ± 0.15 mm
VBIAS: 18 V
VRST: –14 V
2 Applications
Passive Discharge to GND When Disabled
DLP® Pico™ Projector
DPP 1.1-V Core Supply
DLP® Mobile Sensing
Synchronous Step-Down Converter With
Integrated Switching FETs
3 Description
Supports up to 600-mA Output Current
DLPA2005 is a dedicated PMIC/RGB LED/Lamp
VLED Buck Boost Converter
driver for the DLP2010, DLP2010NIR and DLP3010
Digital Micromirror Devices (DMD) when used with a
Power Save Mode at Light Load Current
DLPC3430, DLPC3433, DLPC3435, DLCP3438, or
Low-Impedance Load Switch
DLPC150 digital controller. For reliable operation of
VIN Range from 1.8 to 3.6 V
these chipsets it is mandatory to use a DLPA2000 or
DLPA2005.
Supports up to 200 mA of Current
Passive Discharge to GND When Disabled
Device Information(1)
DMD Reset Signal Generation and Power Supply
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Sequencing
6.00 mm × 6.00 mm
DLPA2005
VQFN (48)
33-MHz Serial Peripheral Interface (SPI)
± 0.150 mm
Multiplexer for Measuring Analog Signals
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Battery Voltage
LED Voltage, LED Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - DLPA2005

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DLPA2005 TI1-DLPA2005 Datasheet
173Kb / 6P
[Old version datasheet]   0.23 HD DMD Datasheet
DLPA2005 TI1-DLPA2005 Datasheet
737Kb / 43P
[Old version datasheet]   DLP2010LC .2 WVGA DMD
DLPA2005 TI-DLPA2005 Datasheet
549Kb / 6P
[Old version datasheet]   DLP300S 0.3-Inch 3.6-Megapixel DMD for Low Cost TI DLP짰 3D Printers
DLPA2005 TI-DLPA2005 Datasheet
579Kb / 6P
[Old version datasheet]   DLP301S 0.3-Inch 3.6-Megapixel DMD for TI DLP짰 3D Printers
DLPA2005 TI-DLPA2005 Datasheet
698Kb / 14P
[Old version datasheet]   DLPC1438 Digital Controller for DLP 3D Printers
More results

유사한 설명 - DLPA2005

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DLPA2000 TI1-DLPA2000 Datasheet
1Mb / 58P
[Old version datasheet]   Power Management and LED/Lamp Driver IC
DLPA1000 TI1-DLPA1000 Datasheet
863Kb / 47P
[Old version datasheet]   Power Management and LED Driver IC
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
[Old version datasheet]   Power- and Battery-Management IC
logo
Rohm
BD8105FV ROHM-BD8105FV_09 Datasheet
357Kb / 13P
   Power Management IC Series for Automotive Body Control LED Driver
logo
Texas Instruments
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
   POWER SUPPLY AND BATTERY MANAGEMENT IC
logo
Freescale Semiconductor...
13892 FREESCALE-13892_11 Datasheet
5Mb / 156P
   Power Management and User Interface IC
13892 FREESCALE-13892_10 Datasheet
6Mb / 161P
    Power Management and User Interface IC
logo
ON Semiconductor
FLS0116 ONSEMI-FLS0116 Datasheet
3Mb / 15P
   MOSFET Integrated Smart LED Lamp Driver IC
June 2013 Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com