전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS1102-100EG5 데이터시트(PDF) 1 Page - Silicon Laboratories

부품명 TS1102-100EG5
상세설명  High Side Bidirectional and Unidirectional Current Sense Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1102-100EG5 데이터시트(HTML) 1 Page - Silicon Laboratories

  TS1102-100EG5 Datasheet HTML 1Page - Silicon Laboratories TS1102-100EG5 Datasheet HTML 2Page - Silicon Laboratories TS1102-100EG5 Datasheet HTML 3Page - Silicon Laboratories TS1102-100EG5 Datasheet HTML 4Page - Silicon Laboratories TS1102-100EG5 Datasheet HTML 5Page - Silicon Laboratories TS1102-100EG5 Datasheet HTML 6Page - Silicon Laboratories TS1102-100EG5 Datasheet HTML 7Page - Silicon Laboratories TS1102-100EG5 Datasheet HTML 8Page - Silicon Laboratories TS1102-100EG5 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TS1100/01/02/03 Data Sheet
TS1100/01/02/03 Uni- and Bidirectional Current-Sense Amplifiers
The TS1100/01/02/03 Unidirectional and Bidirectional Current Sense Amplifiers con-
sume a very low 0.68 µA supply current.
The TS1100 and TS1101 high-side current sense amplifiers (CSA) combine a 100 µV
(max) input offset voltage (VOS) and a 0.6% (max) gain error (GE), with both specifica-
tions optimized for any precision current measurement.
The TS1102 and TS1103 CSAs combine a 200 µV (max) VOS and a 0.6% (max) GE for
cost-sensitive applications.
For all high-side current sensing applications, the TS1100/01/02/03 CSAs are self-pow-
ered and feature a wide input common-mode voltage range from 2 to 27 V.
For the bidirectional CSAs, TS1101 and TS1103, a SIGN comparator digital output is
provided that indicates the direction of current flow. All CSAs are specified for operation
over the –40 °C to +105 °C temperature range.
Applications
• Power Management Systems
• Portable/Battery-Powered Systems
• Smart Chargers
• Battery Monitoring
• Overcurrent and Undercurrent Detection
• Remote Sensing
• Industrial Control
KEY FEATURES
• Low Supply Current
• Current Sense Amplifier: 0.68 µA
• IVDD: 0.02 µA
• High Side Bidirectional and Unidirectional
Current Sense Amplifier
• Wide CSA Input Common Mode Range: +2
V to +27 V
• Low CSA Input Offset Voltage: 100 µV
(max) (TS1100 and TS1101 Only)
• Low Gain Error: 0.6% (max)
• Four Gain Options Available:
• 25 V/V
• 50 V/V
• 100 V/V
• 200 V/V
• 5-Lead and 6-Lead SOT23 Packaging
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0


유사한 부품 번호 - TS1102-100EG5

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS1102-100EG5T TOUCHSTONE-TS1102-100EG5T Datasheet
787Kb / 11P
   A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
TS1102-100EG5TP TOUCHSTONE-TS1102-100EG5TP Datasheet
787Kb / 11P
   A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
More results

유사한 설명 - TS1102-100EG5

제조업체부품명데이터시트상세설명
logo
Texas Instruments
INA181 TI1-INA181 Datasheet
1Mb / 32P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181 TI1-INA181_17 Datasheet
1Mb / 34P
[Old version datasheet]   INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
logo
Linear Technology
LT1999-50 LINER-LT1999-50_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
LT1999-10 LINER-LT1999-10_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
LT1999-20 LINER-LT1999-20_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
logo
STMicroelectronics
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
   High-side current sense amplifier
logo
Rohm
BD3181FVM ROHM-BD3181FVM Datasheet
171Kb / 6P
   High-Side Current-Sense Amplifier
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101_1 Datasheet
294Kb / 17P
   High side current sense amplifier
logo
Silicon Laboratories
SI8540 SILABS-SI8540 Datasheet
1Mb / 18P
   HIGH-SIDE CURRENT SENSE AMPLIFIER
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101 Datasheet
146Kb / 18P
   High side current sense amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com