전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLPC2607 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 DLPC2607
상세설명  PICO Processor
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC2607 데이터시트(HTML) 1 Page - Texas Instruments

  DLPC2607 Datasheet HTML 1Page - Texas Instruments DLPC2607 Datasheet HTML 2Page - Texas Instruments DLPC2607 Datasheet HTML 3Page - Texas Instruments DLPC2607 Datasheet HTML 4Page - Texas Instruments DLPC2607 Datasheet HTML 5Page - Texas Instruments DLPC2607 Datasheet HTML 6Page - Texas Instruments DLPC2607 Datasheet HTML 7Page - Texas Instruments DLPC2607 Datasheet HTML 8Page - Texas Instruments DLPC2607 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
LED_SEL(2)
I2C
DC
Supplies
4
24/16/8
BAT
1.0V
WVGA
DDR DMD
nHD/WVGA
DDR DMD
SYSPWR
L1
RESETZ
3
DLPC2607
L2
1.8V
28
CLRL
DATA
PROJ_ON
PROJ_ON
2.3V-5.5V
SPI(4)
Mobile SDRAM
Connector
CMP_OUT
Flash
Projector Module Electronics
BIAS, RST, OFS
DATA
CTRL
Thermistor
DDR
DDR
RGB
PWM_IN
PAD1000
Analog
ASIC
PWR_EN
VLED
BLUE
Parallel or
BT.656
Application
Processor
1.0V
1.8V
VCORE
VIO
GREEN
RED
Illumination
Optics
L5
L6
Dual
Reg.
INIT_DONE
GPIO4
GPIO5
INTZ
PARKZ
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DLPC2607
DLPS030C – DECEMBER 2013 – REVISED NOVEMBER 2015
DLPC2607 DLP PICO Processor 2607 ASIC
1 Features
Flip
Display Image Rotation
1
Supports Reliable Operation of the 0.2-nHD,
0.24-VGA, and 0.3-WVGA DMDs
Flash-Based Configuration Batch Files
Multi-Mode, 24-Bit Input Pixel Interfaces:
I/F Sleep Still Image Power Savings Mode
Supports Parallel or BT656 Bus Protocol
Test Support:
Supports Input Sizes from QVGA Through
Built-In Test Pattern Generation
WVGA
JTAG With Boundary Scan Test Support
Supports 1- to 60-Hz Frame Rates
2 Applications
Supports Pixel Clock up to 33.5 MHz
Embedded Mobile Projection
Supports Landscape and Portrait Orientations
Smartphone
Support 8-, 16-, 18-, and 24-Bit Bus Options
Tablet
Supports 3 Input Color Bit-Depth Options:
Camera
RGB888, YCrCb888
Laptop
RGB666, YCrCb666
Mobile Accessories
RGB565, 4:2:2 YCrCb
Wearable (Near-Eye) Displays
Pixel Data Processing:
Battery-Operated Projectors
Image Resizing (Scaling)
Frame Rate Conversion
3 Description
Color Coordinate Adjustment
The DLPC2607 is a low power DLP™ digital
Automatic Gain Control
controller for battery powered display applications.
Programmable Degamma
The controller supports reliable operation of 0.3-
WVGA,
0.24-VGA
and
0.2-nHD
DMDs.
The
Spatial-Temporal Multiplexing (Dithering)
DLPC2607 controller provides a convenient, multi-
Video Processing Support:
functional interface between system electronics and
Color Space Conversion
the DMD, enabling small form factor and low power
displays.
4:2:2 to 4:4:4 Chroma Interpolation
Field Scaled De-Interlacing
Device Information(1)
Packaged in a 176-Pin, 0.4-mm Pitch, VFBGA
PART NUMBER
PACKAGE
BODY SIZE (NOM)
External Memory Support:
DLPC2607
VFBGA (176)
7.00 mm × 7.00 mm
166-MHz Mobile DDR SDRAM
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
33.3-MHz Serial Flash
WVGA, VGA, and nHD DMD Display Support
DMD Bit-Plane Generation and Formatting
Programmable Bit-Plane Display Sequencer
(Controls the LED Enables and DMD Loading)
76.2-MHz Double Data Rate (DDR) DMD I/F
Pulse-Width Modulation (PWM) for Mirrors:
Auto DMD Parking at Power-Down
24-Bit Bit-Depth on DMD
System Control:
I2C Control of Device Configuration
Programmable Splash Screens
Programmable LED Current Control
DMD Power and Mirror Driver Control
DMD Horizontal and Vertical Display Image
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - DLPC2607

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DLPC200 TI-DLPC200 Datasheet
968Kb / 41P
[Old version datasheet]   DLP짰 Digital Controller for the DLP5500 DMD
DLPC200 TI-DLPC200 Datasheet
968Kb / 41P
[Old version datasheet]   DLP짰 Digital Controller for the DLP5500 DMD
DLPC200 TI1-DLPC200 Datasheet
1Mb / 52P
[Old version datasheet]   DLP Digital Controller
DLPC200 TI1-DLPC200 Datasheet
1Mb / 52P
[Old version datasheet]   DLP Digital Controller for the DLP5500 DMD
DLPC200ZEW TI-DLPC200ZEW Datasheet
968Kb / 41P
[Old version datasheet]   DLP짰 Digital Controller for the DLP5500 DMD
More results

유사한 설명 - DLPC2607

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPP0100 STMICROELECTRONICS-STPP0100 Datasheet
98Kb / 9P
   Laser pico projection specific image-processor
November 2012
logo
Axiomtek Co., Ltd.
PICO312 AXIOMTEK-PICO312_17 Datasheet
322Kb / 1P
   Pico-ITX SBC with Intel Pentium Processor N4200 & Celeron Processor N3350
logo
DFI Inc
AL05P DFI-AL05P Datasheet
763Kb / 2P
   Intel Atom Processor E3900 Series 2.5 Pico-ITX
WL051 DFI-WL051 Datasheet
877Kb / 2P
   8th Gen Intel Core Processor 2.5" Pico-ITX
logo
Axiomtek Co., Ltd.
PICO313 AXIOMTEK-PICO313 Datasheet
446Kb / 1P
   Pico-ITX SBC with Intel Pentium Processor N4200 & Celeron Processor N3350, LVDS
logo
DFI Inc
BW051 DFI-BW051 Datasheet
755Kb / 2P
   Intel Pentium/Celeron Processor N3000 Family 2.5 Pico-ITX
logo
GSR Technology Ltd
BW051 GSR-BW051 Datasheet
1Mb / 2P
   Intel짰 Pentium짰/Celeron짰 Processor N3000 Family 2.5" Pico-ITX
logo
AAEON Technology
PICO-V2K4-SEMI AAEON-PICO-V2K4-SEMI Datasheet
420Kb / 2P
   PICO-SEMI with AMD RYZEN™ V2000 embedded Processor Family
2022/11/22
logo
BCM Advanced Research.
EPX-APLP BCM-EPX-APLP Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
logo
Axiomtek Co., Ltd.
PICO843 AXIOMTEK-PICO843_17 Datasheet
303Kb / 1P
   Pico-ITX SBC with Intel Celeron Processor J1900/N2807, LVDS/VGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com