전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMARTRF06 데이터시트(PDF) 10 Page - Texas Instruments

부품명 SMARTRF06
상세설명  SmartRF06 Evaluation Board
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SMARTRF06 데이터시트(HTML) 10 Page - Texas Instruments

Back Button SMARTRF06 Datasheet HTML 6Page - Texas Instruments SMARTRF06 Datasheet HTML 7Page - Texas Instruments SMARTRF06 Datasheet HTML 8Page - Texas Instruments SMARTRF06 Datasheet HTML 9Page - Texas Instruments SMARTRF06 Datasheet HTML 10Page - Texas Instruments SMARTRF06 Datasheet HTML 11Page - Texas Instruments SMARTRF06 Datasheet HTML 12Page - Texas Instruments SMARTRF06 Datasheet HTML 13Page - Texas Instruments SMARTRF06 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
User’s Guide
SWRU321A
– May 2013
Page 10/32
5 Using the SmartRF06 Evaluation Board
The SmartRF06EB is a flexible test and development platform that works together with RF
Evaluation Modules from Texas Instruments.
An Evaluation Module (EM) is a small RF module with RF chip, balun, matching filter, SMA
antenna connector and I/O connectors. The modules can be plugged into the SmartRF06EB
which lets the PC take direct control of the RF device on the EM over the USB interface.
SmartRF06EB currently supports:
-
CC2538EM
SmartRF06EB is included in e.g. the CC2538 development kit.
Figure 3
– SmartRF06EB (rev. 1.2.1) with EM connected
The PC software that controls the SmartRF06EB + EM is SmartRF Studio. Studio can be used to
perform several RF tests and measurements, e.g. to set up a CW signal and send/receive
packets.


유사한 부품 번호 - SMARTRF06

제조업체부품명데이터시트상세설명
logo
Honeywell Solid State E...
SMART HONEYWELL-SMART Datasheet
510Kb / 4P
   smart position sensor,75 mm linear configuration
logo
List of Unclassifed Man...
SMART-SERVER2 ETC2-SMART-SERVER2 Datasheet
1Mb / 4P
   The Smart Way to Save Energy and Lower Operating Co
SMART1000LCD ETC2-SMART1000LCD Datasheet
510Kb / 6P
   Smart LCD 1000VA Tower Line-Interactive 120V UPS with LCD display and USB port
logo
Tripp Lite. All Rights ...
SMART1000LCDTAA TRIPPLITE-SMART1000LCDTAA Datasheet
507Kb / 5P
   TAA-Compliant SmartPro LCD 120V 1kVA 500W Line-Interactive UPS, Tower, LCD Display, USB,TEL/DSL/Coax Protection
SMART1000LCDU TRIPPLITE-SMART1000LCDU Datasheet
169Kb / 5P
   SmartPro LCD 120V 1000VA 500W Line-Interactive Desktop UPS, AVR, Tower, USB, TEL/DSL/Coax, 8 Outlets
More results

유사한 설명 - SMARTRF06

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com