전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS1105-200ITD833 데이터시트(PDF) 1 Page - Silicon Laboratories

부품명 TS1105-200ITD833
상세설명  Power Management Systems
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1105-200ITD833 데이터시트(HTML) 1 Page - Silicon Laboratories

  TS1105-200ITD833 Datasheet HTML 1Page - Silicon Laboratories TS1105-200ITD833 Datasheet HTML 2Page - Silicon Laboratories TS1105-200ITD833 Datasheet HTML 3Page - Silicon Laboratories TS1105-200ITD833 Datasheet HTML 4Page - Silicon Laboratories TS1105-200ITD833 Datasheet HTML 5Page - Silicon Laboratories TS1105-200ITD833 Datasheet HTML 6Page - Silicon Laboratories TS1105-200ITD833 Datasheet HTML 7Page - Silicon Laboratories TS1105-200ITD833 Datasheet HTML 8Page - Silicon Laboratories TS1105-200ITD833 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TS1105/06 Data Sheet
TS1105 and TS1106 Unidirectional and Bidirectional Current-
Sense Amplifiers + Buffered Unipolar Output with Adjustable Bias
The TS1105 and TS1106 combine the TS1100 or TS1101 current-sense amplifiers with
a unipolar buffered output featuring adjustable bias.
The TS1105 and TS1106 high-side current-sense amplifiers consume 0.68 μA (typ) and
1.2 μA (max) of supply current while the buffered output consumes 0.76 μA (typ) and 1.3
μA (max) of supply current. With an input offset voltage of 100 μV (max) and a gain error
of 0.6% (max), the TS1105 and TS1106 are optimized for high-precision current meas-
urements.
Applications
• Power Management Systems
• Portable/Battery-Powered Systems
• Smart Chargers
• Battery Monitoring
• Overcurrent and Undercurrent Detection
• Remote Sensing
• Industrial Controls
KEY FEATURES
• Low Supply Current
• Current Sense Amplifier: 0.68 μA
• IVDD: 0.76 μA
• High-Side Bidirectional and Unidirectional
Buffered Current Sense Amplifiers
• Wide CSA Input Common Mode Range: +2
V to +27 V
• Low CSA Input Offset Voltage: 100 μV
(max)
• Low Gain Error: 0.6% (max)
• Two Gain Options Available:
• Gain = 20 V/V: TS1105-20 and
TS1106-20
• Gain = 200 V/V: TS1105-200 and
TS1106-200
• 8-Pin TDFN Packaging (3 mm x 3 mm)
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0


유사한 부품 번호 - TS1105-200ITD833

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TS110-7 STMICROELECTRONICS-TS110-7 Datasheet
178Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
June 2014 Rev 4
TS110-8 STMICROELECTRONICS-TS110-8 Datasheet
228Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
October 2014 Rev 1
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Silicon Laboratories
TS1100 SILABS-TS1100 Datasheet
1Mb / 6P
   Current Sense Amplifier Performance Comparison
TS1100 SILABS-TS1100 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

유사한 설명 - TS1105-200ITD833

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
TS1107 SILABS-TS1107 Datasheet
1Mb / 22P
   Power Management Systems
TS1103 SILABS-TS1103 Datasheet
1Mb / 12P
   Power Management Systems
logo
Shenzhen Guan Hua Wei Y...
WSK140N06 WIINSOK-WSK140N06 Datasheet
1Mb / 6P
   Power Management for Inverter Systems.
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
logo
STMicroelectronics
STPM066S STMICROELECTRONICS-STPM066S Datasheet
877Kb / 67P
   Power management for automotive vision and radar systems
Rev 2 - February 2023
logo
Texas Instruments
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
logo
Skyworks Solutions Inc.
SKY87020-11 SKYWORKS-SKY87020-11 Datasheet
181Kb / 2P
   Power Management IC for SkyOne Ultra 2.0 Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com