전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3001 데이터시트(PDF) 5 Page - Silicon Laboratories

부품명 TS3001
상세설명  Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3001 데이터시트(HTML) 5 Page - Silicon Laboratories

  TS3001 Datasheet HTML 1Page - Silicon Laboratories TS3001 Datasheet HTML 2Page - Silicon Laboratories TS3001 Datasheet HTML 3Page - Silicon Laboratories TS3001 Datasheet HTML 4Page - Silicon Laboratories TS3001 Datasheet HTML 5Page - Silicon Laboratories TS3001 Datasheet HTML 6Page - Silicon Laboratories TS3001 Datasheet HTML 7Page - Silicon Laboratories TS3001 Datasheet HTML 8Page - Silicon Laboratories TS3001 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TS3001
TS3001 Rev. 1.0
Page 5
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 1V, VCNTRL = VDD, RSET = 4.32MΩ, RLOAD(FOUT) = Open Circuit, CLOAD(FOUT) = 5pF, unless otherwise noted. Values are at TA = 25°C
unless otherwise noted.
RSET - MΩ
4
8
80
0
200
Period vs RSET
0
12
120
160
40
16
20
SUPPLY CURRENT - µA
0%
Supply Current Distribution
0.97
5%
10%
15%
20%
25%
30%
35%
0.99
1.01
1.03
FOUT and PWMOUT Transient Response
VDD = 1V, VCNTRL = 0.035 x VDD, CLOAD = 22pF
5µs/DIV
FOUT and PWMOUT Transient Response
VDD = 1.5V, VCNTRL = 0.035 x VDD, CLOAD = 22pF
5µs/DIV
FOUT Transient Response
VDD = 1V, CLOAD = 47pF
5µs/DIV
FOUT Transient Response
VDD = 1.5V, CLOAD = 47pF
5µs/DIV


유사한 부품 번호 - TS3001

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS3001 TOUCHSTONE-TS3001 Datasheet
746Kb / 10P
   A 1V/1uA Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
logo
List of Unclassifed Man...
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Semtech Corporation
TS30011 SEMTECH-TS30011 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011-M000 SEMTECH-TS30011-M000 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
More results

유사한 설명 - TS3001

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS3001 TOUCHSTONE-TS3001 Datasheet
746Kb / 10P
   A 1V/1uA Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
logo
Silicon Laboratories
TS3002 SILABS-TS3002 Datasheet
1Mb / 13P
   Easy-to-Use Silicon Oscillator/Timer
logo
Touchstone Semiconducto...
TS3002 TOUCHSTONE-TS3002 Datasheet
889Kb / 11P
   A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
GPES220B2 GENERALPLUS-GPES220B2 Datasheet
427Kb / 14P
   Easy-to-use SOUNDPLUS
GPES230B2 GENERALPLUS-GPES230B2 Datasheet
719Kb / 15P
   Easy-to-use SOUNDPLUS
GPES203B GENERALPLUS-GPES203B Datasheet
250Kb / 12P
   Easy-to-use SOUNDPLUS
GPES209B1 GENERALPLUS-GPES209B1 Datasheet
277Kb / 13P
   Easy-to-use SOUNDPLUS
GPES240B2 GENERALPLUS-GPES240B2 Datasheet
390Kb / 14P
   Easy-to-use SOUNDPLUS
GPES207B1 GENERALPLUS-GPES207B1 Datasheet
280Kb / 13P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com