전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3004 데이터시트(PDF) 6 Page - Silicon Laboratories

부품명 TS3004
상세설명  Single Resistor Sets Output Frequency
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3004 데이터시트(HTML) 6 Page - Silicon Laboratories

Back Button TS3004 Datasheet HTML 2Page - Silicon Laboratories TS3004 Datasheet HTML 3Page - Silicon Laboratories TS3004 Datasheet HTML 4Page - Silicon Laboratories TS3004 Datasheet HTML 5Page - Silicon Laboratories TS3004 Datasheet HTML 6Page - Silicon Laboratories TS3004 Datasheet HTML 7Page - Silicon Laboratories TS3004 Datasheet HTML 8Page - Silicon Laboratories TS3004 Datasheet HTML 9Page - Silicon Laboratories TS3004 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TS3004
Page 6
TS3004 Rev. 1.0
PIN FUNCTIONS
PIN
NAME
FUNCTION
1
FOUT
Fixed Frequency Output. A push-pull output stage with an
output resistance of 160
Ω. FOUT pin swings from GND to
VDD. For lowest power operation, capacitance loads should
be minimized and resistive loads should be maximized.
2,3,4
FDIV2:0
Frequency Divider Input. Various combinations of these
inputs will change the FOUT frequency for a fixed value of
RSET. Refer to Table 1.
5
PWMOUT
Pulse-width Modulated Output. A push-pull output stage with
an output resistance of 160
Ω, the PWMOUT pin is wired
anti-phase with respect to FOUT and swings from GND to
VDD. For lowest power operation, capacitance loads should
be minimized and resistive loads should be maximized.
6
PWM_CNTRL
PWM Output Pulse Control Pin. Applying a voltage between
GND and VRSET will reduce the duty cycle of the PWMOUT
output that is set by the capacitor connected to the CPWM
pin. Connect PWM_CNTRL to VDD for fixed PWMOUT
output pulse time (determined only by capacitor at CPWM).
7
GND
Ground. Connect this pin to the system’s analog ground
plane.
8
CPWM
PWMOUT Pulse Width Programming Capacitance Input. A
target capacitance connected from this pin to GND sets the
duty cycle of the PMW output. Minimize any stray
capacitance on this pin. The voltage on this pin will swing
from GND to VRSET. Connect CPWM to VDD to disable PWM
function (saves PWM current).
9
VDD
Power Supply Voltage Input. The supply voltage range is
1.55V
≤ VDD ≤ 5.25V. Bypass this pin with a 0.1uF ceramic
coupling capacitor in close proximity to the TS3004.
10
RSET
FOUT Programming Resistor Input. A 4.32MOhm resistor
connected from this pin to ground sets the T3004’s internal
oscillator’s output period to 40µs (25KHz). For optimal
performance, the composition of the RSET resistor shall be
consistent with a tolerance of 1% or lower. The RSET pin
voltage is approximately 0.3V.


유사한 부품 번호 - TS3004

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS3004 TOUCHSTONE-TS3004 Datasheet
835Kb / 11P
   A 1.55V to 5.25V, 1.9uA, 3.3us to 233s Silicon Timer
logo
Silicon Laboratories
TS3004 SILABS-TS3004 Datasheet
935Kb / 3P
   LOWEST SUPPLY CURRENT FOR BATTERY-POWERED APPLICATIONS
logo
Semtech Corporation
TS30041 SEMTECH-TS30041 Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
TS30041-M000QFNR SEMTECH-TS30041-M000QFNR Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
TS30041-M015QFNR SEMTECH-TS30041-M015QFNR Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
More results

유사한 설명 - TS3004

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
TS3006 SILABS-TS3006 Datasheet
1Mb / 10P
   Single Resistor Sets Output Frequency
TS3005 SILABS-TS3005 Datasheet
1Mb / 12P
   Single Resistor Sets Output Frequency
TS3003 SILABS-TS3003 Datasheet
1Mb / 11P
   Single Resistor Sets Output Frequency
logo
Token Electronics Indus...
RY31A TOKEN-RY31A Datasheet
405Kb / 5P
   High Frequency Resistor
logo
Caddock Electronics, In...
USGS-3-1110-300M-B5 CADDOCK-USGS-3-1110-300M-B5 Datasheet
342Kb / 1P
   Type USGS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
USFS-3-370-30M-B2 CADDOCK-USFS-3-370-30M-B2 Datasheet
328Kb / 1P
   Type USFS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
logo
Integrated Device Techn...
ICS853S013I IDT-ICS853S013I Datasheet
802Kb / 16P
   Output frequency
ICS8S89831I IDT-ICS8S89831I Datasheet
744Kb / 21P
   Output frequency
logo
Welwyn Components Limit...
PFCHF WELWYN-PFCHF Datasheet
192Kb / 3P
   High Frequency Chip Resistor Terminators
logo
Anaren Microwave
R2B131350R0J5J0 ANAREN-R2B131350R0J5J0 Datasheet
197Kb / 3P
   Anaren High Frequency Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com