전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3004 데이터시트(PDF) 10 Page - Silicon Laboratories

부품명 TS3004
상세설명  Single Resistor Sets Output Frequency
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3004 데이터시트(HTML) 10 Page - Silicon Laboratories

Back Button TS3004 Datasheet HTML 4Page - Silicon Laboratories TS3004 Datasheet HTML 5Page - Silicon Laboratories TS3004 Datasheet HTML 6Page - Silicon Laboratories TS3004 Datasheet HTML 7Page - Silicon Laboratories TS3004 Datasheet HTML 8Page - Silicon Laboratories TS3004 Datasheet HTML 9Page - Silicon Laboratories TS3004 Datasheet HTML 10Page - Silicon Laboratories TS3004 Datasheet HTML 11Page - Silicon Laboratories TS3004 Datasheet HTML 12Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TS3004
Page 10
TS3004 Rev. 1.0
approximately 80µs. This is well above the required
minimum pulse width of 40µs.
Flashing Railroad Lights with the TS3004
With only three resistors and two off the shelf LEDs,
the TS3004 can be configured into a flashing railroad
lights
circuit.
With
the
input
divider
set
to
FDIV2:0 = 101 and RSET= 3.24M
Ω, the FOUT output
frequency is 1Hz. Refer to Figure 4. During the time
the output is HIGH, only the pull-down LED is on
while when the output is LOW, only the pull-up LED
is on. The supply voltage of the circuit is 5V.
Using the TS3004 and a Potentiometer to Dim an
LED
The TS3004 can be configured to dim an LED by
modulating the pulse width of the PWMOUT output.
With the input divider set to FDIV2:0 = 011 and
RSET=
2M
Ω, the FOUT output frequency is
approximately 100Hz (or 10ms period). Refer to
Figure 5. The CPWM capacitor was calculated using
Equation 2 with a pulse width of 8.1ms. To reduce
the pulse width from 8.1ms and in turn, dim the LED,
a 1M
Ω potentiometer is used. The potentiometer is
connected to the PWM_CNTRL pin in a voltage
divider configuration. The supply voltage of the circuit
is 5V.
.
Figure 5: TS3004 Configured to Dim an LED with a
Potentiometer
Figure 4: Flashing Railroad Lights with the
TS3004


유사한 부품 번호 - TS3004

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS3004 TOUCHSTONE-TS3004 Datasheet
835Kb / 11P
   A 1.55V to 5.25V, 1.9uA, 3.3us to 233s Silicon Timer
logo
Silicon Laboratories
TS3004 SILABS-TS3004 Datasheet
935Kb / 3P
   LOWEST SUPPLY CURRENT FOR BATTERY-POWERED APPLICATIONS
logo
Semtech Corporation
TS30041 SEMTECH-TS30041 Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
TS30041-M000QFNR SEMTECH-TS30041-M000QFNR Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
TS30041-M015QFNR SEMTECH-TS30041-M015QFNR Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
More results

유사한 설명 - TS3004

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
TS3006 SILABS-TS3006 Datasheet
1Mb / 10P
   Single Resistor Sets Output Frequency
TS3005 SILABS-TS3005 Datasheet
1Mb / 12P
   Single Resistor Sets Output Frequency
TS3003 SILABS-TS3003 Datasheet
1Mb / 11P
   Single Resistor Sets Output Frequency
logo
Token Electronics Indus...
RY31A TOKEN-RY31A Datasheet
405Kb / 5P
   High Frequency Resistor
logo
Caddock Electronics, In...
USGS-3-1110-300M-B5 CADDOCK-USGS-3-1110-300M-B5 Datasheet
342Kb / 1P
   Type USGS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
USFS-3-370-30M-B2 CADDOCK-USFS-3-370-30M-B2 Datasheet
328Kb / 1P
   Type USFS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
logo
Integrated Device Techn...
ICS853S013I IDT-ICS853S013I Datasheet
802Kb / 16P
   Output frequency
ICS8S89831I IDT-ICS8S89831I Datasheet
744Kb / 21P
   Output frequency
logo
Welwyn Components Limit...
PFCHF WELWYN-PFCHF Datasheet
192Kb / 3P
   High Frequency Chip Resistor Terminators
logo
Anaren Microwave
R2B131350R0J5J0 ANAREN-R2B131350R0J5J0 Datasheet
197Kb / 3P
   Anaren High Frequency Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com