전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS7001IM8T 데이터시트(PDF) 8 Page - Silicon Laboratories

부품명 TS7001IM8T
상세설명  A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS7001IM8T 데이터시트(HTML) 8 Page - Silicon Laboratories

Back Button TS7001IM8T Datasheet HTML 4Page - Silicon Laboratories TS7001IM8T Datasheet HTML 5Page - Silicon Laboratories TS7001IM8T Datasheet HTML 6Page - Silicon Laboratories TS7001IM8T Datasheet HTML 7Page - Silicon Laboratories TS7001IM8T Datasheet HTML 8Page - Silicon Laboratories TS7001IM8T Datasheet HTML 9Page - Silicon Laboratories TS7001IM8T Datasheet HTML 10Page - Silicon Laboratories TS7001IM8T Datasheet HTML 11Page - Silicon Laboratories TS7001IM8T Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TS7001
Page 8
TS7001 Rev. 1.0
PIN FUNCTIONS
PIN
LABEL
DESCRIPTION
1
CS
Chip Select: As an active low logic input signal, the CS input provides the dual function of
initiating TS7001 conversions as well as framing the serial data transfer. When the TS7001
is operated in Mode 1(its default power management mode), the CS pin also acts as the
shutdown pin in that the TS7001 is powered-down when the CS pin is logic high.
2
VDD
Power Supply Voltage: The TS7001’s VDD range +2.7V to +3.6V. In two-channel operation,
the VDD pin also serves as the TS7001’s voltage reference source during conversions. For
optimal
performance,
the
VDD
pin
should
be
bypassed
to
GND
with
a
10-µF tantalum capacitor in parallel with a 0.1µF ceramic capacitor.
3
GND
Analog Ground Pin: The GND pin is the ground reference point for all TS7001 internal
circuitry. In systems with separate AGND and DGND planes, the TS7001’s GND pin
should be connected to the AGND plane.
4
AIN1/VREF
Analog Input Channel 1/External VREF Input: In single-channel mode, the AIN1/VREF pin
is configured as VREFIN/OUT. In this mode, the TS7001’s internal 2.5V reference can be
accessed or an external reference can be applied to this pin thereby overriding the internal
reference. The reference voltage range for an externally-applied reference is 1.2V to VDD.
In two-channel mode, the AIN1/VREF pin operates as a second analog input channel,
AIN1. The input voltage range on AIN1 is 0 to VDD.
5
AIN0
Analog Input Channel 0: In single-channel operation, AIN0 is the TS7001’s analog input
with an input voltage range of 0V to VREF. In two-channel operation, the AIN0 pin exhibits
an analog input range of 0V to VDD.
6
DIN
Serial Data Input: Serial data to be loaded into the TS7001’s control register is applied at
the DIN pin. Serial data is loaded into the ADC from the host processor on low-to-high
SCLK transitions (see the Control Register section for additional information). Configuring
the TS7001 as a single-channel, read-only ADC can be achieved by hard-wiring the DIN
pin to GND or by applying a logic LOW at all times at the DIN pin.
7
DOUT
Serial Data Output: The TS7001’s conversion result is available on this pin. Serial data is
transferred out of the TS7887 on high-to low transitions of SCLK. The 12-bit conversion
result is comprised of four leading zeros followed by the 12 bits of conversion data
formatted MSB first. Thus, a total of 16 SCLK high-to-low transitions transfers the
conversion result to the host processor as shown in the corresponding timing diagram of
Figure 14.
8
SCLK
Serial-Clock Input: SCLK is used for (3) purposes: a) to load serial data from the host
processor into the TS7001’s control register on low-to-high SCLK transitions; b) to transfer
the 12-bit conversion result to the host processor on high-to-low SCLK transitions; and c)
to control the TS7001’s conversion process.


유사한 부품 번호 - TS7001IM8T

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS7001IM8T TOUCHSTONE-TS7001IM8T Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
TS7001IM8TP TOUCHSTONE-TS7001IM8TP Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
More results

유사한 설명 - TS7001IM8T

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS7001 TOUCHSTONE-TS7001 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
TSA7887 TOUCHSTONE-TSA7887 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
logo
Silicon Laboratories
TSA7887 SILABS-TSA7887 Datasheet
1Mb / 21P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
logo
Analog Devices
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
logo
STMicroelectronics
ADC1283 STMICROELECTRONICS-ADC1283 Datasheet
782Kb / 24P
   8 multiplexed channels, 50 ksps to 200 ksps, 12-bit SAR ADC
Rev 1 - March 2022
logo
Maxim Integrated Produc...
MAXSPCSPARTAN6 MAXIM-MAXSPCSPARTAN6 Datasheet
1Mb / 9P
   12-Bit, 2-/4-Channel, SAR ADC Support (MAX11612)
Rev 0; 5/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com