전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS7001IM8T 데이터시트(PDF) 4 Page - Silicon Laboratories

부품명 TS7001IM8T
상세설명  A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS7001IM8T 데이터시트(HTML) 4 Page - Silicon Laboratories

  TS7001IM8T Datasheet HTML 1Page - Silicon Laboratories TS7001IM8T Datasheet HTML 2Page - Silicon Laboratories TS7001IM8T Datasheet HTML 3Page - Silicon Laboratories TS7001IM8T Datasheet HTML 4Page - Silicon Laboratories TS7001IM8T Datasheet HTML 5Page - Silicon Laboratories TS7001IM8T Datasheet HTML 6Page - Silicon Laboratories TS7001IM8T Datasheet HTML 7Page - Silicon Laboratories TS7001IM8T Datasheet HTML 8Page - Silicon Laboratories TS7001IM8T Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TS7001
Page 4
TS7001 Rev. 1.0
ELECTRICAL SPECIFICATIONS (continued)
VDD = +2.7V to +3.6V; VREF = 2.5V External/internal reference unless otherwise noted; fSCLK = 3 MHz;
TA = TMIN to TMAX, unless otherwise noted.
Parameter
Limit1
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD
+2.7/+3.6
V (min/max)
IDD
Normal Mode4 (PM Mode 2)
Static
0.6
mA (max)
Operational (fSAMPLE = 187.5 ksps)
0.85
mA (typ)
Internal reference enabled
0.7
mA (typ)
Internal reference disabled
Using Standby Mode (PM Mode 4)
0.45
mA (typ)
fSAMPLE = 50 ksps
Using Shutdown Mode
(PM Modes 1 and 3)
0.12
mA (typ)
fSAMPLE = 10 ksps
0.012
mA (typ)
fSAMPLE = 1 ksps
Standby Mode5
0.21
mA (max)
VDD = 2.7V to 3.6V
Shutdown Mode5
1
μA (max)
VDD = 2.7V to 3.6V
Normal Mode Power Dissipation
2.1
mW (max)
VDD = 3 V
Shutdown Power Dissipation
3
μW (max)
VDD = 3 V
Standby Power Dissipation
0.63
mW (max)
VDD = 3 V
Note 1: The TS7001’s temperature range is –40
°C to +85°C.
Note 2: SNR calculation includes distortion and noise components.
Note 3: Sample tested at TA = 25°C to ensure compliance.
Note 4: All digital inputs at GND except for CS at VDD. All digital outputs are unloaded. Analog inputs are connected to GND.
Note 5: SCLK is at GND when SCLK is off. All digital inputs are at GND except for CS at VDD. All digital outputs are unloaded. Analog inputs
are connected to GND.


유사한 부품 번호 - TS7001IM8T

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS7001IM8T TOUCHSTONE-TS7001IM8T Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
TS7001IM8TP TOUCHSTONE-TS7001IM8TP Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
More results

유사한 설명 - TS7001IM8T

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS7001 TOUCHSTONE-TS7001 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
TSA7887 TOUCHSTONE-TSA7887 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
logo
Silicon Laboratories
TSA7887 SILABS-TSA7887 Datasheet
1Mb / 21P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
logo
Analog Devices
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
logo
STMicroelectronics
ADC1283 STMICROELECTRONICS-ADC1283 Datasheet
782Kb / 24P
   8 multiplexed channels, 50 ksps to 200 ksps, 12-bit SAR ADC
Rev 1 - March 2022
logo
Maxim Integrated Produc...
MAXSPCSPARTAN6 MAXIM-MAXSPCSPARTAN6 Datasheet
1Mb / 9P
   12-Bit, 2-/4-Channel, SAR ADC Support (MAX11612)
Rev 0; 5/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com