전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS9001 데이터시트(PDF) 4 Page - Silicon Laboratories

부품명 TS9001
상세설명  1.6V Nanopower Comparator with Internal Reference
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS9001 데이터시트(HTML) 4 Page - Silicon Laboratories

  TS9001 Datasheet HTML 1Page - Silicon Laboratories TS9001 Datasheet HTML 2Page - Silicon Laboratories TS9001 Datasheet HTML 3Page - Silicon Laboratories TS9001 Datasheet HTML 4Page - Silicon Laboratories TS9001 Datasheet HTML 5Page - Silicon Laboratories TS9001 Datasheet HTML 6Page - Silicon Laboratories TS9001 Datasheet HTML 7Page - Silicon Laboratories TS9001 Datasheet HTML 8Page - Silicon Laboratories TS9001 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TS9001
Page 4
TS9001 Rev. 1.0
Supply Current vs Output Transition Frequency
Supply Current
vs Supply Voltage and Temperature
SUPPLY VOLTAGE - Volt
Supply Current vs Temperature
OUTPUT TRANSITION FREQUENCY - Hz
TEMPERATURE -
°C
VCC =+1.8V
0.5
0.7
0.9
1.1
1.3
Output Voltage Low vs. Sink Current
SINK CURRENT- mA
Output Voltage Low
vs. Sink Current and Temperature
SOURCE CURRENT- mA
0
50
100
150
200
250
300
200
100
0
0.5
0.4
0.2
0
VCC =+5V
VCC =+3V
VCC =+1.8V
VCC =+5V
VCC =+3V
TA = +25°C
TA = +85°C
TA = -40°C
TA = +25°C
TA = +85°C
TA = -40°C
VCC =+1.8V
VCC =+5V
VCC =+3V
VCC =+1.8V
VCC =+5V
VCC =+3V
TS9001-1 Output Voltage High
vs Source Current
2.5
4.5
1.5
5.5
3.5
-40
-15
10
35
85
60
10
100
10k
1k
4
8
0
10
6
2
SINK CURRENT- mA
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = +5V; VEE = 0V; CL = 15pF; VOVERDRIVE = 100mV; TA = +25°C, unless otherwise noted.
0.4
0.6
0.7
1
0.5
0.8
1.1
0.9
5
10
20
30
0
15
35
25
1
12
14
16
4
8
0
10
6
2
12
14
16
0.3
0.1
4
8
0
10
6
2
12 14 16 18 20


유사한 부품 번호 - TS9001

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001 Datasheet
104Kb / 5P
   300mA CMOS Low Dropout Voltage Regulator with Enable
TS9001 TSC-TS9001 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
TS9001-1 TOUCHSTONE-TS9001-1 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
TS9001-1IJ5 TOUCHSTONE-TS9001-1IJ5 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
More results

유사한 설명 - TS9001

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Silicon Laboratories
TSM917 SILABS-TSM917 Datasheet
1Mb / 15P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Touchstone Semiconducto...
TSM917 TOUCHSTONE-TSM917 Datasheet
686Kb / 14P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com