전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS9001-2IJ5 데이터시트(PDF) 1 Page - Silicon Laboratories

부품명 TS9001-2IJ5
상세설명  1.6V Nanopower Comparator with Internal Reference
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS9001-2IJ5 데이터시트(HTML) 1 Page - Silicon Laboratories

  TS9001-2IJ5 Datasheet HTML 1Page - Silicon Laboratories TS9001-2IJ5 Datasheet HTML 2Page - Silicon Laboratories TS9001-2IJ5 Datasheet HTML 3Page - Silicon Laboratories TS9001-2IJ5 Datasheet HTML 4Page - Silicon Laboratories TS9001-2IJ5 Datasheet HTML 5Page - Silicon Laboratories TS9001-2IJ5 Datasheet HTML 6Page - Silicon Laboratories TS9001-2IJ5 Datasheet HTML 7Page - Silicon Laboratories TS9001-2IJ5 Datasheet HTML 8Page - Silicon Laboratories TS9001-2IJ5 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TS9001
Page 1
© 2014 Silicon Laboratories, Inc. All rights reserved.
PART
INTERNAL
REFERENCE
OUTPUT
STAGE
IN-
Connection
SUPPLY
CURRENT (nA)
TS9001-1
Yes
Push-Pull
REF
600
TS9001-2
Yes
Open-Drain
REF
600
FEATURES
♦ Improved Electrical Performance
over MAX9117-MAX9118
♦ Guaranteed to Operate Down to +1.6V
♦ Ultra-Low Supply Current: 600nA
♦ Internal 1.252V ±1% Reference
♦ Input Voltage Range Extends 200mV Outside-
the-Rails
♦ No Phase Reversal for Overdriven Inputs
♦ Output Stage: Push-pull (TS9001-1)
Open-Drain (TS9001-2)
♦ Crowbar-Current-Free Switching
♦ Internal Hysteresis for Clean Switching
♦ 5-pin SC70 Packaging
APPLICATIONS
2-Cell Battery Monitoring/Management
Medical Instruments
Threshold Detectors/Discriminators
Sensing at Ground or Supply Line
Ultra-Low-Power Systems
Mobile Communications
Telemetry and Remote Systems
DESCRIPTION
The nanopower TS9001-1/2 analog comparators
guarantee +1.6V operation, draw very little supply
current, and have robust input stages that can
tolerate input voltages beyond the power supply. Both
products are the first analog comparator products in
the “NanoWatt Analog” high-performance analog
integrated circuits portfolio. The TS9001-1/2 draws
600nA of supply current and includes an on-board
+1.252V±1% reference. These comparators are also
electrically and form-factor identical to the MAX9117
and the MAX9118 family of analog comparators. Both
comparators offer a 33% improvement in voltage
reference initial accuracy and the TS9001-1 offers
73% higher output current drive.
The
TS9001-1’s
push-pull
output
drivers
were
designed to drive 5mA loads from one supply rail to
the other supply rail. The TS9001-2’s open-drain
output stage make it easy to incorporate this analog
comparator into systems that operate on different
supply voltages.
Both devices are available in an
ultra-small 5-pin SC70 package.
1.6V Nanopower Comparator with Internal Reference
TYPICAL APPLICATION CIRCUIT


유사한 부품 번호 - TS9001-2IJ5

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS9001-2IJ5 TOUCHSTONE-TS9001-2IJ5 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
More results

유사한 설명 - TS9001-2IJ5

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Silicon Laboratories
TSM917 SILABS-TSM917 Datasheet
1Mb / 15P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Touchstone Semiconducto...
TSM917 TOUCHSTONE-TSM917 Datasheet
686Kb / 14P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com