전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS12012ITD1022T 데이터시트(PDF) 7 Page - Silicon Laboratories

부품명 TS12012ITD1022T
상세설명  Nanopower Op Amp, Comparator, and Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS12012ITD1022T 데이터시트(HTML) 7 Page - Silicon Laboratories

Back Button TS12012ITD1022T Datasheet HTML 3Page - Silicon Laboratories TS12012ITD1022T Datasheet HTML 4Page - Silicon Laboratories TS12012ITD1022T Datasheet HTML 5Page - Silicon Laboratories TS12012ITD1022T Datasheet HTML 6Page - Silicon Laboratories TS12012ITD1022T Datasheet HTML 7Page - Silicon Laboratories TS12012ITD1022T Datasheet HTML 8Page - Silicon Laboratories TS12012ITD1022T Datasheet HTML 9Page - Silicon Laboratories TS12012ITD1022T Datasheet HTML 10Page - Silicon Laboratories TS12012ITD1022T Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TS12011/TS12012
TS12011/12 Rev. 1.0
Page 7
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 2.5V; VSS = 0V; VAMPOUT = HiZ; VCOMPOUT = HiZ, unless otherwise noted. Typical values are at TA = +25°C.
TS12011
Comparator Propagation Delay (TPD+)
VDD = 2.5V, VOVERDRIVE = 100mV, CLOAD = 15pF
20µs/DIV
TS12011
Comparator Propagation Delay (TPD-)
VDD = 2.5V, VOVERDRIVE = 100mV, CLOAD = 15pF
20µs/DIV
SUPPLY VOLTAGE - V
0.4
0.2
0.8
0.6
Op Amp Input Offset Voltage
vs Input Common-Mode Voltage
0.2
0.4
0
0.6
0.8
VDD = 0.8V
SUPPLY VOLTAGE - V
0.5
0.4
0.8
0.6
0.7
Op Amp Input Offset Voltage
vs Input Common-Mode Voltage
0.5
1
01.5
2
VDD = 2.5V
2.5
TS12011
Op Amp Small-Signal Transient Response
VDD = 2.5V, RLOAD = 100kΩ, CLOAD = 15pF
200µs/DIV
TS12011
Op Amp Large Signal Transient Response
VDD = 2.5V, RLOAD = 100kΩ, CLOAD = 15pF
500µs/DIV


유사한 부품 번호 - TS12012ITD1022T

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS12012ITD1022T TOUCHSTONE-TS12012ITD1022T Datasheet
809Kb / 11P
   A 0.8V/1.5uA Nanopower Op Amp, Comparator, and Reference
TS12012ITD1022TP TOUCHSTONE-TS12012ITD1022TP Datasheet
809Kb / 11P
   A 0.8V/1.5uA Nanopower Op Amp, Comparator, and Reference
More results

유사한 설명 - TS12012ITD1022T

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS12011 TOUCHSTONE-TS12011 Datasheet
809Kb / 11P
   A 0.8V/1.5uA Nanopower Op Amp, Comparator, and Reference
logo
Linear Technology
LTC1541 LINER-LTC1541 Datasheet
180Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541CDD LINER-LTC1541CDD Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541 LINER-LTC1541_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1542 LINER-LTC1542_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
   Low-Power, Single-Supply Op Amp Comparator Reference
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com