전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLPR910YVA 데이터시트(PDF) 3 Page - Texas Instruments

부품명 DLPR910YVA
상세설명  Configuration PROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DLPR910YVA 데이터시트(HTML) 3 Page - Texas Instruments

  DLPR910YVA Datasheet HTML 1Page - Texas Instruments DLPR910YVA Datasheet HTML 2Page - Texas Instruments DLPR910YVA Datasheet HTML 3Page - Texas Instruments DLPR910YVA Datasheet HTML 4Page - Texas Instruments DLPR910YVA Datasheet HTML 5Page - Texas Instruments DLPR910YVA Datasheet HTML 6Page - Texas Instruments DLPR910YVA Datasheet HTML 7Page - Texas Instruments DLPR910YVA Datasheet HTML 8Page - Texas Instruments DLPR910YVA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
A
B
C
D
E
F
G
H
1
2
3
4
5
6
DLPR910
www.ti.com
DLPS065A – SEPTEMBER 2015 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
YVA Package
48-Pin DSBGA
Top View
I/O Type Descriptions
SUBSCRIPT
DESCRIPTION
P
Power
G
Ground
I
Input
O
Output
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
GND
A1
G
Ground
GND
A2
G
Ground
Output Enable/RESET (Open-Drain I/O). When Low, this input holds the address
counter reset and the DATA and CLKOUT outputs are placed in a high-impedance state.
OE/RESET
A3
I/O
This is a bidirectional open-drain pin that is held Low while the PROM completes the
internal power-on reset sequence. Polarity is not programmable. Pin must be pulled
High using an external 4.7-k
Ω pull-up to VCCO .
DNC
A4
Do Not Connect. Leave unconnected.
D6
A5
Do Not Connect. Leave unconnected.
D7
A6
Do Not Connect. Leave unconnected.
VCCINT
B1
P
Positive 1.8-V supply voltage for internal logic.
Positive 3.3-V and 1.8-V supply voltage connected to the output voltage drivers and
VCCO
B2
P
internal buffers.
Configuration clock input. Each rising edge on the CLK input increments the internal
CLK
B3
I
address counter. Pin must be pulled High and Low using an external 100-
Ω pull-up
to VCCO and an external 100-Ω pull-down to Ground. Place resistors close to pin.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DLPR910


유사한 부품 번호 - DLPR910YVA

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DLPR910YVA TI1-DLPR910YVA Datasheet
299Kb / 17P
[Old version datasheet]   Configuration PROM
More results

유사한 설명 - DLPR910YVA

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DLPR410 TI1-DLPR410_18 Datasheet
264Kb / 17P
[Old version datasheet]   Configuration PROM
DLPR410 TI1-DLPR410 Datasheet
421Kb / 18P
[Old version datasheet]   Configuration PROM
DLPR910 TI1-DLPR910_17 Datasheet
299Kb / 17P
[Old version datasheet]   Configuration PROM
DLPR410 TI-DLPR410_V01 Datasheet
906Kb / 21P
[Old version datasheet]   DLPR410 Configuration PROM
REVISED AUGUST 2021
DLPR100 TI1-DLPR100 Datasheet
234Kb / 15P
[Old version datasheet]   DLP짰 Configuration PROM for DLPC100
logo
Xilinx, Inc
DS541 XILINX-DS541 Datasheet
925Kb / 27P
   Defense Grade Platform Flash In-System Programmable Configuration PROM
logo
Rhombus Industries Inc.
T-31201 RHOMBUS-IND-T-31201 Datasheet
30Kb / 1P
   Single Configuration / Dual Configuration
logo
LANSDALE Semiconductor ...
HL0512 LANSDALE-HL0512 Datasheet
2Mb / 4P
   Bipolar Prom
HL0512 LANSDALE-HL0512_08 Datasheet
2Mb / 4P
   Bipolar Prom
logo
Xicor Inc.
X2804A XICOR-X2804A Datasheet
212Kb / 8P
   ELECTRICALLY ERASBLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com