전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPL5111 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 TPL5111
상세설명  Nano-Power System Timer for Power Gating
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5111 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TPL5111 Datasheet HTML 7Page - Texas Instruments TPL5111 Datasheet HTML 8Page - Texas Instruments TPL5111 Datasheet HTML 9Page - Texas Instruments TPL5111 Datasheet HTML 10Page - Texas Instruments TPL5111 Datasheet HTML 11Page - Texas Instruments TPL5111 Datasheet HTML 12Page - Texas Instruments TPL5111 Datasheet HTML 13Page - Texas Instruments TPL5111 Datasheet HTML 14Page - Texas Instruments TPL5111 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
DRVn
DONE
EN/
ONE_SHOT
DELAY/
M_DRV
ttM_DRVt
ttDBt
ttM_DRVt
NOT VALID M_DRV
VALID M_DRV
ttIPt
TPL5111
www.ti.com
SNAS659A – JUNE 2015 – REVISED JULY 2015
Programming (continued)
Figure 12. Manual Power ON in One Shot Mode
7.5.2.1 DELAY/M_DRV
A resistance in the range between 500
Ω and 170kΩ must to be connected to the DELAY/M_DRV pin in order to
select a valid time interval. At POR and during the reading of REXT, the DELAY/M_DRV pin is internally
connected to an analog signal chain through a multiplexer. After the reading of REXT, the analog circuit is
switched off and the DELAY/M_DRV pin is internally connected to a digital circuit.
In this state, a logic HIGH applied to the DELAY/M_DRV pin is interpreted by the TPL5111 as a manual power
ON. The manual power ON detection is provided with a de-bounce feature (on both edges) which makes the
TPL5111 insensitive to the glitches on the DELAY/M_DRV.
The DELAY/M_DRV pin must stay HIGH for at least 20ms to be valid. Once a valid signal at DELAY/M_DRV is
understood as a manual power on, the DRVn signal will be asserted within the next 10ms. Its duration will be
according to the programmed time interval (minus 50 ms), or less if the DONE is received.
A manual power ON signal resets all the counters. The counters will restart as soon as a valid manual power ON
signal is recognized and the signal at DELAY/M_DRV pin is asserted LOW. Due to the asynchronous nature of
the manual power ON signal and its arbitrary duration, the HIGH status of the DRVn signal may have an
uncertainty of about ±5ms.
An extended assertion of a logic HIGH at the DELAY/M_DRV pin will turn on DRVn for a time longer than the
programmed time interval. DONE signals received while the DELAY/M_DRV is HIGH are ignored. If the DRVn is
already HIGH the manual power ON is ignored.
7.5.2.2 Circuitry
The manual Power ON may be implemented using a switch (momentary mechanical action). Using a single pole
single throw (SPST) switch offers a low cost solution. The DELAY/M_DRV pin may be directly connected to VDD
with REXT in the circuit. The current drawn from the supply voltage during the manual power ON is given by
VDD/REXT.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPL5111


유사한 부품 번호 - TPL5111

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPL5111 TI1-TPL5111 Datasheet
1Mb / 25P
[Old version datasheet]   TPL5111 Nano-Power System Timer for Power Gating
TPL5111DDCR TI1-TPL5111DDCR Datasheet
1Mb / 25P
[Old version datasheet]   TPL5111 Nano-Power System Timer for Power Gating
TPL5111DDCT TI1-TPL5111DDCT Datasheet
1Mb / 25P
[Old version datasheet]   TPL5111 Nano-Power System Timer for Power Gating
TPL5111EVM TI-TPL5111EVM Datasheet
1Mb / 21P
[Old version datasheet]   TPL5111EVM User s Guide
TPL5111 TI1-TPL5111_16 Datasheet
1Mb / 25P
[Old version datasheet]   TPL5111 Nano-Power System Timer for Power Gating
More results

유사한 설명 - TPL5111

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPL5110 TI1-TPL5110_16 Datasheet
933Kb / 26P
[Old version datasheet]   TPL5110 Nano-power System Timer for Power Gating
TPL5111 TI1-TPL5111_16 Datasheet
1Mb / 25P
[Old version datasheet]   TPL5111 Nano-Power System Timer for Power Gating
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer for Power Gating
TPL5010 TI1-TPL5010_16 Datasheet
934Kb / 25P
[Old version datasheet]   TPL5010 Nano-power System Timer with Watchdog Function
TPL5100 TI1-TPL5100 Datasheet
859Kb / 20P
[Old version datasheet]   Nano-Power Programmable Timer
TPL5000 TI1-TPL5000 Datasheet
806Kb / 21P
[Old version datasheet]   Nano-Power Programmable Timer
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
logo
SparkFun Electronics
PRT-15353 SPARKFUN-PRT-15353 Datasheet
216Kb / 2P
   SparkFun Nano Power Timer - TPL5110
6??2??9
logo
Rohm
BD39040MUF-C ROHM-BD39040MUF-C Datasheet
2Mb / 29P
   System Power Good Watchdog Timer Reset for Automotive
15.Feb.2019 Rev.001
logo
Texas Instruments
TPL5000DGSR TI1-TPL5000DGSR Datasheet
719Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com