전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD15P6F6AG 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 STD15P6F6AG
상세설명  Very low on-resistance
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD15P6F6AG 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button STD15P6F6AG Datasheet HTML 3Page - STMicroelectronics STD15P6F6AG Datasheet HTML 4Page - STMicroelectronics STD15P6F6AG Datasheet HTML 5Page - STMicroelectronics STD15P6F6AG Datasheet HTML 6Page - STMicroelectronics STD15P6F6AG Datasheet HTML 7Page - STMicroelectronics STD15P6F6AG Datasheet HTML 8Page - STMicroelectronics STD15P6F6AG Datasheet HTML 9Page - STMicroelectronics STD15P6F6AG Datasheet HTML 10Page - STMicroelectronics STD15P6F6AG Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
STD15P6F6AG
Electrical characteristics
DocID028450 Rev 1
7/15
Figure 8: Capacitance variations
Figure 9: Normalized V(BR)DSS vs
temperature
Figure 10: Normalized gate threshold voltage
vs temperature
Figure 11: Normalized on-resistance vs.
temperature
Figure 12: Source-drain diode forward characteristics
For the P-channel Power MOSFET, current and voltage polarities are reversed.
C
300
100
0
0
20
VDS(V)
(pF)
10
30
Ciss
Coss
Crss
40
50
200
400


유사한 부품 번호 - STD15P6F6AG

제조업체부품명데이터시트상세설명
logo
Shanghai Leiditech Elec...
STD15P6F6AG LEIDITECH-STD15P6F6AG Datasheet
1Mb / 5P
   -100V P-Channel Enhancement Mode MOSFET
Rev : 01.0 8 .2021
More results

유사한 설명 - STD15P6F6AG

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STL6P3LLH6 STMICROELECTRONICS-STL6P3LLH6 Datasheet
578Kb / 15P
   Very low on-resistance
November 2014 Rev 3
STP160N3LL STMICROELECTRONICS-STP160N3LL Datasheet
393Kb / 13P
   Very low on-resistance
June 2015 Rev 3
STP110N8F6 STMICROELECTRONICS-STP110N8F6 Datasheet
557Kb / 13P
   Very low on-resistance
December 2014 Rev 2
STR1P2UH7 STMICROELECTRONICS-STR1P2UH7 Datasheet
613Kb / 12P
   Very low on-resistance
June 2015 Rev 3
STR2P3LLH6 STMICROELECTRONICS-STR2P3LLH6 Datasheet
547Kb / 12P
   Very low on-resistance
November 2014 Rev 2
STS9P3LLH6 STMICROELECTRONICS-STS9P3LLH6 Datasheet
602Kb / 13P
   Very low on-resistance
March 2016 Rev 2
STT3P2UH7 STMICROELECTRONICS-STT3P2UH7 Datasheet
563Kb / 13P
   Very low on-resistance
September 2016 Rev 3
STH260N6F6-6 STMICROELECTRONICS-STH260N6F6-6 Datasheet
817Kb / 13P
   Very low on-resistance
March 2014 Rev 2
STT7P2UH7 STMICROELECTRONICS-STT7P2UH7 Datasheet
488Kb / 13P
   Very low on-resistance
October 2014 Rev 3
STH175N4F6-2AG STMICROELECTRONICS-STH175N4F6-2AG Datasheet
594Kb / 18P
   Very low on-resistance
February 2015 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com