전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD46N6F7 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STD46N6F7
상세설명  N-channel 60 V, 0.012typ., 15 A STripFET??F7 Power MOSFET in a DPAK package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD46N6F7 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button STD46N6F7 Datasheet HTML 2Page - STMicroelectronics STD46N6F7 Datasheet HTML 3Page - STMicroelectronics STD46N6F7 Datasheet HTML 4Page - STMicroelectronics STD46N6F7 Datasheet HTML 5Page - STMicroelectronics STD46N6F7 Datasheet HTML 6Page - STMicroelectronics STD46N6F7 Datasheet HTML 7Page - STMicroelectronics STD46N6F7 Datasheet HTML 8Page - STMicroelectronics STD46N6F7 Datasheet HTML 9Page - STMicroelectronics STD46N6F7 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
STD46N6F7
6/14
DocID028323 Rev 2
Figure 8: Capacitance variations
Figure 9: Normalized gate threshold voltage
vs temperature
Figure 10: Normalized on-resistance vs
temperature
Figure 11: Normalized V(BR)DSS vs
temperature
Figure 12: Source-drain diode forward characteristics


유사한 부품 번호 - STD46N6F7

제조업체부품명데이터시트상세설명
logo
Visual Communications C...
STD460BLK VCC-STD460BLK Datasheet
67Kb / 1P
   STD
logo
STMicroelectronics
STD46P4LLF6 STMICROELECTRONICS-STD46P4LLF6 Datasheet
899Kb / 16P
   P-channel 40 V, 0.0125 廓 typ., StripFET??F6 Power MOSFET in a DPAK package
ecember 2014 Rev 3
More results

유사한 설명 - STD46N6F7

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD30N10F7 STMICROELECTRONICS-STD30N10F7 Datasheet
1Mb / 16P
   N-channel 100 V, 0.02 廓 typ., 32 A STripFET??F7 Power MOSFET in a DPAK package
January 2016 Rev 3
STD140N6F7 STMICROELECTRONICS-STD140N6F7 Datasheet
678Kb / 13P
   N-channel 60 V, 3.1 m(ohm) typ., 80 A STripFET F7 Power MOSFET in a DPAK package
STL90N6F7 STMICROELECTRONICS-STL90N6F7 Datasheet
373Kb / 13P
   N-channel 60 V, 0.0046 廓 typ., 90 A STripFET??F7 Power MOSFET in a PowerFLAT??5x6 package
June 2015 Rev 2
STL140N6F7 STMICROELECTRONICS-STL140N6F7 Datasheet
944Kb / 13P
   N-channel 60 V, 2.4 m廓 typ., 140 A STripFET??F7 Power MOSFET in a PowerFLAT??5x6 package
April 2017 Rev 5
STD47N10F7AG STMICROELECTRONICS-STD47N10F7AG Datasheet
801Kb / 16P
   Automotive-grade N-channel 100 V, 12.5 m廓 typ., 45 A, STripFET??F7 Power MOSFET in a DPAK package
February 2017 Rev 3
STD35P6LLF6 STMICROELECTRONICS-STD35P6LLF6 Datasheet
754Kb / 16P
   P-channel 60 V, 0.025 廓 typ., 35 A STripFET??F6 Power MOSFET in a DPAK package
April 2017 Rev 3
STB100N6F7 STMICROELECTRONICS-STB100N6F7 Datasheet
555Kb / 15P
   N-channel 60 V, 4.7 m??typ.,100 A STripFET??F7 Power MOSFET in a D짼PAK package
January 2015 Rev 2
STF100N6F7 STMICROELECTRONICS-STF100N6F7 Datasheet
419Kb / 13P
   N-channel 60 V, 4.6 m??typ., 46 A STripFET??F7 Power MOSFET in a TO-220FP package
February 2015 Rev 3
STF150N10F7 STMICROELECTRONICS-STF150N10F7 Datasheet
782Kb / 13P
   N-channel 100 V, 0.0036 廓 typ., 65 A, STripFET??F7 Power MOSFET in a TO-220FP package
August 2014 Rev 2
STP30N10F7 STMICROELECTRONICS-STP30N10F7 Datasheet
1Mb / 13P
   N-channel 100 V, 0.02 廓 typ., 32 A STripFET??F7 Power MOSFET in a TO-220 package
February 2016 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com