전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STFI26N60M2 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 STFI26N60M2
상세설명  N-channel 600 V, 0.14typ., 20 A MDmesh??M2 Power MOSFETs in TO-220FP and I짼PAKFP packages
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFI26N60M2 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button STFI26N60M2 Datasheet HTML 6Page - STMicroelectronics STFI26N60M2 Datasheet HTML 7Page - STMicroelectronics STFI26N60M2 Datasheet HTML 8Page - STMicroelectronics STFI26N60M2 Datasheet HTML 9Page - STMicroelectronics STFI26N60M2 Datasheet HTML 10Page - STMicroelectronics STFI26N60M2 Datasheet HTML 11Page - STMicroelectronics STFI26N60M2 Datasheet HTML 12Page - STMicroelectronics STFI26N60M2 Datasheet HTML 13Page - STMicroelectronics STFI26N60M2 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Package information
STF26N60M2, STFI26N60M2
10/15
DocID027600 Rev 2
4.1
TO-220FP package information
Figure 20: TO-220FP package outline
7012510_Rev_K_B


유사한 부품 번호 - STFI26N60M2

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STFI26NM60N STMICROELECTRONICS-STFI26NM60N Datasheet
679Kb / 12P
   N-channel 600 V, 0.135, 20 A MDmesh II Power MOSFET in PAKFP package
More results

유사한 설명 - STFI26N60M2

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STF15NM65N STMICROELECTRONICS-STF15NM65N_V01 Datasheet
923Kb / 15P
   N-channel 650 V, 0.35 廓 typ., 12 A MDmesh??II Power MOSFETs in TO-220FP and I짼PAKFP packages
July 2016
STF42N60M2-EP STMICROELECTRONICS-STF42N60M2-EP Datasheet
638Kb / 16P
   N-channel 600 V, 0.076 ??typ., 34 A MDmesh??M2 EP Power MOSFETs in TO-220FP and TO-3PF packages
January 2015 Rev 1
STF40N60M2 STMICROELECTRONICS-STF40N60M2_V01 Datasheet
886Kb / 18P
   N-channel 600 V, 0.078 Ω typ., 34 A MDmesh M2 Power MOSFETs in TO-220FP, I2PAKFP and TO-3PF packages
September 2016
STP26N60M2 STMICROELECTRONICS-STP26N60M2 Datasheet
804Kb / 16P
   N-channel 600 V, 0.14 Ω typ., 20 A MDmeshTM M2 Power MOSFETs in TO-220 and TO-247 packages
March 2017 Rev 2
STF27N60M2-EP STMICROELECTRONICS-STF27N60M2-EP Datasheet
665Kb / 13P
   N-channel 600 V, 0.150 廓 typ., 20 A MDmesh??M2 EP Power MOSFET in TO-220FP package
January 2016 Rev 1
STFI12N60M2 STMICROELECTRONICS-STFI12N60M2 Datasheet
380Kb / 12P
   N-channel 600 V, 0.395 廓 typ., 9 A MDmesh??M2 Power MOSFET in an I짼PAKFP package
May 2015 Rev 1
STF9HN65M2 STMICROELECTRONICS-STF9HN65M2 Datasheet
444Kb / 13P
   N-channel 600 V, 0.71 廓 typ., 5.5 A MDmesh??M2 Power MOSFET in a TO-220FP package
April 2015 Rev 2
STB42N60M2-EP STMICROELECTRONICS-STB42N60M2-EP Datasheet
393Kb / 20P
   N-channel 600 V, 0.076 廓 typ., 34 A MDmesh??M2 EP Power MOSFETs in D짼PAK, TO-220 and TO-247 packages
January 2015 Rev 1
STP7N65M2 STMICROELECTRONICS-STP7N65M2 Datasheet
881Kb / 18P
   N-channel 650 V, 0.98 廓 typ., 5 A MDmesh??M2 Power MOSFETs in TO-220 and IPAK packages
May 2015 Rev 3
STP16N60M2 STMICROELECTRONICS-STP16N60M2 Datasheet
453Kb / 16P
   N-channel 600 V, 0.28 廓 typ., 12 A MDmesh??M2 Power MOSFET in TO-220 and IPAK packages
March 2015 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com