전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC121S101CIMK 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC121S101CIMK
상세설명  12-Bit Micro Power, RRO Digital-to-Analog Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC121S101CIMK 데이터시트(HTML) 1 Page - Texas Instruments

  DAC121S101CIMK Datasheet HTML 1Page - Texas Instruments DAC121S101CIMK Datasheet HTML 2Page - Texas Instruments DAC121S101CIMK Datasheet HTML 3Page - Texas Instruments DAC121S101CIMK Datasheet HTML 4Page - Texas Instruments DAC121S101CIMK Datasheet HTML 5Page - Texas Instruments DAC121S101CIMK Datasheet HTML 6Page - Texas Instruments DAC121S101CIMK Datasheet HTML 7Page - Texas Instruments DAC121S101CIMK Datasheet HTML 8Page - Texas Instruments DAC121S101CIMK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
POWER-ON
RESET
DAC
REGISTER
INPUT
CONTROL
LOGIC
12-BIT DAC
12
12
POWER-DOWN
CONTROL
LOGIC
BUFFER
1k
100k
SCLK
DIN
SYNC
REF(+) REF(-)
VA
GND
DAC121S101
VOUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DAC121S101, DAC121S101-Q1
SNAS265J – JUNE 2005 – REVISED SEPTEMBER 2015
DAC121S101/-Q1 12-Bit Micro Power, RRO Digital-to-Analog Converter
1 Features
3 Description
The DAC121S101 device is a full-featured, general-
1
DAC121S101-Q1 is AEC-Q100 Grade 1 Qualified
purpose,
12-bit
voltage-output
digital-to-analog
and is Manufactured on an Automotive Grade
converter (DAC) that can operate from a single 2.7-V
Flow.
to 5.5-V supply and consumes just 177 µA of current
Ensured Monotonicity
at 3.6 V. The on-chip output amplifier allows rail-to-
rail output swing and the three wire serial interface
Low Power Operation
operates at clock rates up to 30 MHz over the
Rail-to-Rail Voltage Output
specified supply voltage range and is compatible with
Power-on Reset to Zero Volts Output
standard
SPI™,
QSPI,
MICROWIRE
and
DSP
Wide Temperature Range of
−40°C to +125°C
interfaces. Competitive devices are limited to 20-MHz
clock rates at supply voltages in the 2.7 V to 3.6 V
Wide Power Supply Range of 2.7 V to 5.5 V
range.
Small Packages
The supply voltage for the DAC121S101 serves as its
Power Down Feature
voltage reference, providing the widest possible
Key Specifications
output dynamic range. A power-on reset circuit
12-Bit Resolution
ensures that the DAC output powers up to zero volts
and remains there until there is a valid write to the
DNL -0.15, +0.25 LSB (Typical)
device.
A
power-down
feature
reduces
power
8-µs Output Settling Time (Typical)
consumption to less than a microWatt.
4-mV Zero Code Error (Typical)
The low power consumption and small packages of
Full-Scale Error at
−0.06 %FS (Typical)
the DAC121S101 make it an excellent choice for use
0.64-mW (3.6-V) / 1.43-mW (5.5-V) Normal
in battery operated equipment.
Mode Power Consumption (Typical)
Device Information(1)
0.14-µW (3.6-V) / 0.39-µW (5.5-V) Power-
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Down Mode (Typical)
SOT (6)
2.90 mm × 1.60 mm
DAC121S101
2 Applications
VSSOP (8)
3.00 mm × 3.00 mm
DAC121S101-Q1
SOT (6)
2.90 mm × 1.60 mm
Battery-Powered Instruments
(1) For all available packages, see the orderable addendum at
Digital Gain and Offset Adjustment
the end of the data sheet.
Programmable Voltage and Current Sources
Programmable Attenuators
Automotive
Simplified Block Diagram
DNL vs. Output Code
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - DAC121S101CIMK

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DAC121S101CIMK NSC-DAC121S101CIMK Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101CIMK NSC-DAC121S101CIMK Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
logo
Texas Instruments
DAC121S101CIMK TI-DAC121S101CIMK Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101CIMKX NSC-DAC121S101CIMKX Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101CIMKX NSC-DAC121S101CIMKX Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
More results

유사한 설명 - DAC121S101CIMK

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101_10 Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
logo
Texas Instruments
DAC121S101 TI1-DAC121S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
DAC121C085CIMM TI1-DAC121C085CIMM Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
DAC121C081 TI1-DAC121C081_16 Datasheet
1Mb / 41P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286 TI1-ADS1286_14 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 TI1-ADS1286_16 Datasheet
483Kb / 17P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286_06 Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 BURR-BROWN-ADS1286_12 Datasheet
479Kb / 18P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC101S101 TI1-DAC101S101_16 Datasheet
1Mb / 37P
[Old version datasheet]   DAC101S101 and DAC101S101Q-1 10-Bit Micro Power, RRO Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com