전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC3482IZAY 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC3482IZAY
상세설명  Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482IZAY 데이터시트(HTML) 6 Page - Texas Instruments

Back Button DAC3482IZAY Datasheet HTML 2Page - Texas Instruments DAC3482IZAY Datasheet HTML 3Page - Texas Instruments DAC3482IZAY Datasheet HTML 4Page - Texas Instruments DAC3482IZAY Datasheet HTML 5Page - Texas Instruments DAC3482IZAY Datasheet HTML 6Page - Texas Instruments DAC3482IZAY Datasheet HTML 7Page - Texas Instruments DAC3482IZAY Datasheet HTML 8Page - Texas Instruments DAC3482IZAY Datasheet HTML 9Page - Texas Instruments DAC3482IZAY Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 106 page
background image
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
A33
A32
A31
A30
A29
A28
A27
A26
A25
A24
A23
B30
B29
B28
B27
B26
B25
B24
B23
B22
B21
C1
C2
C3
C4
OSTRN
OSTRP
SYNCP
CLKVDD
DACCLKN
DACCLKP
VFUSE
PLLAVDD
LPF
D15N
D15P
D13P
DIGVDD
D14N
D14P
IOVDD
DIGVDD
SYNCN
D12N
D12P
D13N
SCLK
ALARM
PARITYN
SDO
SDIO
SDENB
TXENABLE
RESETB
BIASJ
D0P
D0N
D2N
DIGVDD
D1P
D1N
IOVDD
DIGVDD
PARITYP
D3P
D3N
D2P
DAC3482
88-WQFN 9mm x 9mm
P0133-01
DAC3482
SLAS748F – MARCH 2011 – REVISED AUGUST 2015
www.ti.com
5 Pin Configuration and Functions
RKD Package
88-Pin WQFN-MR with Exposed Thermal Pad
Top View
RKD Package Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
A36, A37,
A38, A40,
AVDD
I
Analog supply voltage (3.3 V)
A41, A42,
B31
CMOS output for ALARM condition. The ALARM output functionality is defined through the config7
ALARM
B29
O
register. Default polarity is active high, but can be changed to active low via config0 alarm_out_pol
control bit.
Full-scale output current bias. For 30-mA full-scale output current, connect 1.28 k
Ω to ground.
BIASJ
A33
O
Change the full-scale output current through coarse_dac(3:0) in config3, bit<15:12>.
Internal clock buffer supply voltage. (1.2 V)
CLKVDD
A4
I
It is recommended to isolate this supply from DIGVDD and DACVDD.
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: DAC3482


유사한 부품 번호 - DAC3482IZAY

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC3482IZAY TI1-DAC3482IZAY Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482IZAYR TI1-DAC3482IZAYR Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results

유사한 설명 - DAC3482IZAY

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482 Datasheet
1Mb / 79P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3482 TI1-DAC3482_14 Datasheet
1Mb / 92P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   DAC3482, Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com