전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDC2212 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 FDC2212
상세설명  Capacitance-to-Digital Converter for Proximity Level Sensing Applications
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2212 데이터시트(HTML) 10 Page - Texas Instruments

Back Button FDC2212 Datasheet HTML 6Page - Texas Instruments FDC2212 Datasheet HTML 7Page - Texas Instruments FDC2212 Datasheet HTML 8Page - Texas Instruments FDC2212 Datasheet HTML 9Page - Texas Instruments FDC2212 Datasheet HTML 10Page - Texas Instruments FDC2212 Datasheet HTML 11Page - Texas Instruments FDC2212 Datasheet HTML 12Page - Texas Instruments FDC2212 Datasheet HTML 13Page - Texas Instruments FDC2212 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
43.32
43.33
43.34
43.35
43.36
43.37
43.38
43.39
43.4
D009
VDD = 2.7 V
VDD = 3 V
VDD = 3.3 V
VDD = 3.6 V
VDD (V)
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
43.32
43.33
43.34
43.35
43.36
43.37
43.38
43.39
43.4
43.41
D010
-40°C
-20°C
0°C
25°C
50°C
85°C
100°C
125°C
FDC2212, FDC2214, FDC2112, FDC2114
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
www.ti.com
Typical Characteristics (continued)
Common test conditions (unless specified otherwise): Sensor capacitor: 1 layer, 20.9 x 13.9 mm, Bourns CMH322522-180KL
sensor inductor with L=18 µH and 33 pF 1% COG/NP0 Target: Grounded aluminum plate (176 x 123 mm), Channel =
Channel 0 (continuous mode) CLKIN = 40 MHz, CHx_FIN_SEL = b01, CHx_FREF_DIVIDER = b00 0000 0001
CH0_RCOUNT = 0xFFFF, SETTLECOUNT_CH0 = 0x0100, DRIVE_CURRENT_CH0 = 0x7800.
–40°C to +125°C
Data based on 1 unit
Figure 8. Internal Oscillator Frequency vs. Temperature
Figure 9. Internal Oscillator Frequency vs. VDD
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114


유사한 부품 번호 - FDC2212

제조업체부품명데이터시트상세설명
logo
Texas Instruments
FDC2212 TI1-FDC2212 Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
FDC2212-Q1 TI1-FDC2212-Q1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
FDC2212DNTR TI1-FDC2212DNTR Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
FDC2212DNTT TI1-FDC2212DNTT Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
FDC2212QDNTRQ1 TI1-FDC2212QDNTRQ1 Datasheet
1Mb / 58P
[Old version datasheet]   Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
More results

유사한 설명 - FDC2212

제조업체부품명데이터시트상세설명
logo
Texas Instruments
FDC2112-Q1 TI1-FDC2112-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
logo
ams AG
TSL27721 AMSCO-TSL27721 Datasheet
848Kb / 56P
   Light-to-Digital Converter with Proximity Sensing
TSL27711 AMSCO-TSL27711 Datasheet
780Kb / 50P
   Light-to-Digital Converter with Proximity Sensing
TSL2771 AMSCO-TSL2771 Datasheet
780Kb / 33P
   LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
TSL2772 AMSCO-TSL2772 Datasheet
1Mb / 35P
   LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
logo
Analog Devices
AD7150 AD-AD7150_17 Datasheet
456Kb / 29P
   Converter for Proximity Sensing
logo
ams AG
TCS3772 AMSCO-TCS3772 Datasheet
1Mb / 33P
   COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
logo
TEXAS ADVANCED OPTOELEC...
TMD37821 TAOS-TMD37821 Datasheet
600Kb / 34P
   Color Light-To-Digital Converter with Proximity Sensing
logo
ams AG
TMD3782 AMSCO-TMD3782 Datasheet
600Kb / 34P
   Color Light-To-Digital Converter with Proximity Sensing
logo
TEXAS ADVANCED OPTOELEC...
TMD37823 TAOS-TMD37823 Datasheet
600Kb / 34P
   Color Light-To-Digital Converter with Proximity Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com