전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD6215B 데이터시트(PDF) 4 Page - Powerex Power Semiconductors

부품명 CD6215B
상세설명  Dual SCR/Diode Isolated Module 150 Amperes / Up to 1800 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWEREX [Powerex Power Semiconductors]
홈페이지  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD6215B 데이터시트(HTML) 4 Page - Powerex Power Semiconductors

  CD6215B Datasheet HTML 1Page - Powerex Power Semiconductors CD6215B Datasheet HTML 2Page - Powerex Power Semiconductors CD6215B Datasheet HTML 3Page - Powerex Power Semiconductors CD6215B Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR/Diode Isolated Module
150 Amperes / Up to 1800 Volts
Revision Date: 04/28/2009
CD62__15B
CD67__15B
Maximum Transient Thermal Impedance
0.000
0.020
0.040
0.060
0.080
0.100
0.120
0.140
0.160
0.180
0.01
0.1
1
10
Time - t - Seconds
(Junction to Case)
Maximum On-State Forward Voltage Drop
0
1
2
3
4
5
10
100
1000
10000
Instantaneous On-State Current - Itm / Ifm - Amperes
( Tj = 125 °C )
0
180
360
CONDUCTION ANGLE
Maximum On-State Power Dissipation
15°
30°
60°
90°
120°
180°
0
20
40
60
80
100
120
140
160
180
200
220
240
0
20406080
100
120
140
160
180
Average On-State Current - It(av) / If(av) - Amperes
(Sinusoidal Waveform)
0
180
360
CONDUCTION ANGLE
Maximum Allowable Case Temperature
120°
90°
60°
30°
15°
180°
85
90
95
100
105
110
115
120
125
0
20406080
100
120
140
160
180
Average On-State Current - It(av) / If(av) - Amperes
(Sinusoidal Waveform)
0
180
360
CONDUCTION ANGLE
Maximum On-State Power Dissipation
90°
60°
30°
120°
180°
270°
15°
360°
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
0
20
40
60
80
100
120
140
160
180
200
220
240
260
Average On-State Current - It(av) / If(av) - Amperes
(Rectangular Waveform)
0
180
360
CONDUCTION ANGLE
Maximum Allowable Case Temperature
270°
180°
120°
90°
60°
30°
15°
360°
75
80
85
90
95
100
105
110
115
120
125
0
20
40
60
80
100 120 140 160 180 200 220 240 260
Average On-State Current - It(av) / If(av) - Amperes
(Rectangular Waveform)


유사한 부품 번호 - CD6215B

제조업체부품명데이터시트상세설명
logo
Powerex Power Semicondu...
CD6215A POWEREX-CD6215A Datasheet
111Kb / 5P
   POW-R-BLOK Dual SCR/Diode Isolated Module 150 Amperes / Up to 1600 Volts
More results

유사한 설명 - CD6215B

제조업체부품명데이터시트상세설명
logo
Powerex Power Semicondu...
CD4390B POWEREX-CD4390B Datasheet
308Kb / 4P
   90 Amperes / Up to 1800 Volts Dual SCR Isolated Module
CD420840B POWEREX-CD420840B Datasheet
118Kb / 4P
   POW-R-BLOKTM Dual SCR/Diode Isolated Module 40 Amperes / Up to 1800 Volts
PD471207 POWEREX-PD471207 Datasheet
373Kb / 5P
   POW-R-BLOKTM Dual Diode / SCR Isolated Module 700 Amperes / Up to 1800 Volts
PD4207 POWEREX-PD4207 Datasheet
98Kb / 5P
   POW-R-BLOK Dual SCR / Diode Isolated Module (700 Amperes / Up to 1800 Volts)
logo
Power Integrations, Inc...
CD421690B POWERINT-CD421690B Datasheet
120Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1800 Volts
logo
Powerex Power Semicondu...
PD421407 POWEREX-PD421407 Datasheet
376Kb / 5P
   POW-R-BLOKTM Dual SCR / Diode Isolated Module 700 Amperes, Up to 1800 Volts
PD4707 POWEREX-PD4707 Datasheet
98Kb / 5P
   POW-R-BLOK Dual SCR / Diode Isolated Module (700 Amperes / Up to 1800 Volts)
CD43_90B POWEREX-CD43_90B Datasheet
308Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes Up to 1800 Volts
PD4307 POWEREX-PD4307 Datasheet
99Kb / 5P
   POW-R-BLOK Dual SCR Isolated Module (700 Amperes / Up to 1800 Volts)
logo
Power Integrations, Inc...
CD431690B POWERINT-CD431690B Datasheet
308Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1800 Volts
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com