전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54ACTQ543FMQBF 데이터시트(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 54ACTQ543FMQBF
상세설명  Quiet Series Octal Registered Transceiver with TRI-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ543FMQBF 데이터시트(HTML) 4 Page - National Semiconductor (TI)

  54ACTQ543FMQBF Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ543FMQBF Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ543FMQBF Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ543FMQBF Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ543FMQBF Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ543FMQBF Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ543FMQBF Datasheet HTML 7Page - National Semiconductor (TI) 54ACTQ543FMQBF Datasheet HTML 8Page - National Semiconductor (TI) 54ACTQ543FMQBF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.5V to +7.0V
DC Input Diode Current (I
IK)
V
I = −0.5V
−20 mA
V
I = VCC + 0.5V
+20 mA
DC Input Voltage (V
I)
−0.5V to V
CC + 0.5V
DC Output Diode Current (I
OK)
V
O = −0.5V
−20 mA
V
O = VCC + 0.5V
+20 mA
DC Output Voltage (V
O)
−0.5V to V
CC + 0.5V
DC Output Source
or Sink Current (I
O)
±50 mA
DC V
CC or Ground Current
per Output Pin (I
CC or IGND)
±50 mA
Storage Temperature (T
STG)
−65˚C to +150˚C
DC Latch-up Source or
Sink Current
±300 mA
Junction Temperature (T
J)
CDIP
175˚C
Recommended Operating
Conditions
Supply Voltage V
CC
’ACTQ
4.5V to 5.5V
Input Voltage (V
I)
0VtoV
CC
Output Voltage (V
O)
0VtoV
CC
Operating Temperature (T
A) (Note 2)
54ACTQ
−55˚C to +125˚C
Minimum Input Edge Rate
∆V/∆t
’ACTQ Devices
V
IN from 0.8V to 2.0V
V
CC @ 4.5V, 5.5V
125 mV/ns
Note 1: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, without
exception, to ensure that the system design is reliable over its power supply,
temperature, and output/input loading variables. National does not recom-
mend operation of FACT® circuits outside databook specifications.
Note 2: All commercial packaging is not recommended for applications re-
quiring greater than 2000 temperature cycles from −40˚C to +125˚C.
DC Characteristics for ’ACTQ Family Devices
54ACTQ
Symbol
Parameter
V
CC
T
A =
Units
Conditions
(V)
−55˚C to +125˚C
Guaranteed Limits
V
IH
Minimum High Level
4.5
2.0
V
V
OUT = 0.1V
Input Voltage
5.5
2.0
or V
CC − 0.1V
V
IL
Maximum Low Level
4.5
0.8
V
V
OUT = 0.1V
Input Voltage
5.5
0.8
or V
CC − 0.1V
V
OH
Minimum High Level
4.5
4.4
V
I
OUT = −50 µA
Output Voltage
5.5
5.4
(Note 3)
V
IN = VIL or VIH
4.5
3.70
V
I
OH = −24 mA
5.5
4.70
I
OH = −24 mA
V
OL
Maximum Low Level
4.5
0.1
V
I
OUT = 50 µA
Output Voltage
5.5
0.1
(Note 3)
V
IN = VIL or VIH
4.5
0.50
V
I
OL =24mA
5.5
0.50
I
OL =24mA
I
IN
Maximum Input
5.5
±1.0
µA
V
I = VCC, GND
Leakage Current
I
OZT
Maximum I/O
5.5
±10
µA
V
(OE) = VIL,VIH
Leakage Current
V
O = VCC, GND
I
CCT
Maximum I
CC/Input
5.5
1.6
mA
V
I = VCC − 2.1V
I
OLD
Minimum Dynamic
Output Current
(Note 4)
5.5
mA
V
OLD = 1.65V Max
I
OHD
5.5
−50
mA
V
OHD = 3.85V Min
I
CC
Maximum Quiescent
5.5
160.0
µA
V
IN = VCC
Supply Current
or GND (Note 5)
www.national.com
4


유사한 부품 번호 - 54ACTQ543FMQBF

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54ACTQ541 NSC-54ACTQ541 Datasheet
117Kb / 6P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ541 NSC-54ACTQ541 Datasheet
25Kb / 7P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ541E-QMLV NSC-54ACTQ541E-QMLV Datasheet
25Kb / 7P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ541J-QMLV NSC-54ACTQ541J-QMLV Datasheet
25Kb / 7P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ541W-QMLV NSC-54ACTQ541W-QMLV Datasheet
25Kb / 7P
   Octal Buffer/Line Driver with TRI-STATE Outputs
More results

유사한 설명 - 54ACTQ543FMQBF

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54ACTQ544 NSC-54ACTQ544 Datasheet
144Kb / 8P
   Quiet Series Octal Registered Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACQ544 FAIRCHILD-74ACQ544 Datasheet
86Kb / 9P
   Quiet Series??Octal Registered Transceiver with 3-STATE Outputs
74ACQ543 FAIRCHILD-74ACQ543 Datasheet
93Kb / 9P
   Quiet Series??Octal Registered Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
54ACQ245 NSC-54ACQ245 Datasheet
153Kb / 8P
   Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
logo
Texas Instruments
54ACQ245 TI1-54ACQ245 Datasheet
198Kb / 10P
[Old version datasheet]   Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
54ACQ573 TI1-54ACQ573 Datasheet
213Kb / 10P
[Old version datasheet]   Quiet Series Octal Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ573 NSC-54ACQ573 Datasheet
168Kb / 8P
   Quiet Series Octal Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
54ABT543 NSC-54ABT543 Datasheet
160Kb / 8P
   Octal Registered Transceiver with TRI-STATE짰 Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com