전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL16C752CIPFBRQ1 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TL16C752CIPFBRQ1
상세설명  Dual UART
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C752CIPFBRQ1 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TL16C752CIPFBRQ1 Datasheet HTML 5Page - Texas Instruments TL16C752CIPFBRQ1 Datasheet HTML 6Page - Texas Instruments TL16C752CIPFBRQ1 Datasheet HTML 7Page - Texas Instruments TL16C752CIPFBRQ1 Datasheet HTML 8Page - Texas Instruments TL16C752CIPFBRQ1 Datasheet HTML 9Page - Texas Instruments TL16C752CIPFBRQ1 Datasheet HTML 10Page - Texas Instruments TL16C752CIPFBRQ1 Datasheet HTML 11Page - Texas Instruments TL16C752CIPFBRQ1 Datasheet HTML 12Page - Texas Instruments TL16C752CIPFBRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
9
TL16C752CI-Q1
www.ti.com
SLLSEQ9A – OCTOBER 2015 – REVISED FEBRUARY 2016
Product Folder Links: TL16C752CI-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CI
Input capacitance
VCC = 0,
f = 1 MHz,
All other terminals grounded
VSS = 0,
TA = 25°C,
6
10
pF
CO
Output capacitance
VCC = 0,
f = 1 MHz,
All other terminals grounded
VSS = 0,
TA = 25°C,
10
15
pF
VCC = 3.3 V
VOH
High-level output voltage
IOH = –1.8 mA
2.4
V
VOL
Low-level output voltage
IOL = 3.2 mA
0.5
V
II
Input current
VCC = 3.6 V,
VI = 0 to 3.6 V,
VSS = 0,
All other terminals floating
10
μA
IOZ
High-impedance state
output current
VCC = 3.6 V,
VO = 0 to 3.6 V,
VSS = 0,
±20
μA
Chip selected in write mode or chip deselect
ICC
Supply current
VCC = 3.6 V,
TA = 70°C,
16
mA
DSR, CTS, and RI at 2 V,
All other inputs at 0.8 V,
No load on outputs,
XTAL1 at 32 MHz,
Baud rate = 2 Mbps
CI(CLK)
Clock input capacitance
VCC = 0,
f = 1 MHz,
All other terminals grounded
VSS = 0,
TA = 25°C,
5
7
pF
CO(CLK)
Clock output capacitance
VCC = 0,
f = 1 MHz,
All other terminals grounded
VSS = 0,
TA = 25°C,
5
7
pF
CI
Input capacitance
VCC = 0,
f = 1 MHz,
All other terminals grounded
VSS = 0,
TA = 25°C,
6
10
pF
CO
Output capacitance
VCC = 0,
f = 1 MHz,
All other terminals grounded
VSS = 0,
TA = 25°C,
10
15
pF
VCC = 5 V
VOH
High-level output voltage
IOH = –4 mA
4
V
VOL
Low-level output voltage
IOL = 4 mA
0.5
V
II
Input current
VCC = 5.5 V,
VI = 0 to 5.5 V,
VSS = 0,
All other terminals floating
10
μA
IOZ
High-impedance state
output current
VCC = 5.5 V,
VO = 0 to 5.5 V,
VSS = 0,
±20
μA
Chip selected in write mode or chip deselect
ICC
Supply current
VCC = 5.5 V,
TA = 70°C,
40
mA
DSR, CTS, and RI at 2 V,
All other inputs at 0.8 V,
No load on outputs,
XTAL1 at 48 MHz,
Baud rate = 3 Mbps
CI(CLK)
Clock input capacitance
VCC = 0,
f = 1 MHz,
All other terminals grounded
VSS = 0,
TA = 25°C,
5
7
pF
CO(CLK)
Clock output capacitance
VCC = 0,
f = 1 MHz,
All other terminals grounded
VSS = 0,
TA = 25°C,
5
7
pF
CI
Input capacitance
VCC = 0,
f = 1 MHz,
All other terminals grounded
VSS = 0,
TA = 25°C,
6
10
pF
CO
Output capacitance
VCC = 0,
f = 1 MHz,
All other terminals grounded
VSS = 0,
TA = 25°C,
10
15
pF


유사한 부품 번호 - TL16C752CIPFBRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL16C752CIPFBR TI-TL16C752CIPFBR Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
More results

유사한 설명 - TL16C752CIPFBRQ1

제조업체부품명데이터시트상세설명
logo
IMP, Inc
EI68C681 IMP-EI68C681 Datasheet
37Kb / 2P
   DUAL UART
logo
A1 PROs co., Ltd.
EI68C681 A1PROS-EI68C681 Datasheet
44Kb / 2P
   DUAL UART
logo
Texas Instruments
NS16C2552 TI1-NS16C2552_17 Datasheet
1Mb / 53P
[Old version datasheet]   Dual Independent UART
logo
Exar Corporation
XR88C681 EXAR-XR88C681 Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
logo
Future Technology Devic...
FT2232L FTDI-FT2232L Datasheet
935Kb / 51P
   Dual USB UART / FIFO I.C.
FT2232C FTDI-FT2232C_04 Datasheet
1,022Kb / 54P
   Dual USB UART / FIFO I.C.
logo
Exar Corporation
XR68C681 EXAR-XR68C681 Datasheet
1Mb / 75P
   CMOS Dual Channel UART (DUART)
logo
Future Technology Devic...
FT2232D FTDI-FT2232D Datasheet
952Kb / 56P
   Dual USB UART/FIFO I.C.
logo
Exar Corporation
XR88C681 EXAR-XR88C681_06 Datasheet
2Mb / 101P
   CMOS Dual Channel UART (DUART)
logo
Laird Tech Smart Techno...
BT830 LSTD-BT830 Datasheet
2Mb / 40P
   Dual-Mode UART HCI Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com