전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BUZ30A 데이터시트(PDF) 1 Page - Infineon Technologies AG

부품명 BUZ30A
상세설명  SIPMOS Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BUZ30A 데이터시트(HTML) 1 Page - Infineon Technologies AG

  BUZ30A Datasheet HTML 1Page - Infineon Technologies AG BUZ30A Datasheet HTML 2Page - Infineon Technologies AG BUZ30A Datasheet HTML 3Page - Infineon Technologies AG BUZ30A Datasheet HTML 4Page - Infineon Technologies AG BUZ30A Datasheet HTML 5Page - Infineon Technologies AG BUZ30A Datasheet HTML 6Page - Infineon Technologies AG BUZ30A Datasheet HTML 7Page - Infineon Technologies AG BUZ30A Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BUZ 30A
Data Sheet
1
06.99
SIPMOS ® Power Transistor
• N channel
• Enhancement mode
• Avalanche-rated
Pin 1
Pin 2
Pin 3
G
D
S
Type
VDS
ID
RDS(on)
Package
Ordering Code
BUZ 30A
200 V
21 A
0.13
TO-220 AB
C67078-S1303-A3
Maximum Ratings
Parameter
Symbol
Values
Unit
Continuous drain current
TC = 26 ˚C
ID
21
A
Pulsed drain current
TC = 25 ˚C
IDpuls
84
Avalanche current,limited by
Tjmax
IAR
21
Avalanche energy,periodic limited by
Tjmax
EAR
12
mJ
Avalanche energy, single pulse
ID = 21 A, VDD = 50 V, RGS = 25
L = 1.53 mH, Tj = 25 ˚C
EAS
450
Gate source voltage
VGS
± 20
V
Power dissipation
TC = 25 ˚C
Ptot
125
W
Operating temperature
Tj
-55 ... + 150
˚C
Storage temperature
Tstg
-55 ... + 150
Thermal resistance, chip case
RthJC
1
K/W
Thermal resistance, chip to ambient
RthJA
75
DIN humidity category, DIN 40 040
E
IEC climatic category, DIN IEC 68-1
55 / 150 / 56


유사한 부품 번호 - BUZ30A

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BUZ30A SIEMENS-BUZ30A Datasheet
207Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
New Jersey Semi-Conduct...
BUZ30A NJSEMI-BUZ30A Datasheet
104Kb / 4P
   Enhancement mode
logo
Inchange Semiconductor ...
BUZ30A ISC-BUZ30A Datasheet
66Kb / 2P
   High current capability
logo
Infineon Technologies A...
BUZ30AH INFINEON-BUZ30AH Datasheet
1Mb / 10P
   SIPMOS Power Transistor
Rev. 2.5 2010-07-02
logo
Inchange Semiconductor ...
BUZ30AH ISC-BUZ30AH Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
More results

유사한 설명 - BUZ30A

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com