전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BUZ61A 데이터시트(PDF) 6 Page - Infineon Technologies AG

부품명 BUZ61A
상세설명  SIPMOS Power Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BUZ61A 데이터시트(HTML) 6 Page - Infineon Technologies AG

  BUZ61A Datasheet HTML 1Page - Infineon Technologies AG BUZ61A Datasheet HTML 2Page - Infineon Technologies AG BUZ61A Datasheet HTML 3Page - Infineon Technologies AG BUZ61A Datasheet HTML 4Page - Infineon Technologies AG BUZ61A Datasheet HTML 5Page - Infineon Technologies AG BUZ61A Datasheet HTML 6Page - Infineon Technologies AG BUZ61A Datasheet HTML 7Page - Infineon Technologies AG BUZ61A Datasheet HTML 8Page - Infineon Technologies AG BUZ61A Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Semiconductor Group
6
07/96
BUZ 61 A
Typ. output characteristics
ID = ƒ(VDS)
parameter: t
p = 80 µs
0
4
8
12
16
20
V
28
V
DS
0
2
4
6
8
10
12
14
16
18
20
22
A
26
I
D
V
GS
[V]
a
a 4.0
b
b 4.5
c
c
5.0
d
d 5.5
e
e 6.0
f
f
6.5
g
g 7.0
h
h 7.5
i
i
8.0
j
j
9.0
k
k 10.0
l
Ptot = 150W
l 20.0
Typ. drain-source on-resistance
RDS (on) = ƒ(ID)
parameter: V
GS
0
2
4
6
8
10
12
14
16
A
20
I
D
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.6
R
DS (on)
VGS [V] =
a
4.0
VGS [V] =
a
a
4.5
b
b
5.0
c
c
5.5
d
d
6.0
e
e
6.5
f
f
7.0
g
g
7.5
h
h
8.0
i
i
9.0
j
j
10.0
k
k
20.0
Typ. transfer characteristics ID = f (VGS)
parameter: tp = 80 µs
VDS2 x ID x RDS(on)max
0
1
2
3
4
5
6
7
8
V
10
V
GS
0
2
4
6
8
10
12
A
16
I
D
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 µs,
VDS2 x ID x RDS(on)max
0
2
4
6
8
10
12
A
15
I
D
0
1
2
3
4
5
6
7
8
9
10
11
12
S
14
g
fs


유사한 부품 번호 - BUZ61A

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BUZ61A SIEMENS-BUZ61A Datasheet
187Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Inchange Semiconductor ...
BUZ61A ISC-BUZ61A Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - BUZ61A

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com