전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD101BW 데이터시트(PDF) 1 Page - Shunye Enterprise

부품명 SD101BW
상세설명  SCHOTTKY DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHUNYE [Shunye Enterprise]
홈페이지  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shunye Enterprise

SD101BW 데이터시트(HTML) 1 Page - Shunye Enterprise

  SD101BW Datasheet HTML 1Page - Shunye Enterprise SD101BW Datasheet HTML 2Page - Shunye Enterprise  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SD101AW-SD101CW
SCHOTTKY DIODES
Case: Molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on case
Marking: SD101AW:S1, SD101BW:S2, SD101CW:S3
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
60
SD101AW
15
50
2
.0
400
300
-65 to +125
Low forward voltage drop
Guard ring construction for transient protection
Negligible reverse recovery time
Maximum ratings and electrical characteristics, Single diode @TA=25
C
VOLTS
SYMBOLS
UNITS
VRRM
VRWM
VDC
Peak repetitive peak reverse voltage
Working peak reverse voltage
DC Blocking voltage
RMS Reverse voltage
Forward continuous current
Repetitive peak forward current @t
<1.0s
@t=10
us
Power dissipation
Thermal resistance junction to ambient
Storage temperature
RΘJA
TSTG
V
mA
mA
A
mW
C/W
C
SD101BW
SD101CW
50
40
42
35
28
VR(RMS)
IFM
IFRM
Pd
Electrical ratings @TA=25
C
SYMBOLS
Conditions
V(BR)R
VF
IRM
CT
trr
Reverse breakdown voltage
SD101AW
SD101BW
SD101CW
Fowrard voltage
SD101AW
SD101BW
SD101CW
SD101AW
SD101BW
SD101CW
Reverse current
SD101AW
SD101BW
SD101CW
Capacitance between terminals
SD101AW
SD101BW
SD101CW
Reverse recovery time
PARAMETER
PARAMETER
Min.
Typ.
Max.
Unit
60
50
40
0.41
0.40
0.39
1.00
0.95
0.90
0.2
2.0
2.1
2.2
1.0
V
V
uA
pF
ns
IR=10
uA
IR=10
uA
IR=10
uA
IF=1.0mA
IF=1.0mA
IF=1.0mA
IF=15mA
IF=15mA
IF=15mA
VR=50V
VR=40V
VR=30V
VR=0V,f=1.0MHz
IF=IR=5mA
Irr=0.1XIR,RL=100
1.15(.045)
1.05(.041)
.25(.010)
MIN
SOD-123
1.80(.071)
1.40(.055)
3.86(0.152)
3.56(0.145)
2.84(0.112)
2.54(0.100)
.71(0.028)
.50(0.020)
1.35(.053)
.94(.037)
.15(.006)
MAX
.135(.005)
.127(.004)
0.6(.023)
0.5(.020)
3.9(0.154)
3.7(0.146)
1.65(.065)
1.55(.061)
2.7(0.106)
2.6(0.102)
Dimensions in millimeters and (inches)
www.shunyegroup.com.cn


유사한 부품 번호 - SD101BW

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
SD101BW DIODES-SD101BW Datasheet
70Kb / 2P
   SCHOTTKY BARRIER SWITCHING DIODE
DS11012 Rev. 9 - 2
logo
Diotec Semiconductor
SD101BW DIOTEC-SD101BW Datasheet
137Kb / 2P
   SMD Small Signal Schottky Diodes
logo
Weitron Technology
SD101BW WEITRON-SD101BW Datasheet
280Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
SeCoS Halbleitertechnol...
SD101BW SECOS-SD101BW Datasheet
155Kb / 2P
   Plastic-Encapsulate Schottky Diodes
logo
General Semiconductor
SD101BW GE-SD101BW Datasheet
104Kb / 3P
   Schottky Diodes
More results

유사한 설명 - SD101BW

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com