전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STB130N6F7 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STB130N6F7
상세설명  Low Crss/Ciss ratio for EMI immunity
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB130N6F7 데이터시트(HTML) 3 Page - STMicroelectronics

  STB130N6F7 Datasheet HTML 1Page - STMicroelectronics STB130N6F7 Datasheet HTML 2Page - STMicroelectronics STB130N6F7 Datasheet HTML 3Page - STMicroelectronics STB130N6F7 Datasheet HTML 4Page - STMicroelectronics STB130N6F7 Datasheet HTML 5Page - STMicroelectronics STB130N6F7 Datasheet HTML 6Page - STMicroelectronics STB130N6F7 Datasheet HTML 7Page - STMicroelectronics STB130N6F7 Datasheet HTML 8Page - STMicroelectronics STB130N6F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STB130N6F7
Electrical ratings
DocID027380 Rev 5
3/14
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
60
V
VGS
Gate-source voltage
±20
V
ID(1)
Drain current (continuous) at Tcase = 25 °C
80
A
Drain current (continuous) at Tcase = 100 °C
80
IDM(2)
Drain current (pulsed)
320
A
PTOT
Total dissipation at Tcase = 25 °C
160
W
EAS(3)
Single pulse avalanche energy
200
mJ
Tstg
Storage temperature
-55 to 175
°C
Tj
Operating junction temperature
Notes:
(1) Current is limited by package.
(2) Pulse width is limited by safe operating area.
(3) starting Tj = 25 °C, ID = 20 A, VDD = 40 V.
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
0.94
°C/W
Rthj-amb(1)
Thermal resistance junction-ambient
35
Notes:
(1) When mounted on a 1-inch² FR-4, 2 Oz copper board.


유사한 부품 번호 - STB130N6F7

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
STB130N6F7-2 ISC-STB130N6F7-2 Datasheet
295Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

유사한 설명 - STB130N6F7

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQD7P20TF FAIRCHILD-FQD7P20TF Datasheet
737Kb / 9P
   Low Crss(typical 25 pF)
logo
New Japan Radio
NJMOP277 NJRC-NJMOP277 Datasheet
3Mb / 24P
   Excellent EMI Immunity Low Noise, Precision Operational Amplifiers
Ver.2.0
logo
Rohm
LM8391EYG-C ROHM-LM8391EYG-C Datasheet
1Mb / 22P
   Automotive Excellent EMI Immunity Ground Sense Comparators
20.Feb.2023 Rev.001
LM2902EYFV-C ROHM-LM2902EYFV-C Datasheet
1Mb / 24P
   Automotive Excellent EMI Immunity Ground Sense Operational Amplifier
22.Jun.2023 Rev.001
logo
Nisshinbo Micro Devices...
NJU7721X NISSHINBO-NJU7721X Datasheet
2Mb / 33P
   Ultra Low Power, Excellent EMI Immunity, Rail-to-Rail Input, CMOS Comparator
June 30, 2022 Ver.0.1
logo
Central Semiconductor C...
CQ220-8M3 CENTRAL-CQ220-8M3 Datasheet
495Kb / 4P
   3Q technology for noise immunity
logo
New Japan Radio
NJU7066 NJRC-NJU7066 Datasheet
1Mb / 18P
   PRECISION, LOW NOISE, RAIL-TO-RAIL OUTPUT, EXCELLENT EMI IMMUNITY, CMOS OPERATIONAL AMPLIFIERS
Ver.1.1
logo
Nisshinbo Micro Devices...
NJU77580 NISSHINBO-NJU77580 Datasheet
1Mb / 33P
   20MHz, Low noise, Excellent EMI Immunity, Rail-to-rail I/O, Operational Amplifiers
May 24, 2022 Ver.1.2
NJU77572 NISSHINBO-NJU77572 Datasheet
1Mb / 22P
   10MHz, Low noise, Excellent EMI Immunity, Rail-to-rail I/O, Operational Amplifiers
June 29, 2022 Ver.1.0
logo
New Japan Radio
NJU77240 NJRC-NJU77240 Datasheet
1Mb / 25P
   Excellent EMI Immunity Rail-to-Rail Input, Open-Drain Output Low power CMOS Comparators
Ver.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com