전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGIF7CH60TS-L 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STGIF7CH60TS-L
상세설명  SLLIMM??- 2nd series IPM, 3-phase inverter, 10 A, 600 V short-circuit rugged IGBTs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIF7CH60TS-L 데이터시트(HTML) 1 Page - STMicroelectronics

  STGIF7CH60TS-L Datasheet HTML 1Page - STMicroelectronics STGIF7CH60TS-L Datasheet HTML 2Page - STMicroelectronics STGIF7CH60TS-L Datasheet HTML 3Page - STMicroelectronics STGIF7CH60TS-L Datasheet HTML 4Page - STMicroelectronics STGIF7CH60TS-L Datasheet HTML 5Page - STMicroelectronics STGIF7CH60TS-L Datasheet HTML 6Page - STMicroelectronics STGIF7CH60TS-L Datasheet HTML 7Page - STMicroelectronics STGIF7CH60TS-L Datasheet HTML 8Page - STMicroelectronics STGIF7CH60TS-L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
This is information on a product in full production.
December 2015
DocID026580 Rev 6
1/25
STGIF7CH60TS-L
SLLIMM™ - 2nd series
IPM, 3-phase inverter, 10 A, 600 V short-circuit rugged IGBTs
Datasheet
- production data
Features
• IPM 10 A, 600 V 3-phase IGBT inverter bridge
including 2 control ICs for gate driving and
freewheeling diodes
• 3.3 V, 5 V TTL/CMOS inputs with hysteresis
• Internal bootstrap diode
• Undervoltage lockout of gate drivers
• Smart shutdown function
• Short-circuit protection
• Shutdown input/fault output
• Separate open emitter outputs
• Built-in temperature sensor
• Comparator for fault protection
• Short-circuit rugged TFS IGBTs
• Very fast, soft recovery diodes
• 85 kΩ NTC UL 1434 CA 4 recognized
• Fully isolated package
• Isolation rating of 1500 Vrms/min
Applications
• 3-phase inverters for motor drives
• Home appliances such as washing machines,
refrigerators, air conditioners and sewing
machines
Description
This second series of SLLIMM (small low-loss
intelligent molded module) provides a compact,
high performance AC motor drive in a simple,
rugged design. It combines new ST proprietary
control ICs (one LS and one HS driver) with an
improved short-circuit rugged trench gate field-
stop (TFS) IGBT, making it ideal for 3-phase
inverter systems such as home appliances and air
conditioners. SLLIMM™ is a trademark of
STMicroelectronics.
Table 1. Device summary
Order code
Marking
Package
Packing
STGIF7CH60TS-L
GIF7CH60TS-L
SDIP2F-26L
Tube
www.st.com


유사한 부품 번호 - STGIF7CH60TS-L

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGIF7CH60TS-LZ STMICROELECTRONICS-STGIF7CH60TS-LZ Datasheet
933Kb / 24P
   SLLIMM - 2nd series IPM, 3-phase inverter, 10 A, 600 V, short‑circuit rugged IGBT
February 2022 Rev 1
More results

유사한 설명 - STGIF7CH60TS-L

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGIPQ8C60T-HZ STMICROELECTRONICS-STGIPQ8C60T-HZ Datasheet
697Kb / 25P
   SLLIMM??nano - 2nd series IPM, 3-phase inverter, 8 A, 600 V short-circuit rugged IGBTs
December 2016 Rev 3
STGIB30CH60TS-E STMICROELECTRONICS-STGIB30CH60TS-E Datasheet
572Kb / 22P
   SLLIMM™ - 2nd series IPM, 3-phase inverter, 30 A, 600 V short-circuit rugged IGBTs
August 2014 Rev 2
STGIB30CH60TS-L STMICROELECTRONICS-STGIB30CH60TS-L Datasheet
587Kb / 22P
   SLLIMM™ - 2nd series IPM, 3-phase inverter, 30 A, 600 V short-circuit rugged IGBTs
August 2014 Rev 2
STGIF7CH60TS-XZ STMICROELECTRONICS-STGIF7CH60TS-XZ Datasheet
596Kb / 24P
   SLLIMM - 2nd series IPM, 3-phase inverter, 10 A, 600 V, short‑circuit rugged IGBT
February 2022 Rev 1
STGIF7CH60TS-LZ STMICROELECTRONICS-STGIF7CH60TS-LZ Datasheet
933Kb / 24P
   SLLIMM - 2nd series IPM, 3-phase inverter, 10 A, 600 V, short‑circuit rugged IGBT
February 2022 Rev 1
STGIF7CH60TS-X STMICROELECTRONICS-STGIF7CH60TS-X Datasheet
571Kb / 24P
   SLLIMM - 2nd series IPM, 3-phase inverter, 10 A, 600 V, short‑circuit rugged IGBT
June 2021 Rev 5
STGIF7CH60S-X STMICROELECTRONICS-STGIF7CH60S-X Datasheet
881Kb / 23P
   SLLIMM - 2nd series IPM, 3-phase inverter, 10 A, 600 V, short‑circuit rugged IGBT
February 2022 Rev 1
STGIB20M60TS-L STMICROELECTRONICS-STGIB20M60TS-L Datasheet
731Kb / 24P
   SLLIMM - 2nd series IPM, 3-phase inverter, 25 A, 600 V short-circuit rugged IGBT
September 2021 Rev 8
STGIF5CH60TS-LZ STMICROELECTRONICS-STGIF5CH60TS-LZ Datasheet
932Kb / 24P
   SLLIMM - 2nd series IPM, 3-phase inverter, 8 A, 600 V, short‑circuit rugged IGBT
February 2022 Rev 1
STGIB20M60S-XZ STMICROELECTRONICS-STGIB20M60S-XZ Datasheet
632Kb / 23P
   SLLIMM - 2nd series IPM, 3-phase inverter, 25 A, 600 V short-circuit rugged IGBT
September 2021 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com