전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD13S523PWR 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 TPD13S523PWR
상세설명  13-Channel ESD Protection Solution
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPD13S523PWR 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TPD13S523PWR Datasheet HTML 7Page - Texas Instruments TPD13S523PWR Datasheet HTML 8Page - Texas Instruments TPD13S523PWR Datasheet HTML 9Page - Texas Instruments TPD13S523PWR Datasheet HTML 10Page - Texas Instruments TPD13S523PWR Datasheet HTML 11Page - Texas Instruments TPD13S523PWR Datasheet HTML 12Page - Texas Instruments TPD13S523PWR Datasheet HTML 13Page - Texas Instruments TPD13S523PWR Datasheet HTML 14Page - Texas Instruments TPD13S523PWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TPD13S523
www.ti.com
SLVSBC5D – MARCH 2012 – REVISED OCTOBER 2015
8.2.2.1 5V_SUPPLY Voltage Range
The TPD13S523 is capable of operating the 5V_SUPPLY up to 5.5 V, with recommended voltage from 4.5 V to
5.5 V. In this example, the supply range is 4.8 V to 5.3 V, which satisfies this requirement.
8.2.2.2 Maximum HDMI Data Rate
The TPD13S523 is capable of operating at HDMI data rates in excess of 3.4 Gbps, compliant to the HDMI 1.4
maximum data rate. In this example, the maximum HDMI 1.4 data rate of 3.4 Gbps has been chosen.
8.2.3 Application Curves
Figure 12. Eye Diagram Using EVM Without TPD13S523 for
Figure 13. Eye Diagram Using EVM With TPD13S523 for
the TMDS Lines
the TMDS Lines
at 1080p, 340-MHz Pixel Clock, 3.4 Gbps
at 1080p, 340-MHz Pixel Clock, 3.4 Gbps
9 Power Supply Recommendations
The designer must consider the requirement for the 5V_OUT voltage level. To ensure the voltage is within
tolerance under load, set 5V_SUPPLY to at least 4.8 V + VDROP (205 mV). Otherwise, TPD13S523 is a passive
ESD protection device and there is no need to power it.
10 Layout
10.1 Layout Guidelines
The TPD13S523 device offers little or no signal distortion during normal operation due to low I/O capacitance
and ultra-low leakage current specifications. In the event of an ESD stress, this device ensures that the core
circuitry is protected and the system is functioning properly. For proper operation, the following layout and design
guidelines should be followed:
1. Place the TPD13S523 as close to the connector as possible. This allows the TPD13S523 to remove the
energy associated with ESD strike before it reaches the internal circuitry of the system board.
2. Place two 0.1-
μF capacitors very close to the 5V_SUPPLY and 5V_OUT pins. These capacitors will help limit
the noise at the 5V_OUT power line, and also help with system level ESD protection.
3. Ensure that there is enough metallization for the GND pad. During normal operation, the TPD13S523 ESD
pins consume ultra-low leakage current. During the ESD event, GND pin will see multiple amps of current. A
sufficient current path enables safe discharge of all the energy associated with the ESD strike.
4. The critical routing paths for HDMI interface are the high-speed TMDS lines. With the PW package, all the
TMDS lines (pin Dxx) can be routed in a single signal plane and still maintain the differential coupling and
trace symmetry. This helps reduce the overall board manufacturing cost. The slow speed control lines can be
routed in another signal layer through vias.
5. If the UTILITY or any other pin is not utilizied, tie the pin to a ground rather than leave floating. Use a 75-
Ω
resistor to protect against shorts to ground.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPD13S523


유사한 부품 번호 - TPD13S523PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD13S523PWR TI1-TPD13S523PWR Datasheet
838Kb / 16P
[Old version datasheet]   13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
More results

유사한 설명 - TPD13S523PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD13S523 TI1-TPD13S523 Datasheet
838Kb / 16P
[Old version datasheet]   13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
logo
Unisonic Technologies
USB4S012 UTC-USB4S012_15 Datasheet
146Kb / 4P
   4-CHANNEL ESD SOLUTION
VGA7S019 UTC-VGA7S019_16 Datasheet
181Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
VGA7S019 UTC-VGA7S019 Datasheet
193Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
logo
Texas Instruments
TPD4S014 TI1-TPD4S014 Datasheet
681Kb / 15P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD
logo
ON Semiconductor
CM1242-33CP ONSEMI-CM1242-33CP_12 Datasheet
85Kb / 4P
   1-Channel ESD Protection
January, 2012 ??Rev. 6
logo
TECH PUBLIC Electronics...
TPD2E007DCKR-TP TECHPUBLIC-TPD2E007DCKR-TP Datasheet
1Mb / 4P
   2-Channel ESD Protection
logo
California Micro Device...
PACDN006 CALMIRCO-PACDN006 Datasheet
82Kb / 3P
   6 CHANNEL ESD PROTECTION ARRAY
PDN002 CALMIRCO-PDN002 Datasheet
37Kb / 1P
   17 CHANNEL ESD PROTECTION ARRAY
logo
FutureWafer Tech Co.,Lt...
FE05CAD FUTUREWAFER-FE05CAD Datasheet
929Kb / 4P
   Dual Channel ESD protection diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com