전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPTIC-33G1H5 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STPTIC-33G1H5
상세설명  Parascan tunable integrated capacitor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPTIC-33G1H5 데이터시트(HTML) 3 Page - STMicroelectronics

  STPTIC-33G1H5 Datasheet HTML 1Page - STMicroelectronics STPTIC-33G1H5 Datasheet HTML 2Page - STMicroelectronics STPTIC-33G1H5 Datasheet HTML 3Page - STMicroelectronics STPTIC-33G1H5 Datasheet HTML 4Page - STMicroelectronics STPTIC-33G1H5 Datasheet HTML 5Page - STMicroelectronics STPTIC-33G1H5 Datasheet HTML 6Page - STMicroelectronics STPTIC-33G1H5 Datasheet HTML 7Page - STMicroelectronics STPTIC-33G1H5 Datasheet HTML 8Page - STMicroelectronics STPTIC-33G1H5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DocID023772 Rev 4
3/13
STPTIC
Electrical characteristics
13
2
Electrical characteristics
Table 2. Absolute maximum ratings (limiting values)
Symbol
Parameter
Rating
Unit
PIN
Input peak power RFIN (CW mode)/all RF ports
+36
dBm
VESD(HBM) Human body model, JESD22-A114-B, all I/O
STPTIC-12
500
V
STPTIC-27
400(1)
1.
Currently failing around 400 V, improvement on going to withstand 500 V on 2p7 and 3p3.
STPTIC-33
400(1)
STPTIC-39
500
STPTIC-47
500
STPTIC-56
500
STPTIC-68
500
STPTIC-82
500
VESD(MM)
Machine model, JESD22-A114-B, all I/O
100
V
Tdevice
Device temperature
+125
°C
Tstg
Storage temperature
-55 to +150
Vx
Bias voltage
25
V
Table 3. Recommended operating conditions
Symbol
Parameter
Rating
Unit
Min.
Typ.
Max.
PIN
RF input power (50% duty cycle mode)
RFIN (LB)
RFIN (HB)
+35
+33
dBm
FOP
Operating frequency
700
3000
MHz
Tdevice
Device temperature
+100
°C
TOP
Operating temperature
-30
+85
Vx
Bias voltage
2
20
V


유사한 부품 번호 - STPTIC-33G1H5

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPTIC-33G1H5 STMICROELECTRONICS-STPTIC-33G1H5 Datasheet
264Kb / 10P
   Parascan tunable integrated capacitor
December 2015 Rev 1
More results

유사한 설명 - STPTIC-33G1H5

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPTIC-27L2 STMICROELECTRONICS-STPTIC-27L2 Datasheet
264Kb / 10P
   Parascan tunable integrated capacitor
December 2015 Rev 1
STPTIC-33G2 STMICROELECTRONICS-STPTIC-33G2 Datasheet
470Kb / 11P
   Parascan??tunable integrated capacitor
July 2015 Rev 1
STPTIC-56G2 STMICROELECTRONICS-STPTIC-56G2 Datasheet
471Kb / 11P
   Parascan??tunable integrated capacitor
July 2015 Rev 1
logo
Peregrine Semiconductor
PE64904 PSEMI-PE64904 Datasheet
602Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64102 PSEMI-PE64102 Datasheet
980Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64101 PSEMI-PE64101 Datasheet
579Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64905 PSEMI-PE64905 Datasheet
610Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64909 PSEMI-PE64909 Datasheet
376Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
logo
ON Semiconductor
TCP-3027HA ONSEMI-TCP-3027HA Datasheet
182Kb / 7P
   Passive Tunable Integrated Circuits
August, 2015 ??Rev. 2
TCP-3118H ONSEMI-TCP-3118H Datasheet
124Kb / 7P
   Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com