전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD1E10B06DPYR 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 TPD1E10B06DPYR
상세설명  Single-Channel ESD Protection Diode in 0402 Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E10B06DPYR 데이터시트(HTML) 4 Page - Texas Instruments

  TPD1E10B06DPYR Datasheet HTML 1Page - Texas Instruments TPD1E10B06DPYR Datasheet HTML 2Page - Texas Instruments TPD1E10B06DPYR Datasheet HTML 3Page - Texas Instruments TPD1E10B06DPYR Datasheet HTML 4Page - Texas Instruments TPD1E10B06DPYR Datasheet HTML 5Page - Texas Instruments TPD1E10B06DPYR Datasheet HTML 6Page - Texas Instruments TPD1E10B06DPYR Datasheet HTML 7Page - Texas Instruments TPD1E10B06DPYR Datasheet HTML 8Page - Texas Instruments TPD1E10B06DPYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TPD1E10B06
SLLSEB1D – FEBRUARY 2012 – REVISED NOVEMBER 2015
www.ti.com
6.4 Thermal Information
TPD1E10B06
THERMAL METRIC(1)
DPY (X1SON)
UNIT
2 PINS
RθJA
Junction-to-ambient thermal resistance
615.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
404.8
°C/W
RθJB
Junction-to-board thermal resistance
493.3
°C/W
ψJT
Junction-to-top characterization parameter
127.7
°C/W
ψJB
Junction-to-board characterization parameter
493.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
162
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VRWM
Reverse stand-off voltage
Pin 1 to 2 or Pin 2 to 1
5.5
V
ILEAK
Leakage current
Pin 1 = 5 V, Pin 2 = 0 V
100
nA
IPP = 1 A, tp = 8 to 20 μs
(1)
10
Clamp voltage with ESD strike on pin 1, pin 2
VClamp1,2
V
grounded.
IPP = 5 A, tp = 8 to 20 μs
(1)
14
IPP = 1 A, tp = 8 to 20 μs
(1)
8.5
Clamp voltage with ESD strike on pin 2, pin 1
VClamp2,1
V
grounded.
IPP = 5 A, tp = 8 to 20 μs
(1)
14
Pin 1 to Pin 2(2)
0.32
RDYN
Dynamic resistance
Ω
Pin 2 to Pin 1(2)
0.38
CIO
I/O capacitance
VIO = 2.5 V; ƒ = 1 MHz
12
pF
VBR1,2
Break-down voltage, pin 1 to pin 2
IIO = 1 mA
6
V
VBR2,1
Break-down voltage, pin 2 to pin 1
IIO = 1 mA
6
V
(1)
Nonrepetitive current pulse 8 to 20 µs exponentially decaying waveform according to IEC 61000-4-5
(2)
Extraction of RDYNAMIC using least squares fit of TLP characteristics between IPP = 10 A and IPP = 20 A.
4
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPD1E10B06


유사한 부품 번호 - TPD1E10B06DPYR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD1E10B06DPYR TI1-TPD1E10B06DPYR Datasheet
873Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06DPYR TI-TPD1E10B06DPYR Datasheet
1Mb / 24P
[Old version datasheet]   TPD1E10B06 Single-Channel ESD Protection Diode
TPD1E10B06DPYR TI-TPD1E10B06DPYR Datasheet
1Mb / 25P
[Old version datasheet]   TPD1E10B06 Single-Channel ESD Protection Diode
OCTOBER 2021
logo
Shanghai Leiditech Elec...
TPD1E10B06DPYR LEIDITECH-TPD1E10B06DPYR Datasheet
1Mb / 4P
   1-Line Bi-directional TVS Diode
Rev : 01.06.2018
logo
Guangdong Youtai Semico...
TPD1E10B06DPYR UMW-TPD1E10B06DPYR Datasheet
1,004Kb / 5P
   Provides system-level ESD protection for lowvoltage I/O interface
More results

유사한 설명 - TPD1E10B06DPYR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD1E10B06 TI1-TPD1E10B06_14 Datasheet
1Mb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06 Datasheet
873Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_14 Datasheet
901Kb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_15 Datasheet
788Kb / 18P
[Old version datasheet]   Single-Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09 Datasheet
681Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E6B06 TI1-TPD1E6B06_15 Datasheet
290Kb / 16P
[Old version datasheet]   Single-Channel ESD Protection Diode in 0201 Package
ESD351 TI1-ESD351 Datasheet
855Kb / 18P
[Old version datasheet]   1-Channel 30 kV ESD Protection Diode with Low Clamping Voltage in 0402 Package
ESD321 TI1-ESD321 Datasheet
331Kb / 16P
[Old version datasheet]   1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 Package
TPD1E6B06 TI-TPD1E6B06 Datasheet
324Kb / 10P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
TPD1E6B06 TI1-TPD1E6B06_14 Datasheet
420Kb / 13P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com