전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD3S714-Q1 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 TPD3S714-Q1
상세설명  Automotive USB 2.0 Interface Protection
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPD3S714-Q1 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TPD3S714-Q1 Datasheet HTML 4Page - Texas Instruments TPD3S714-Q1 Datasheet HTML 5Page - Texas Instruments TPD3S714-Q1 Datasheet HTML 6Page - Texas Instruments TPD3S714-Q1 Datasheet HTML 7Page - Texas Instruments TPD3S714-Q1 Datasheet HTML 8Page - Texas Instruments TPD3S714-Q1 Datasheet HTML 9Page - Texas Instruments TPD3S714-Q1 Datasheet HTML 10Page - Texas Instruments TPD3S714-Q1 Datasheet HTML 11Page - Texas Instruments TPD3S714-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
8
TPD3S714-Q1
SLVSCG4 – JANUARY 2016
www.ti.com
Product Folder Links: TPD3S714-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range, EN = 0 V, VBUS_SYS = 5 V, VIN = 3.3 V, VD+/VD-/D+/D-/VBUS_CON = float (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISHRT
Short-to-ground current
source
VBUS_CON
Current sourced from VBUS_SYS when device is
in short-circuit mode
150
350
mA
OVP CIRCUIT – VD+/VD–
VOVP(RISING)
Input overvoltage protection
threshold
VD+/VD–
Increase VD+ or VD- (with D+ and D-) from
3.3 V to 4.5 V. Measure the value at which
FLT is asserted
VIN +
0.6
VIN +
0.8
VIN + 1
V
VHYS(OVP)
Hysteresis on OVP
VD+/VD–
Difference between rising and falling OVP
thresholds on VD+/VD-
50
mV
VOVP(FALLING)
Input overvoltage protection
threshold
VD+/VD–
Decrease VD+ or VD- (with D+ or D-) from 4.5
V to 2 V. Measure the value at FLT is
deasserted
VIN +
0.525
VIN +
0.75
VIN +
0.975
V
SHORT TO BATTERY
V(VBUS_STB)
VBUS hotplug short-to-battery
tolerance
VBUS_CON
Charge battery-equivalent capacitor to test
voltage then discharge to pin under test
through a 1 meter, 18ga wire. (See the STB
Test Setup diagram for more details)
18
V
V(DATA_STB)
Data line hotplug short-to-
battery tolerance
VD+/VD-
18
V
DATA LINE SWITCHES – VD+ to D+ or VD- to D-
CON
Equivalent On Capacitance
Capacitance of D+/D- switches when enabled
- measure on connector side across bias
voltage
6.2
pF
RON
On Resistance
Measure resistance between D+ and VD+ or
D- and VD-, voltage between 0 and 0.4 V
4
6.5
Ω
RON(Flat)
On Resistance flatness
Measure resistance between D+ and VD+ or
D- and VD-, sweep voltage between 0 and 0.4
V
0.2
1
Ω
BWON
On Bandwidth (–3dB)
Measure S21 bandwidth from D+ to VD+ or D-
to VD- with voltage swing = 400 mVpp, VCM=
0.2 V
860
MHz
BWON_DIFF
On Bandwidth (–3dB)
Measure SDD21 bandwidth from D+ to VD+
and D- to VD- with voltage swing = 800 mVpp
differential, VCM= 0.2 V
1050
MHz
Xtalk
Crosstalk
Measure S21 bandwidth from D+ to VD- or D-
to VD+ with voltage swing = 400mVpp. Be
sure to terminate open sides to 50 ohms. f =
480 MHz
-34
dB
nFET SWITCH - Vbus
R(DISCHARGE)
Output discharge resistance
EN = 5 V, Set VBUS_CON = 5 V and measure
current flow to ground
12500
RDS_ON
Switch ON resistance
VBUS_CON = 5 V, IOUT = 0.5 A
63
150
m
Ω


유사한 부품 번호 - TPD3S714-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD3S713-Q1 TI1-TPD3S713-Q1 Datasheet
3Mb / 32P
[Old version datasheet]   TPD3S713-Q1 Automotive USB 2.0 Interface Protection with Adjustable Current Limit and Short-to-VBATT Protection
TPD3S713-Q1 TI-TPD3S713-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   TPD3S713-Q1 and TPD3S713A-Q1 Automotive USB 2.0 Interface Protection With Adjustable Current Limit and Short-to-VBATT Protection
REVISED APRIL 2023
TPD3S713-Q1 TI-TPD3S713-Q1_V01 Datasheet
2Mb / 38P
[Old version datasheet]   TPD3S713-Q1 and TPD3S713A-Q1 Automotive USB 2.0 Interface Protection With Adjustable Current Limit and Short-to-VBATT Protection
REVISED APRIL 2023
TPD3S713A-Q1 TI-TPD3S713A-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   TPD3S713-Q1 and TPD3S713A-Q1 Automotive USB 2.0 Interface Protection With Adjustable Current Limit and Short-to-VBATT Protection
REVISED APRIL 2023
TPD3S713AQRVCRQ1 TI-TPD3S713AQRVCRQ1 Datasheet
2Mb / 38P
[Old version datasheet]   TPD3S713-Q1 and TPD3S713A-Q1 Automotive USB 2.0 Interface Protection With Adjustable Current Limit and Short-to-VBATT Protection
REVISED APRIL 2023
More results

유사한 설명 - TPD3S714-Q1

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
NET2270 ETC2-NET2270 Datasheet
414Kb / 90P
   USB 2.0 Interface Controller
logo
Texas Instruments
TPD3S713-Q1 TI1-TPD3S713-Q1 Datasheet
3Mb / 32P
[Old version datasheet]   TPD3S713-Q1 Automotive USB 2.0 Interface Protection with Adjustable Current Limit and Short-to-VBATT Protection
TPD3S716-Q1 TI1-TPD3S716-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   Automotive USB 2.0 Interface Protection with Adjustable Current Limit and Short-to-Battery, Short-Circuit Protection
logo
STMicroelectronics
ECMF02-4CMX8 STMICROELECTRONICS-ECMF02-4CMX8 Datasheet
410Kb / 16P
   Common mode filter with ESD protection for USB 2.0 Interface
logo
List of Unclassifed Man...
KL5KUSB2CF ETC-KL5KUSB2CF Datasheet
24Kb / 2P
   USB 2.0 Controller - Quick Interface
logo
Bourns Electronic Solut...
MF-NSMF075-2 BOURNS-MF-NSMF075-2_11 Datasheet
854Kb / 1P
   USB 2.0 - ESD & Overcurrent Protection
logo
Texas Instruments
TPD3S713-Q1 TI-TPD3S713-Q1_V01 Datasheet
2Mb / 38P
[Old version datasheet]   TPD3S713-Q1 and TPD3S713A-Q1 Automotive USB 2.0 Interface Protection With Adjustable Current Limit and Short-to-VBATT Protection
REVISED APRIL 2023
logo
Synaptics Incorporated.
CX20705 CONEXANT-CX20705 Datasheet
643Kb / 2P
   USB 2.0 Compliant Audio Class Interface
logo
NXP Semiconductors
IP4220CZ6125 PHILIPS-IP4220CZ6125 Datasheet
227Kb / 9P
   Dual USB 2.0 integrated ESD protection
Rev. 5-8 July 2011
logo
Microchip Technology
USB3750 MICROCHIP-USB3750 Datasheet
446Kb / 31P
   USB 2.0 Protection IC with Battery
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com