전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD7S019-15RSVR 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 TPD7S019-15RSVR
상세설명  7-Channel Integrated ESD Solution for VGA Port
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPD7S019-15RSVR 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TPD7S019-15RSVR Datasheet HTML 3Page - Texas Instruments TPD7S019-15RSVR Datasheet HTML 4Page - Texas Instruments TPD7S019-15RSVR Datasheet HTML 5Page - Texas Instruments TPD7S019-15RSVR Datasheet HTML 6Page - Texas Instruments TPD7S019-15RSVR Datasheet HTML 7Page - Texas Instruments TPD7S019-15RSVR Datasheet HTML 8Page - Texas Instruments TPD7S019-15RSVR Datasheet HTML 9Page - Texas Instruments TPD7S019-15RSVR Datasheet HTML 10Page - Texas Instruments TPD7S019-15RSVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
VCC_VIDEO
VSYNC
VCC_DDC
BYP
GND
VIDEO1
DDC_IN1
DDC_IN2
DDC_OUT1
DDC_OUT2
VIDEO2
VIDEO3
SYNC_IN1
SYNC_OUT1
SYNC_IN2
SYNC_OUT2
RT
RT
TPD7S019
www.ti.com
SLLSE33C – AUGUST 2010 – REVISED NOVEMBER 2015
7 Detailed Description
7.1 Overview
The TPD7S019 is an integrated protection solution for VGA or DVI-I ports by providing high-speed ESD
protection, level-shifting and signal buffering. The TVS protection diodes for VIDEO signals, DDC signals and
SYNC signals provide robust ESD clamping that meets the IEC61000-4-2 standard for ±8-kV contact stress.
The signals run at high speed is minimally affected by the low capacitance added to each signal line. The
integrated level-shifters for the DDC signals help save external ICs. Two buffers on the HSYNC and VSYNC
signals convert TTL input level to CMOS output level, and it saves external components by integrating series
termination resistors connected to the SYNC_OUT pin. TPD7S019 takes in three signal rails to make the
signals compatible with different voltages on VIDEO, DDC and SYNC. The two package options provide the
latitude to choose between either small board area or easier layout and better signal integrity.
The end applications of this device include desktop and laptop PCs, set top boxes, TVs, and monitors.
7.2 Functional Block Diagram
7.3 Feature Description
TPD7S019 is an integrated protection solution for VGA and DVI-I ports. It has the low capacitance ESD TVS
diodes for the VIDEO signals to ensure high speed data transmission. Level-shifting on the DDC lines translate
signals on the cable to the level can be processed by downstream ICs. Buffers on the SYNC lines condition the
signal levels and quality. The integrated termination resistors help reduce external devices. TPD7S019 exceeds
IEC61000-4-2 (Level 4) ESD standard of ±8-kV contact discharge, making the system robust against system
level ESD. The two package options provide the freedom to choose between a compact package or a flow
through package.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPD7S019


유사한 부품 번호 - TPD7S019-15RSVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD7S019-15RSVR TI-TPD7S019-15RSVR Datasheet
703Kb / 12P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019-15RSVR TI1-TPD7S019-15RSVR Datasheet
836Kb / 14P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
More results

유사한 설명 - TPD7S019-15RSVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD7S019 TI-TPD7S019 Datasheet
703Kb / 12P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019_1008 TI1-TPD7S019_1008 Datasheet
836Kb / 14P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019 TI1-TPD7S019_14 Datasheet
1Mb / 18P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
logo
Unisonic Technologies
VGA7S019 UTC-VGA7S019_16 Datasheet
181Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
VGA7S019 UTC-VGA7S019 Datasheet
193Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
USB4S012 UTC-USB4S012_15 Datasheet
146Kb / 4P
   4-CHANNEL ESD SOLUTION
logo
Texas Instruments
TPD4S014 TI1-TPD4S014 Datasheet
681Kb / 15P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD
logo
Micrel Semiconductor
KSZ8695PX MICREL-KSZ8695PX Datasheet
1Mb / 40P
   Integrated Multi-Port PCI Gateway Solution
logo
Texas Instruments
TPD13S523 TI1-TPD13S523_15 Datasheet
1Mb / 23P
[Old version datasheet]   13-Channel ESD Protection Solution
TPD13S523 TI1-TPD13S523 Datasheet
838Kb / 16P
[Old version datasheet]   13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com