부품명
         상세내용
HYS64D32020GDL5C

 200-Pin Small Outline Dual-In-Line Memory Modules ( 30 Page)


INFINEON
100% 
Zoom Out Zoom In
 6 page
background image
Data Sheet
6
Rev. 1.0, 2004-03
200-Pin Small Outline Dual-In-Line Memory Modules
SO-DIMM
HYS64D32020[H/G]DL–5–C
HYS64D[32020/16000][H/G]DL–6–C
1Overview
1.1
Features
Non-parity 200-Pin Small Outline Dual-In-Line Memory Modules
One rank 16M
×64 and two ranks 32M ×64 organization
JEDEC standard Double Data Rate Synchronous DRAMs (DDR SDRAM)
•Single +2.5 V (
± 0.2 V) power supply
Built with 256 Mbit DDR SDRAMs organised as
×16 in P–TSOPII–66–1 packages
Programmable CAS Latency, Burst Length, and Wrap Sequence (Sequential & Interleave)
Auto Refresh (CBR) and Self Refresh
All inputs and outputs SSTL_2 compatible
Serial Presence Detect with E
2PROM
Jedec standard form factor: 67.60 mm
× 31.75 mm × 2.4 / 3.80 mm
Jedec standard reference layout Raw Cards A and C
Gold plated contacts
Table 1
Performance
2
Description
The HYS64D32020[H/G]DL–5–C and HYS64D[32020/16000][H/G]DL–6–C are industry standard 200-Pin Small
Outline Dual-In-Line Memory Modules (SO-DIMMs) organized as 32M
× 64 and 16M × 64. The memory array is
designed with Double Data Rate Synchronous DRAMs (DDR SDRAM). A variety of decoupling capacitors are
mounted on the PC board. The DIMMs feature serial presence detect based on a serial E
2PROM device using the
2-pin I
2C protocol. The first 128 bytes are programmed with configuration data and the second 128 bytes are
available to the customer.
Part Number Speed Code
–5
–6Unit
Speed Grade
Component
DDR400B
DDR333B
Module
PC3200–3033
PC2700–2533
max. Clock Frequency
@CL3
f
CK3
200
166
MHz
@CL2.5
f
CK2.5
166
166
MHz
@CL2
f
CK2
133
133
MHz
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 



관련 부품명

부품명상세내용Html View제조사
HYS64D16000200-Pin Small Outline Dual-In-Line Memory Modules 1 2 3 4 5 MoreInfineon Technologies AG
HYS64D32020GDL200-Pin Small Outline Dual-In-Line Memory Modules 1 2 3 4 5 MoreInfineon Technologies AG
HYS64D64020GBDL200-Pin Small Outline Dual-In-Line Memory Modules 1 2 3 4 5 MoreInfineon Technologies AG
HYS64D64020GDL200-Pin Small Outline Dual-In-Line Memory Modules 1 2 3 4 5 MoreInfineon Technologies AG
HYS64D64020HBDL200-Pin Small Outline Dual-In-Line Memory Modules 1 2 3 4 5 MoreInfineon Technologies AG
HYS64D128021200-Pin Small Outline Dual-In-Line Memory Modules 1 2 3 4 5 MoreInfineon Technologies AG
HYS64T32000GDL200-Pin Small Outline Dual-In-Line Memory Module 1 2 3 4 5 MoreInfineon Technologies AG
HYS64D16301GU184-Pin Unbuffered Dual-In-Line Memory Modules 1 2 3 4 5 MoreInfineon Technologies AG
HYS64D16301HU-5-C184-Pin Unbuffered Dual-In-Line Memory Modules 1 2 3 4 5 MoreInfineon Technologies AG
HYM324000GD-504M x 32-Bit Dynamic RAM Module SMALL OUTLINE MEMORY MODULE 1 2 3 4 5 MoreSiemens Semiconductor Group

링크 URL

Alldatasheet 제휴사


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인 정보 보호 정책   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl