부품명
         상세내용
HYS64D64320HU-5-C

 184-Pin Unbuffered Dual-In-Line Memory Modules ( 35 Page)


INFINEON
100% 
Zoom Out Zoom In
 6 page
background image
Data Sheet
6
V1.0, 2003-07
184-Pin Unbuffered Dual-In-Line Memory Modules
Reg DIMM
HYS[64/72]D64x20HU-[5/6]-C
HYS[64/72]D32x00HU-[5/6]-C
HYS64D16x01HU-[5/6]-C
1
Overview
1.1
Features
184-Pin Unbuffered Dual-In-Line Memory Modules (ECC and non-parity) for PC and Server main memory
applications
One rank 16M x 64, 32M
× 64, 32M × 72 and two ranks 64M × 64, 64M × 72 organization
JEDEC standard Double Data Rate Synchronous DRAMs (DDR SDRAM) Single +2.5V (
±0.2V) power supply
Built with 256 Mbit DDR SDRAM in P-TSOPII-66-1 package
Programmable CAS Latency, Burst Length, and Wrap Sequence (Sequential & Interleave)
Auto Refresh (CBR) and Self Refresh
All inputs and outputs SSTL_2 compatible
Serial Presence Detect with E
2PROM
JEDEC standard MO-206 form factor: 133.35 mm
× 31.75 mm × 4.00 mm max.
Jedec standard reference layout
Gold plated contacts
DDR400 Speed Grade supported
Lead-free
1.2
Description
The HYS[64/72]D64x20HU-[5/6]-C, HYS[64/72]D32x00HU-[5/6]-C, and HYS64D16x01HU-[5/6]-C are industry
standard 184-Pin Unbuffered Dual-In-Line Memory Modules (Reg DIMM) organized as 16M
× 64, 32M × 64 and
64M
× 64 for non-parity and 32M × 72 and 64M × 72 for ECC main memory applications. The memory array is
designed with 256Mbit Double Data Rate Synchronous DRAMs. A variety of decoupling capacitors are mounted
on the printed circuit board. The DIMMs feature serial presence detect (SPD) based on a serial E
2PROM device
using the 2-pin I
2C protocol. The first 128 bytes are programmed with configuration data and the second 128 bytes
are available to the customer
Table 1
Performance
Part Number Speed Code
–5
–6Unit
Module Speed Grade
DDR400B
DDR333B
Component Module
PC3200-3033
PC2700-2533
max. Clock Frequency
@ CL = 3
f
CK3
200
166
MHz
@ CL = 2.5
f
CK2.5
166
166
MHz
@ CL = 2
f
CK2
133
133
MHz
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 



관련 부품명

부품명상세내용Html View제조사
HYS64D16301GU184-Pin Unbuffered Dual-In-Line Memory Modules 1 2 3 4 5 MoreInfineon Technologies AG
HYS64D64300GU184-Pin Unbuffered Dual-In-Line Memory Modules 1 2 3 4 5 MoreInfineon Technologies AG
HYS64D16000200-Pin Small Outline Dual-In-Line Memory Modules 1 2 3 4 5 MoreInfineon Technologies AG
HYS64D128320GU-6-A2.5 V 184-pin Unbuffered DDR-I SDRAM Modules 1 2 3 4 5 MoreInfineon Technologies AG
HYS64D32020GDL5C200-Pin Small Outline Dual-In-Line Memory Modules 1 2 3 4 5 MoreInfineon Technologies AG
HYS64D32020GDL200-Pin Small Outline Dual-In-Line Memory Modules 1 2 3 4 5 MoreInfineon Technologies AG
HYS64D64020GBDL200-Pin Small Outline Dual-In-Line Memory Modules 1 2 3 4 5 MoreInfineon Technologies AG
HYS64D64020GDL200-Pin Small Outline Dual-In-Line Memory Modules 1 2 3 4 5 MoreInfineon Technologies AG
HYS64D64020HBDL200-Pin Small Outline Dual-In-Line Memory Modules 1 2 3 4 5 MoreInfineon Technologies AG
HYS64D128021200-Pin Small Outline Dual-In-Line Memory Modules 1 2 3 4 5 MoreInfineon Technologies AG

링크 URL

Alldatasheet 제휴사


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인 정보 보호 정책   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl